Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10MQ100NPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 10MQ100NPBF
Description  Schottky Rectifier, 2.1 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10MQ100NPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  10MQ100NPBF Datasheet HTML 1Page - Vishay Siliconix 10MQ100NPBF Datasheet HTML 2Page - Vishay Siliconix 10MQ100NPBF Datasheet HTML 3Page - Vishay Siliconix 10MQ100NPBF Datasheet HTML 4Page - Vishay Siliconix 10MQ100NPBF Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94119
4
Revision: 16-Apr-08
10MQ100NPbF
Vishay High Power Products Schottky Rectifier, 2.1 A
ORDERING INFORMATION TABLE
1
-
Current rating
2
-
M = SMA
3
-
Q = Schottky “Q” series
4
-
Voltage rating (100 = 100 V)
5
-
N = New SMA
6
-
None = Box (1000 pieces)
TR = Tape and reel (7500 pieces)
7
-
None = Standard production
PbF = Lead (Pb)-free
Device code
5
13
24
67
10
M
Q
100
N
TR
PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95018
Part marking information
http://www.vishay.com/doc?95029
Packaging information
http://www.vishay.com/doc?95034


Similar Part No. - 10MQ100NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10MQ100NPBF IRF-10MQ100NPBF Datasheet
173Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
10MQ100NPBF VISHAY-10MQ100NPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 2.1 A
Revision: 03-Mar-10
10MQ100NPBF VISHAY-10MQ100NPBF_10 Datasheet
111Kb / 6P
   Schottky Rectifier, 2.1 A
Revision: 03-Mar-10
More results

Similar Description - 10MQ100NPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20MQ060NPBF VISHAY-20MQ060NPBF_10 Datasheet
112Kb / 6P
   Schottky Rectifier, 2.1 A
Revision: 26-Oct-10
VS-10MQ060NPBF VISHAY-VS-10MQ060NPBF Datasheet
110Kb / 6P
   Schottky Rectifier, 2.1 A
Revision: 03-Mar-10
10MQ060NPBF VISHAY-10MQ060NPBF Datasheet
105Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 16-Apr-08
20MQ060NPBF VISHAY-20MQ060NPBF Datasheet
95Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 24-Jul-08
20MQ100NPBF VISHAY-20MQ100NPBF_10 Datasheet
111Kb / 6P
   Schottky Rectifier, 2.1 A
Revision: 04-Mar-10
VS-10MQ100NPBF VISHAY-VS-10MQ100NPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 2.1 A
Revision: 03-Mar-10
20MQ040NPBF VISHAY-20MQ040NPBF Datasheet
95Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 01-Sep-08
10MQ040NPBF VISHAY-10MQ040NPBF_10 Datasheet
110Kb / 6P
   Schottky Rectifier, 2.1 A
Revision: 03-Mar-10
10MQ060NPBF VISHAY-10MQ060NPBF_10 Datasheet
110Kb / 6P
   Schottky Rectifier, 2.1 A
Revision: 03-Mar-10
20MQ040NPBF VISHAY-20MQ040NPBF_10 Datasheet
107Kb / 6P
   Schottky Rectifier, 2.1 A
Revision: 04-Mar-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com