Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6FR60M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 6FR60M
Description  Standard Recovery Diodes (Stud Version), 6 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6FR60M Datasheet(HTML) 1 Page - Vishay Siliconix

  6FR60M Datasheet HTML 1Page - Vishay Siliconix 6FR60M Datasheet HTML 2Page - Vishay Siliconix 6FR60M Datasheet HTML 3Page - Vishay Siliconix 6FR60M Datasheet HTML 4Page - Vishay Siliconix 6FR60M Datasheet HTML 5Page - Vishay Siliconix 6FR60M Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 93519
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 29-Sep-08
1
Standard Recovery Diodes
(Stud Version), 6 A
6F(R) Series
Vishay High Power Products
FEATURES
• High surge current capability
• Avalanche types available
• Stud cathode and stud anode version
• Wide current range
• Types up to 1200 V VRRM
• RoHS compliant
TYPICAL APPLICATIONS
• Converters
• Power supplies
• Machine tool controls
• Battery charges
ELECTRICAL SPECIFICATIONS
Note
(1) Avalanche version only available from VRRM 400 V to 1200 V
PRODUCT SUMMARY
IF(AV)
6 A
DO-203AA (DO-4)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IF(AV)
6A
TC
160
°C
IF(RMS)
9.5
A
IFSM
50 Hz
159
A
60 Hz
167
I2t
50 Hz
134
A2s
60 Hz
141
VRRM
Range
100 to 1200
V
TJ
- 65 to 175
°C
VOLTAGE RATINGS
TYPE
NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM
REPETITIVE PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK
REVERSE VOLTAGE
V
VR(BR), MINIMUM
AVALANCHE VOLTAGE
V (1)
IRRM MAXIMUM
AT TJ = 175 °C
mA
6F(R)
10
100
150
-
12
20
200
275
-
40
400
500
500
60
600
725
750
80
800
950
950
100
1000
1200
1150
120
1200
1400
1350


Similar Part No. - 6FR60M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6FR60M VISHAY-6FR60M Datasheet
142Kb / 7P
   Standard Recovery Diodes (Stud Version), 6 A
Revision: 29-Sep-08
More results

Similar Description - 6FR60M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16F VISHAY-16F_12 Datasheet
154Kb / 7P
   Standard Recovery Diodes (Stud Version), 6 A
Revision: 29-Sep-08
6FR VISHAY-6FR_12 Datasheet
142Kb / 7P
   Standard Recovery Diodes (Stud Version), 6 A
Revision: 29-Sep-08
VS-6FR VISHAY-VS-6FR_V01 Datasheet
154Kb / 6P
   Standard Recovery Diodes, (Stud Version), 6 A
01-Jan-2022
VS-6FR VISHAY-VS-6FR Datasheet
154Kb / 6P
   Standard Recovery Diodes (Stud Version), 6 A
Revision: 16-Nov-15
VS-6F VISHAY-VS-6F Datasheet
154Kb / 6P
   Standard Recovery Diodes(Stud Version), 6 A
Revision: 16-Nov-15
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com