Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBP10M Datasheet(PDF) 2 Page - Vishay Siliconix

Part # KBP10M
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KBP10M Datasheet(HTML) 2 Page - Vishay Siliconix

  KBP10M Datasheet HTML 1Page - Vishay Siliconix KBP10M Datasheet HTML 2Page - Vishay Siliconix KBP10M Datasheet HTML 3Page - Vishay Siliconix KBP10M Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KBP005M thru KBP10M, 3N246 thru 3N252
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88531
Revision: 15-Apr-08
2
Note:
(1) JEDEC registered values
Note:
(1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with, 0.47 x 0.47" (12 x 12 mm) copper pads
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST
CONDITIONS
SYMBOL
KBP
005M
KBP
01M
KBP
02M
KBP
04M
KBP
06M
KBP
08M
KBP
10M
UNIT
3N246
3N247
3N248
3N249
3N250
3N251
3N252
Maximum instantaneous forward
voltage drop per diode (1)
1.0 A
1.57 A
VF
1.0
1.3
V
Maximum DC reverse current
at rated DC blocking voltage
per diode (1)
TA = 25 °C
TA = 125 °C
IR
5.0
500
µA
Typical junction capacitance
per diode
4.0 V, 1 MHz
CJ
15
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
KBP
005M
KBP
01M
KBP
02M
KBP
04M
KBP
06M
KBP
08M
KBP
10M
UNIT
3N246
3N247
3N248
3N249
3N250
3N251
3N252
Typical thermal resistance (1)
RθJA
RθJL
40
13
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
KBP06M-E4/45
1.895
45
30
Tube
KBP06M-E4/51
1.895
51
600
Anti-static PVC tray
3N250-E4/45
1.895
45
30
Tube
3N250-E4/51
1.895
51
600
Anti-static PVC tray
Figure 1. Derating Curve Output Rectified Current
0
20
40
60
80
100
120
140 150
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Capacitive Load
(per leg)
Ambient Temperature (°C)
P.C.B. Mounted on
0.47 x 0.47" (12 x 12 mm)
Copper Pads
60 Hz Resistive or
Inductive Load
=
5.0
10
20
I
pk
I
AV
Figure 2. Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
0
10
1
100
10
20
30
40
50
60
Number of Cycles at 60 Hz
Single Half Sine-Wave
T
J = 150 °C
T
A = 25 °C
1.0 Cycle


Similar Part No. - KBP10M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBP10M WTE-KBP10M Datasheet
35Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
KBP10M GE-KBP10M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE RECTIFIER BRIDGE
logo
Vishay Siliconix
KBP10M VISHAY-KBP10M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Fairchild Semiconductor
KBP10M FAIRCHILD-KBP10M Datasheet
44Kb / 3P
   Bridge Rectifiers
logo
Won-Top Electronics
KBP10M WTE-KBP10M Datasheet
63Kb / 4P
   1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - KBP10M

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com