Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8ETH06STRR Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 8ETH06STRR
Description  Hyperfast Rectifier, 8 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8ETH06STRR Datasheet(HTML) 4 Page - Vishay Siliconix

  8ETH06STRR Datasheet HTML 1Page - Vishay Siliconix 8ETH06STRR Datasheet HTML 2Page - Vishay Siliconix 8ETH06STRR Datasheet HTML 3Page - Vishay Siliconix 8ETH06STRR Datasheet HTML 4Page - Vishay Siliconix 8ETH06STRR Datasheet HTML 5Page - Vishay Siliconix 8ETH06STRR Datasheet HTML 6Page - Vishay Siliconix 8ETH06STRR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93934
4
Revision: 08-Sep-08
8ETH06S/8ETH06-1
Vishay High Power Products
Hyperfast Rectifier,
8 A FRED PtTM
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 8 - Typical Stored Charge vs. dIF/dt
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR
´
02
6
10
12
IF(AV) - Average Forward Current (A)
120
140
4
8
150
160
170
180
130
Square wave (D = 0.50)
Rated V
R applied
See note (1)
DC
02
6
10
12
IF(AV) - Average Forward Current (A)
0
4
D = 0.01
D = 0.02
D = 0.05
D = 0.10
D = 0.20
D = 0.50
DC
RMS limit
4
8
8
12
16
20
18
14
10
6
2
100
1000
dIF/dt (A/µs)
60
10
I
F = 16 A
I
F = 8 A
V
R = 390 V
T
J = 125 °C
T
J = 25 °C
50
40
30
20
100
1000
dIF/dt (A/µs)
400
0
I
F = 16 A
I
F = 8 A
300
200
100
50
V
R = 390 V
T
J = 125 °C
T
J = 25 °C
350
250
150


Similar Part No. - 8ETH06STRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8ETH06STRRPBF VISHAY-8ETH06STRRPBF Datasheet
121Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 21-May-08
8ETH06STRRPBF VISHAY-8ETH06STRRPBF Datasheet
178Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
More results

Similar Description - 8ETH06STRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8ETX06PBF VISHAY-8ETX06PBF Datasheet
117Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 08-Aug-08
8ETH03 VISHAY-8ETH03 Datasheet
110Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 23-Jun-08
8ETH06 VISHAY-8ETH06 Datasheet
116Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 23-Jun-08
8S2TH06FP VISHAY-8S2TH06FP Datasheet
127Kb / 5P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 08-Apr-08
8ETH03S VISHAY-8ETH03S Datasheet
131Kb / 7P
   Hyperfast Rectifier,8 A FRED PtTM
Revision: 08-Sep-08
8ETX06S VISHAY-8ETX06S Datasheet
124Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 08-Sep-08
8ETH06PBF VISHAY-8ETH06PBF Datasheet
116Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 08-Apr-08
8ETX06 VISHAY-8ETX06 Datasheet
125Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 24-Jun-08
8STH06FP VISHAY-8STH06FP Datasheet
121Kb / 5P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 08-Apr-08
8ETH03PBF VISHAY-8ETH03PBF Datasheet
113Kb / 7P
   Hyperfast Rectifier,8 A FRED PtTM
Revision: 08-Apr-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com