Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10TQ035PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 10TQ035PBF
Description  Schottky Rectifier, 10 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10TQ035PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  10TQ035PBF Datasheet HTML 1Page - Vishay Siliconix 10TQ035PBF Datasheet HTML 2Page - Vishay Siliconix 10TQ035PBF Datasheet HTML 3Page - Vishay Siliconix 10TQ035PBF Datasheet HTML 4Page - Vishay Siliconix 10TQ035PBF Datasheet HTML 5Page - Vishay Siliconix 10TQ035PBF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94120
4
Revision: 05-Jun-08
10TQ...PbF Series
Vishay High Power Products
Schottky Rectifier, 10 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Fig. 8 - Unclamped Inductive Test Circuit
IF(AV) - Average Forward Current (A)
010
15
5
155
160
165
170
175
180
DC
10TQ
R
thJC (DC) = 2.0 °C/W
0
2
4
6
8
DC
RMS limit
D = 0.08
D = 0.17
D = 0.25
D = 0.33
D = 0.50
IF(AV) - Average Forward Current (A)
0
510
15
7
5
3
1
tp - Square Wave Pulse Duration (µs)
100
1000
10
100
1000
10 000
At any rated load condition
and with rated V
RRM applied
following surge
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02


Similar Part No. - 10TQ035PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10TQ035PBF VISHAY-10TQ035PBF Datasheet
110Kb / 6P
   Schottky Rectifier, 10 A
Revision: 24-Jun-08
logo
International Rectifier
10TQ035PBF IRF-10TQ035PBF Datasheet
210Kb / 6P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
10TQ035PBF VISHAY-10TQ035PBF Datasheet
113Kb / 6P
   Schottky Rectifier, 10 A
11-Mar-11
More results

Similar Description - 10TQ035PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MBR10PBF VISHAY-VS-MBR10PBF Datasheet
158Kb / 7P
   Schottky Rectifier, 10 A
Revision: 29-Aug-11
VS-10TQPBF VISHAY-VS-10TQPBF Datasheet
167Kb / 7P
   Schottky Rectifier, 10 A
Revision: 11-Oct-11
MBR1045PBF VISHAY-MBR1045PBF Datasheet
110Kb / 6P
   Schottky Rectifier, 10 A
Revision: 14-Aug-08
10WQ045FNPBF VISHAY-10WQ045FNPBF_11 Datasheet
129Kb / 7P
   Schottky Rectifier, 10 A
Revision: 14-Jan-11
10TQ VISHAY-10TQ_12 Datasheet
144Kb / 7P
   Schottky Rectifier, 10 A
Revision: 05-Jun-08
10TQS VISHAY-10TQS Datasheet
125Kb / 6P
   Schottky Rectifier, 10 A
Revision: 25-Jun-08
STPS1045BPBF VISHAY-STPS1045BPBF Datasheet
91Kb / 6P
   Schottky Rectifier, 10 A
Revision: 23-Apr-08
MBR1035PBF VISHAY-MBR1035PBF_12 Datasheet
157Kb / 7P
   Schottky Rectifier, 10 A
Revision: 29-Aug-11
logo
Kersemi Electronic Co.,...
MBR1045PBF KERSEMI-MBR1045PBF Datasheet
1Mb / 5P
   Schottky Rectifier, 10 A
logo
Vishay Siliconix
VS-STPS1045B-M3 VISHAY-VS-STPS1045B-M3 Datasheet
135Kb / 7P
   Schottky Rectifier, 10 A
Revision: 03-Nov-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com