Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

013RLC Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 013RLC
Description  Aluminum Capacitors Radial Low Leakage Current
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

013RLC Datasheet(HTML) 6 Page - Vishay Siliconix

  013RLC Datasheet HTML 1Page - Vishay Siliconix 013RLC Datasheet HTML 2Page - Vishay Siliconix 013RLC Datasheet HTML 3Page - Vishay Siliconix 013RLC Datasheet HTML 4Page - Vishay Siliconix 013RLC Datasheet HTML 5Page - Vishay Siliconix 013RLC Datasheet HTML 6Page - Vishay Siliconix 013RLC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
013 RLC
Vishay BCcomponents
Aluminum Capacitors
Radial Low Leakage Current
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28313
100
Revision: 20-Jun-08
Table 3
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300, subclause
4.13
Tamb =85°C; UR applied;
2000 hours
UR ≤ 6.3 V; ΔC/C: + 15/- 30 %
UR > 6.3 V; ΔC/C: ± 15 %
tan
δ≤ 1.3 x spec. limit
Z
≤ 2 x spec. limit
IL2 ≤ spec. limit
Useful life
CECC 30301,
subclause 1.8.1
Tamb =85°C; UR and IR applied;
3000 hours
UR ≤ 6.3 V; ΔC/C: + 45/- 50 %
UR > 6.3 V; ΔC/C: ± 45 %
tan
δ≤ 3 x spec. limit
Z
≤ 3 x spec. limit
IL2 ≤ spec. limit
no short or open circuit
total failure percentage:
≤ 1 %
Shelf life
(storage at high
temperature)
IEC 60384-4/
EN130300,
subclause 4.17
Tamb = 85 °C; no voltage applied;
500 hours
after test: UR to be applied for 30 minutes,
24 to 48 hours before measurement
ΔC/C, tan δ, Z:
for requirements
see ‘Endurance test’ above
IL2 ≤ 2 x spec. limit


Similar Part No. - 013RLC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
013RLC VISHAY-013RLC Datasheet
108Kb / 7P
   Aluminum Electrolytic Capacitors Radial Low Leakage Current
Revision: 15-Jul-16
013RLC VISHAY-013RLC Datasheet
90Kb / 7P
   Aluminum Electrolytic Capacitors Radial Low Leakage Current
01-Jan-2023
013RLC VISHAY-013RLC_16 Datasheet
108Kb / 7P
   Aluminum Electrolytic Capacitors Radial Low Leakage Current
Revision: 15-Jul-16
013RLC VISHAY-013RLC_V01 Datasheet
90Kb / 7P
   Aluminum Electrolytic Capacitors Radial Low Leakage Current
01-Jan-2023
More results

Similar Description - 013RLC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
013RLC VISHAY-013RLC_V01 Datasheet
90Kb / 7P
   Aluminum Electrolytic Capacitors Radial Low Leakage Current
01-Jan-2023
013RLC VISHAY-013RLC_16 Datasheet
108Kb / 7P
   Aluminum Electrolytic Capacitors Radial Low Leakage Current
Revision: 15-Jul-16
EKI VISHAY-EKI Datasheet
96Kb / 5P
   Aluminum Capacitors Low Leakage Current Radial Style
Revision: 24-Jun-08
logo
RFE international
SA0R1M1HSA040070 RFE-SA0R1M1HSA040070 Datasheet
84Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS SA Series: Radial, Miniature, Low Leakage Current, 105C
logo
Illinois Capacitor, Inc...
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
   85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
104LCA050M ILLINOISCAPACITOR-104LCA050M Datasheet
412Kb / 2P
    85째C Low Leakage Current Aluminum Electrolytic Capacitors
logo
RFE international
RA220M1CBK050110 RFE-RA220M1CBK050110 Datasheet
93Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RA Series: Radial Very Low Leakage, 105C
logo
Illinois Capacitor, Inc...
104PLM050M ILLINOISCAPACITOR-104PLM050M Datasheet
414Kb / 2P
   85째C 7mm Height Low-Leakage Radial Lead Aluminum Electrolytic Capacitors
logo
RFE international
SSL0R1M1HSA040050 RFE-SSL0R1M1HSA040050 Datasheet
82Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS SSL Series: Radial Micro-Miniature Size, Low Leakage
RA220M1CBK050110 RFE-RA220M1CBK050110_V01 Datasheet
987Kb / 4P
   Aluminum Electrolytic Capacitors RA Series: Radial, Very Low Leakage, 105°C
31-AUG-2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com