Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5KP16A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 5KP16A
Description  TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

5KP16A Datasheet(HTML) 2 Page - Vishay Siliconix

  5KP16A Datasheet HTML 1Page - Vishay Siliconix 5KP16A Datasheet HTML 2Page - Vishay Siliconix 5KP16A Datasheet HTML 3Page - Vishay Siliconix 5KP16A Datasheet HTML 4Page - Vishay Siliconix 5KP16A Datasheet HTML 5Page - Vishay Siliconix 5KP16A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5KP5.0 thru 5KP188A
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88308
Revision: 21-Oct-08
2
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
BREAKDOWN
VOLTAGE
VBR
(V) (1)
TEST
CURRENT
AT IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (µA)
MAXIMUM
PEAK
PULSE
CURRENT
IPPM
(2) (A)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
MAXIMUM
TEMPERATURE
COEFFICIENT
OF VBR
(%/°C)
MIN.
MAX.
5KP5.0
6.40
7.30
50
5.0
2000
521
9.6
0.057
5KP5.0A
6.40
7.00
50
5.0
2000
543
9.2
0.057
5KP6.0
6.67
8.15
50
6.0
5000
439
11.4
0.061
5KP6.0A
6.67
7.37
50
6.0
5000
485
10.3
0.061
5KP6.5
7.22
8.82
50
6.5
2000
407
12.3
0.065
5KP6.5A
7.22
7.98
50
6.5
2000
446
11.2
0.065
5KP7.0
7.78
9.51
50
7.0
1000
376
13.3
0.068
5KP7.0A
7.78
8.60
50
7.0
1000
417
12.0
0.068
5KP7.5
8.33
10.2
5.0
7.5
250
350
14.3
0.073
5KP7.5A
8.33
9.21
5.0
7.5
250
388
12.9
0.073
5KP8.0
8.89
10.9
5.0
8.0
150
333
15.0
0.075
5KP8.0A
8.89
9.83
5.0
8.0
150
368
13.6
0.075
5KP8.5
9.44
11.5
5.0
8.5
50
314
15.9
0.078
5KP8.5A
9.44
10.4
5.0
8.5
50
347
14.4
0.078
5KP9.0
10.0
12.2
5.0
9.0
20
296
16.9
0.081
5KP9.0A
10.0
11.1
5.0
9.0
20
325
15.4
0.081
5KP10
11.1
13.6
5.0
10.0
15
266
18.8
0.084
5KP10A
11.1
12.3
5.0
10.0
15
294
17.0
0.084
5KP11
12.2
14.9
5.0
11.0
10
249
20.1
0.086
5KP11A
12.2
13.5
5.0
11.0
10
275
18.2
0.086
5KP12
13.3
16.3
5.0
12.0
5.0
227
22.0
0.088
5KP12A
13.3
14.7
5.0
12.0
5.0
251
19.9
0.088
5KP13
14.4
17.6
5.0
13.0
2.0
210
23.8
0.090
5KP13A
14.4
15.9
5.0
13.0
2.0
233
21.5
0.090
5KP14
15.6
19.1
5.0
14.0
2.0
194
25.8
0.092
5KP14A
15.6
17.2
5.0
14.0
2.0
216
23.2
0.092
5KP15
16.7
20.4
5.0
15.0
2.0
186
26.9
0.094
5KP15A
16.7
18.5
5.0
15.0
2.0
205
24.4
0.094
5KP16
17.8
21.8
5.0
16.0
2.0
174
28.8
0.096
5KP16A
17.8
19.7
5.0
16.0
2.0
192
26.0
0.096
5KP17
18.9
23.1
5.0
17.0
2.0
164
30.5
0.097
5KP17A
18.9
20.9
5.0
17.0
2.0
181
27.6
0.097
5KP18
20.0
24.4
5.0
18.0
2.0
155
32.2
0.098
5KP18A
20.0
22.1
5.0
18.0
2.0
171
29.2
0.098
5KP20
22.2
27.1
5.0
20.0
2.0
140
35.8
0.099
5KP20A
22.2
24.5
5.0
20.0
2.0
154
32.4
0.099
5KP22
24.4
29.8
5.0
22.0
2.0
127
39.4
0.100
5KP22A
24.4
26.9
5.0
22.0
2.0
141
35.5
0.100
5KP24
26.7
32.6
5.0
24.0
2.0
116
43.0
0.101
5KP24A
26.7
29.5
5.0
24.0
2.0
129
38.9
0.101
5KP26
28.9
35.3
5.0
26.0
2.0
107
46.6
0.101
5KP26A
28.9
31.9
5.0
26.0
2.0
119
42.1
0.101
5KP26A
28.9
31.9
5.0
26.0
2.0
119
42.1
0.101
5KP28
31.1
38.0
5.0
28.0
2.0
100
50.1
0.102
5KP28A
31.1
34.4
5.0
28.0
2.0
110
45.4
0.102
5KP30
33.3
40.7
5.0
30.0
2.0
93.5
53.5
0.103
5KP30A
33.3
36.8
5.0
30.0
2.0
103
48.4
0.103
5KP33
36.7
44.9
5.0
33.0
2.0
84.7
59.0
0.104
5KP33A
36.7
40.6
5.0
33.0
2.0
93.8
53.3
0.104
5KP36
40.0
48.9
5.0
36.0
2.0
77.8
64.3
0.104
5KP36A
40.0
44.2
5.0
36.0
2.0
86.1
58.1
0.104


Similar Part No. - 5KP16A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
5KP16A FORMOSA-5KP16A Datasheet
148Kb / 4P
   Transient Voltage Suppressor
logo
Surge Components
5KP16A SURGE-5KP16A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
DONGGUAN YOU FENG WEI E...
5KP16A YFWDIODE-5KP16A Datasheet
79Kb / 4P
   5000W Transient Voltage Suppressors
logo
Won-Top Electronics
5KP16A WTE-5KP16A Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
5KP16A SECOS-5KP16A Datasheet
357Kb / 4P
   5000W Peak Power TVS
More results

Similar Description - 5KP16A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P4KE6.8 VISHAY-P4KE6.8 Datasheet
107Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
1.5KE12A-E3-73 VISHAY-1.5KE12A-E3-73 Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
5KP30A-E3-54 VISHAY-5KP30A-E3-54 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 20-Nov-12
1N6386 VISHAY-1N6386 Datasheet
98Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P6KE400CA-E354 VISHAY-P6KE400CA-E354 Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
ICTE8-E354 VISHAY-ICTE8-E354 Datasheet
89Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
SA170CA VISHAY-SA170CA Datasheet
117Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
5KP188A VISHAY-5KP188A_V02 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
09-Jul-2021
5KP188A VISHAY-5KP188A_V03 Datasheet
82Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
BZW04P-5V8 VISHAY-BZW04P-5V8 Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com