Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10TQ035S Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 10TQ035S
Description  Schottky Rectifier, 10 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10TQ035S Datasheet(HTML) 6 Page - Vishay Siliconix

  10TQ035S Datasheet HTML 1Page - Vishay Siliconix 10TQ035S Datasheet HTML 2Page - Vishay Siliconix 10TQ035S Datasheet HTML 3Page - Vishay Siliconix 10TQ035S Datasheet HTML 4Page - Vishay Siliconix 10TQ035S Datasheet HTML 5Page - Vishay Siliconix 10TQ035S Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - 10TQ035S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10TQ035S VISHAY-10TQ035S Datasheet
125Kb / 6P
   Schottky Rectifier, 10 A
Revision: 25-Jun-08
logo
Sangdest Microelectroni...
10TQ035S SMC-10TQ035S Datasheet
226Kb / 6P
   Switching power supply
logo
Inchange Semiconductor ...
10TQ035S ISC-10TQ035S Datasheet
262Kb / 2P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
10TQ035SPBF VISHAY-10TQ035SPBF Datasheet
125Kb / 6P
   Schottky Rectifier, 10 A
Revision: 25-Jun-08
10TQ035SPBF VISHAY-10TQ035SPBF Datasheet
122Kb / 6P
   Schottky Rectifier, 10 A
Revision: 12-Mar-10
More results

Similar Description - 10TQ035S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MBR10PBF VISHAY-VS-MBR10PBF Datasheet
158Kb / 7P
   Schottky Rectifier, 10 A
Revision: 29-Aug-11
VS-10TQPBF VISHAY-VS-10TQPBF Datasheet
167Kb / 7P
   Schottky Rectifier, 10 A
Revision: 11-Oct-11
MBR1045PBF VISHAY-MBR1045PBF Datasheet
110Kb / 6P
   Schottky Rectifier, 10 A
Revision: 14-Aug-08
10WQ045FNPBF VISHAY-10WQ045FNPBF_11 Datasheet
129Kb / 7P
   Schottky Rectifier, 10 A
Revision: 14-Jan-11
10TQ VISHAY-10TQ_12 Datasheet
144Kb / 7P
   Schottky Rectifier, 10 A
Revision: 05-Jun-08
10TQPBF VISHAY-10TQPBF Datasheet
112Kb / 6P
   Schottky Rectifier, 10 A
Revision: 05-Jun-08
10TQS VISHAY-10TQS Datasheet
125Kb / 6P
   Schottky Rectifier, 10 A
Revision: 25-Jun-08
STPS1045BPBF VISHAY-STPS1045BPBF Datasheet
91Kb / 6P
   Schottky Rectifier, 10 A
Revision: 23-Apr-08
MBR1035PBF VISHAY-MBR1035PBF_12 Datasheet
157Kb / 7P
   Schottky Rectifier, 10 A
Revision: 29-Aug-11
logo
Kersemi Electronic Co.,...
MBR1045PBF KERSEMI-MBR1045PBF Datasheet
1Mb / 5P
   Schottky Rectifier, 10 A
logo
Vishay Siliconix
VS-STPS1045B-M3 VISHAY-VS-STPS1045B-M3 Datasheet
135Kb / 7P
   Schottky Rectifier, 10 A
Revision: 03-Nov-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com