Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG9411 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG9411
Description  Low-Voltage Single SPDT Analog Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9411 Datasheet(HTML) 8 Page - Vishay Siliconix

  DG9411_08 Datasheet HTML 1Page - Vishay Siliconix DG9411_08 Datasheet HTML 2Page - Vishay Siliconix DG9411_08 Datasheet HTML 3Page - Vishay Siliconix DG9411_08 Datasheet HTML 4Page - Vishay Siliconix DG9411_08 Datasheet HTML 5Page - Vishay Siliconix DG9411_08 Datasheet HTML 6Page - Vishay Siliconix DG9411_08 Datasheet HTML 7Page - Vishay Siliconix DG9411_08 Datasheet HTML 8Page - Vishay Siliconix DG9411_08 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
8
Document Number: 71347
S-72609-Rev. D, 24-Dec-07
Vishay Siliconix
DG9411
TEST CIRCUITS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?71347.
Figure 4. Off-Isolation
IN
GND
NC or NO
0 V, 2.4 V
10 nF
COM
Off Isolation = 20 log
VNC/NO
VCOM
RL
Analyzer
V+
V+
COM
Figure 5. Channel Off/On Capacitance
NC or NO
f = 1 MHz
IN
COM
GND
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
10 nF
V+
V+


Similar Part No. - DG9411_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9411DL VISHAY-DG9411DL Datasheet
55Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 10-Nov-00
DG9411DL-T1 VISHAY-DG9411DL-T1 Datasheet
142Kb / 10P
   Low-Voltage Single SPDT Analog Switch
01-Jan-2022
DG9411DL-T1-E3 VISHAY-DG9411DL-T1-E3 Datasheet
142Kb / 10P
   Low-Voltage Single SPDT Analog Switch
01-Jan-2022
DG9411E VISHAY-DG9411E Datasheet
183Kb / 11P
   Powered-off Protection, 6 ?? 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
01-Jan-2022
DG9411EDL-T1-GE3 VISHAY-DG9411EDL-T1-GE3 Datasheet
183Kb / 11P
   Powered-off Protection, 6 ?? 1.8 V to 5.5 V, SPDT Analog Switch (2:1 Multiplexer)
01-Jan-2022
More results

Similar Description - DG9411_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2001 VISHAY-DG2001_11 Datasheet
215Kb / 13P
   Low-Voltage Single SPDT Analog Switch
Rev. C, 13-Jun-11
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 10-Nov-00
DG9431 VISHAY-DG9431_08 Datasheet
110Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. D, 14-May-07
DG2714 VISHAY-DG2714 Datasheet
59Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 30-Jun-03
DG2001 VISHAY-DG2001 Datasheet
63Kb / 8P
   LOW - VOLTAGE SINGLE SPDT ANALOG SWITCH
Rev. B, 19-Mar-01
DG2714 VISHAY-DG2714_08 Datasheet
112Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 30-Apr-07
DG9461 VISHAY-DG9461 Datasheet
80Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 26-Jul-99
DG2012 VISHAY-DG2012 Datasheet
73Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 07-Apr-03
DG2012 VISHAY-DG2012_08 Datasheet
122Kb / 9P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 30-Apr-07
DG2002 VISHAY-DG2002_V01 Datasheet
140Kb / 10P
   Low-Voltage Single SPDT Analog Switch
01-Jan-2022
DG9431 VISHAY-DG9431 Datasheet
72Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 26-Jul-99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com