Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12TQ035 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 12TQ035
Description  Schottky Rectifier, 15 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

12TQ035 Datasheet(HTML) 5 Page - Vishay Siliconix

  12TQ035 Datasheet HTML 1Page - Vishay Siliconix 12TQ035 Datasheet HTML 2Page - Vishay Siliconix 12TQ035 Datasheet HTML 3Page - Vishay Siliconix 12TQ035 Datasheet HTML 4Page - Vishay Siliconix 12TQ035 Datasheet HTML 5Page - Vishay Siliconix 12TQ035 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 94137
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 05-Jun-08
5
12TQ...PbF Series
Schottky Rectifier, 15 A
Vishay High Power Products
ORDERING INFORMATION TABLE
1
-
Current rating (15 A)
2
-
Package:
T = TO-220
3
-
Schottky “Q” series
4
-
Voltage ratings
5
-
None = Standard production
PbF = Lead (Pb)-free
Tube standard pack quantity: 50 pieces
035 = 35 V
040 = 40 V
045 = 45 V
Device code
5
13
24
12
T
Q
045 PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95221
Part marking information
http://www.vishay.com/doc?95224


Similar Part No. - 12TQ035

ManufacturerPart #DatasheetDescription
logo
International Rectifier
12TQ035 IRF-12TQ035 Datasheet
206Kb / 6P
   SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
12TQ035 SMC-12TQ035 Datasheet
240Kb / 6P
   SCHOTTKY RECTIFIER
12TQ035 SMC-12TQ035 Datasheet
240Kb / 6P
   Switching power supply
logo
Inchange Semiconductor ...
12TQ035 ISC-12TQ035 Datasheet
265Kb / 2P
   Schottky Rectifier
logo
International Rectifier
12TQ035PBF IRF-12TQ035PBF Datasheet
206Kb / 6P
   SCHOTTKY RECTIFIER
More results

Similar Description - 12TQ035

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-15TQ060SPBF VISHAY-VS-15TQ060SPBF Datasheet
148Kb / 8P
   Schottky Rectifier, 15 A
Revision: 12-Mar-10
12TQS VISHAY-12TQS Datasheet
114Kb / 6P
   Schottky Rectifier, 15 A
Revision: 25-Jun-08
15TQ060 VISHAY-15TQ060 Datasheet
113Kb / 6P
   Schottky Rectifier, 15 A
Revision: 25-Jun-08
VS-12TQPBF VISHAY-VS-12TQPBF_V01 Datasheet
135Kb / 7P
   Schottky Rectifier, 15 A
08-Feb-17
VS-12TQPBF VISHAY-VS-12TQPBF Datasheet
167Kb / 7P
   Schottky Rectifier, 15 A
Revision: 25-Aug-11
15TQ060PBF VISHAY-15TQ060PBF Datasheet
143Kb / 7P
   Schottky Rectifier, 15 A
Revision: 17-Apr-08
15TQ060S VISHAY-15TQ060S Datasheet
106Kb / 6P
   Schottky Rectifier, 15 A
Revision: 25-Jun-08
12TQ035SPBF VISHAY-12TQ035SPBF_10 Datasheet
112Kb / 6P
   Schottky Rectifier, 15 A
Revision: 12-Mar-10
VS-12TQ035SPBF VISHAY-VS-12TQ035SPBF Datasheet
158Kb / 8P
   Schottky Rectifier, 15 A
Revision: 12-Mar-10
12TQSPBF VISHAY-12TQSPBF Datasheet
114Kb / 6P
   Schottky Rectifier, 15 A
Revision: 26-May-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com