Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD230 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TD230
Description  ELECTRONIC CIRCUIT BREAKER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD230 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TD230 Datasheet HTML 3Page - STMicroelectronics TD230 Datasheet HTML 4Page - STMicroelectronics TD230 Datasheet HTML 5Page - STMicroelectronics TD230 Datasheet HTML 6Page - STMicroelectronics TD230 Datasheet HTML 7Page - STMicroelectronics TD230 Datasheet HTML 8Page - STMicroelectronics TD230 Datasheet HTML 9Page - STMicroelectronics TD230 Datasheet HTML 10Page - STMicroelectronics TD230 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
where CISS is the input capacitance of the power
MOSFET1/2 and VTH, the threshold voltage of the
MOSFET (typically 5V).
This reconduction time can be extended with an
external soft start capacitor CSS1/2 as shown in
figure 1 CISS will therefore simply be replaced by
CISS +CSS 1/2.
1
2
3
4
5
6
7
9
10
11
12
13
14
8
15
16
P Vcc
LBOOS T
CB OOS T
PM1
GND
PM2
OS C GND
NVcc
REF1
GC1
S E NSP
INHIBIT
S HUTDOWN
S ENSN
GC 2
REF2
Vcc+
GND
Vcc-
LBOO S T
CTRIP 1
CTRIP 2
RS 2
NMos
to BOARD
CS S 1
C ONTRO L
NMOS
from BO ARD
CS S 2
RS 1
CBO OS T
Figure 1 :
Dual Electronic Circuit Breaker
Application
If the fault (over current condition) still remains
after the reconduction state of the MOSFET1/2 has
been reached, the current through NMOS1/2 will
overpass the limitation given by equation (i), and
the NMOS 1/2 will immediately be switched off
again.
Figure 2 shows the current limitation which is
operated on every restart attempt.
Figure 2 :
TD230 as Current Limitor
Trace A represents the Gate-Source Voltage of the
Power Mosfet (0 to 13,4V).
Trace B represents the voltage across the Sense
Resistor (68m
Ω) in direct relation with the current
through it (0 to ~1A).
Note that the first current peak which is due to an
over current is limited only by the reaction time of
the TD230.
This off time is tied to the value of the external soft
start capacitor CSS 1/2 by equation (iii) :
• tOFF =RDSON xCSS (iii)
While in current limitation mode, the NMOS1/2 dis-
sipates low power due to the fact that the ON/OFF
cycle time rate is very low.
Note that the higher the value of CSS1/2 are, the
more the NMOS1/2 will stay in linear mode during
current limitation.
Note that at Power ON, or in the case of live
insertion, the inrush current is automatically limited
thanks to the slow gate charge of the MOSFET
which switches ON softly due to the time constant
given in equation (ii).
2.2. Fault Time Limitation
The repetitive switching off of the MOSFET will
come to an end under two conditions :
• either the fault has disappeared,and the cur-
rent through the shunt resistors RS 1/2 has
come back to its nominal value : the system
keeps running normally.
External line defaults (lightning, line breakage,
etc...) are usual causes for such temporary over
currents.
• either the repetitive switching off has lasted
over an externally adjustable time and the
TD230 has definitively switched off the corre-
sponding NMOS : the system waits to be re-
set.
Equipment faults (component short circuit, over
heat, etc ...) are usual causes for lasting over
currents.
This fault time supervision is done by the compari-
son of the output voltage to 75% of the nominal
supply voltage. As soon as the output voltage is
detected under 0.75xVcc(+/-), the corresponding
external capacitors CTRIP1/2 is charged by a fixed
current source IP/N2 -IP/N3 (3
µA). When the voltage
across CTRIP1/2 reaches 1.20V, the corresponding
NMOS is definitively switched off and the SHUT-
DOWN pin is active low.
TD230
7/15


Similar Part No. - TD230

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TD231 ETC-TD231 Datasheet
484Kb / 6P
   Technical Specifications for 5 kA, Normal-Duty Distribution 4.5 kV and 5 kV VariSTAR MOV Disks
More results

Similar Description - TD230

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
   ELECTRONIC CIRCUIT BREAKER
logo
PHOENIX CONTACT
102898 PHOENIX-102898 Datasheet
846Kb / 10P
   Electronic circuit breaker
2010-12-17
103057 PHOENIX-103057 Datasheet
881Kb / 10P
   Electronic circuit breaker
2010-12-17
logo
Linear Technology
LTC4213 LINER-LTC4213_15 Datasheet
190Kb / 20P
   Electronic Circuit Breaker
logo
PHOENIX CONTACT
102899 PHOENIX-102899 Datasheet
895Kb / 10P
   Electronic circuit breaker
2010-12-17
logo
ETAL Group
EBU10 ETAL-EBU10 Datasheet
1Mb / 6P
   Electronic circuit breaker EBU
logo
PHOENIX CONTACT
103906 PHOENIX-103906 Datasheet
625Kb / 12P
   Electronic miniature circuit-breaker
09/2009
logo
Analog Devices
LTC4213 AD-LTC4213 Datasheet
650Kb / 22P
   No RSENSE??Electronic Circuit Breaker
11/21 Rev. A
logo
Linear Technology
LTC1153 LINER-LTC1153_15 Datasheet
295Kb / 16P
   Auto-Reset Electronic Circuit Breaker
LTC1153 LINER-LTC1153 Datasheet
342Kb / 16P
   Auto-Reset Electronic Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com