Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG9421DV-T1-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG9421DV-T1-E3
Description  Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9421DV-T1-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG9421DV-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG9421DV-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG9421DV-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG9421DV-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG9421DV-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG9421DV-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG9421DV-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG9421DV-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG9421DV-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 70679
S-82265-Rev. F, 29-Sep-08
Vishay Siliconix
DG9421, DG9422
Notes:
a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC board.
c. Derate 7 mW/°C above 25 °C.
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
V+ to V-
- 0.3 to 13
V
GND to V-
7
VIN
a, V
S, VD
- 0.3 to (V+ + 0.3)
or 50 mA, whichever occurs first
V/mA
Continuous Current (Any Terminal)
50
mA
Peak Current, S or D (Pulsed at 1 ms, 10 % Duty Cycle)
100
Storage Temperature
- 65 to 150
°C
Power Dissipation (Packages)b
6-Pin TSOPc
570
mW
SPECIFICATIONSa Single Supply 12 V
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 12 V, V- = 0 V, VIN = 2.4 V, 0.8 V
f
Temp.b
Limits
- 40 °C to 85°C
Unit
Min.d
Typ.c
Max.d
Analog Switch
Analog Signal Rangea
VANALOG
Full
0
12
V
Drain-Source
On-Resistance
RDS(on)
V+ = 10.8 V, V- = 0 V, IS = 5 mA, VD = 2/9 V
Room
Full
2.0
3
3.4
Ω
Switch Off
Leakage Current
IS(off)
VD = 1/11 V, VS = 11/1 V
Room
Full
- 1
- 10
1
10
nA
ID(off)
Room
Full
- 1
- 10
1
10
Channel-On
Leakage Current
ID(on)
VS = VD = 11/1 V
Room
Full
- 1
- 10
1
10
Digital Control
Input Current, VIN Low
IIL
VIN Under Test = 0.8 V
Full
- 1
0.02
1
µA
Input Current, VIN High
IIH
VIN Under Test = 2.4 V
Full
- 1
0.02
1
Dynamic Characteristics
Turn-On Timee
tON
RL = 300 Ω, CL = 35 pF, VS = 5 V
See Figure 2
Room
Full
20
45
49
ns
Turn-Off Timee
tOFF
Room
Full
25
47
59
Charge Injectione
Q
Vg = 0 V, Rg = 0 Ω, CL = 1 nF
Room
43
pC
Off-Isolatione
OIRR
RL = 50 Ω, CL = 5 pF , f = 1 MHz
Room
- 60
dB
Source Off Capacitancee
CS(off)
f = 1 MHz
Room
31
pF
Drain Off Capacitancee
CD(off)
Room
30
Channel On Capacitancee
CD(on)
Room
71
Power Supplies
Positive Supply Current
I+
VIN = 0 or 12 V
Room
Full
0.02
1
5
µA
Negative Supply Current
I-
Room
Full
- 1
- 5
- 0.002
Ground Current
IGND
Room
Full
- 1
- 5
- 0.002


Similar Part No. - DG9421DV-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9421DV-T1-E3 VISHAY-DG9421DV-T1-E3 Datasheet
236Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. G, 18-Jul-11
DG9421DV-T1-E3 VISHAY-DG9421DV-T1-E3 Datasheet
257Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
01-Jan-2022
More results

Similar Description - DG9421DV-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9422 VISHAY-DG9422_V01 Datasheet
257Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
01-Jan-2022
DG9421 VISHAY-DG9421 Datasheet
71Kb / 8P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. C, 26-Aug-02
DG9421 VISHAY-DG9421_11 Datasheet
236Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. G, 18-Jul-11
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
DG417L VISHAY-DG417L_11 Datasheet
306Kb / 15P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. F, 25-Apr-11
DG417L VISHAY-DG417L_08 Datasheet
142Kb / 11P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. E, 14-May-07
DG417L VISHAY-DG417L_V01 Datasheet
265Kb / 14P
   Precision Monolithic Low-Voltage CMOS Analog Switches
01-Jan-2022
DG611 VISHAY-DG611 Datasheet
91Kb / 8P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. G, 13-Sep-99
DG611 VISHAY-DG611_11 Datasheet
179Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. I, 31-Jan-11
DG611 VISHAY-DG611_V01 Datasheet
187Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com