Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG9461DY-T1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG9461DY-T1
Description  Low-Voltage Single SPDT Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9461DY-T1 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG9461DY-T1 Datasheet HTML 1Page - Vishay Siliconix DG9461DY-T1 Datasheet HTML 2Page - Vishay Siliconix DG9461DY-T1 Datasheet HTML 3Page - Vishay Siliconix DG9461DY-T1 Datasheet HTML 4Page - Vishay Siliconix DG9461DY-T1 Datasheet HTML 5Page - Vishay Siliconix DG9461DY-T1 Datasheet HTML 6Page - Vishay Siliconix DG9461DY-T1 Datasheet HTML 7Page - Vishay Siliconix DG9461DY-T1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 70832
S-71009–Rev. C, 14-May-07
www.vishay.com
3
Vishay Siliconix
DG9461
Notes:
a. Room = 25 °C, Full = as determined by the operating suffix.
b. Typical values are for design aid only, not guaranteed nor subject to production testing.
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d. Guarantee by design, nor subjected to production test.
e. VIN = input voltage to perform proper function.
f. Difference of min and max values.
g. Guraranteed by 5 V leakage testing, not production tested.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (V+ = 5 V)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 5 V, ± 10 %, VIN = 0.8 or 2.4 V
e
Tempa
D Suffix
- 40 to 85 °C
Unit
Minc
Typb
Maxc
Analog Switch
Analog Signal Ranged
VANALOG
Full
0
5
V
Drain-Source On-Resistance
rDS(on)
VNO or VNC = 3.5 V, V+ = 4.5 V
ICOM = 5 mA
Room
Full
30
60
75
Ω
rDS(on)Match
d
Δr
DS(on)
VNO or VNC = 1.5 V
Room
0.4
2
rDS(on) Flatness
f
rDS(on)
Flatness
VNO or VNC = 1,2 and 3 V
Room
2
6
NO or NC Off Leakage Current
INO/NC(off)
VNO or VNC = 1 V/4 V, VCOM = 4 V/1 V
Room
Full
- 100
- 5000
10
100
5000
pA
COM Off Leakage Current
ICOM(off)
VCOM = 1 V/4 V, VNO or VNC = 4 V/1 V
Room
Full
- 100
- 5000
10
100
5000
Channel-On Leakage Current
ICOM(on)
VCOM = VNO or VNC = 1 V/4 V
Room
Full
- 200
- 10000
200
10000
Digital Control
Input Current
IINL or IINH
Full
1
µA
Dynamic Characteristics
Turn-On Time
tON
VNO or VNC = 3.0 V
Room
Full
35
75
150
ns
Turn-Off Time
tOFF
Room
Full
20
50
100
Break-Before-Make Time
td
Room
3
10
Charge Injection
QINJ
CL = 1 nF, Vgen = 0 V, Rgen = 0 Ω
Room
2
5
pC
Off-Isolation
OIRR
RL = 50 Ω, CL = 5 pF, f = 1 MHz
Room
- 74
dB
NC and NO Capacitance
C(off)
f = 1 MHz
Room
- 7
pF
Channel-On Capacitance
CD(on)
Room
32
Power Supply
Power Supply Range
V+
2.7
12
V
Power Supply Current
I+
V+ = 5.5 V, VIN = 0 or 5.5 V
1µA


Similar Part No. - DG9461DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9461DY VISHAY-DG9461DY Datasheet
80Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 26-Jul-99
More results

Similar Description - DG9461DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2001 VISHAY-DG2001_11 Datasheet
215Kb / 13P
   Low-Voltage Single SPDT Analog Switch
Rev. C, 13-Jun-11
DG9411 VISHAY-DG9411 Datasheet
55Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 10-Nov-00
DG9431 VISHAY-DG9431_08 Datasheet
110Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. D, 14-May-07
DG2714 VISHAY-DG2714 Datasheet
59Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 30-Jun-03
DG2001 VISHAY-DG2001 Datasheet
63Kb / 8P
   LOW - VOLTAGE SINGLE SPDT ANALOG SWITCH
Rev. B, 19-Mar-01
DG2714 VISHAY-DG2714_08 Datasheet
112Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 30-Apr-07
DG9461 VISHAY-DG9461 Datasheet
80Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 26-Jul-99
DG2012 VISHAY-DG2012 Datasheet
73Kb / 8P
   Low-Voltage Single SPDT Analog Switch
Rev. A, 07-Apr-03
DG2012 VISHAY-DG2012_08 Datasheet
122Kb / 9P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 30-Apr-07
DG2002 VISHAY-DG2002_V01 Datasheet
140Kb / 10P
   Low-Voltage Single SPDT Analog Switch
01-Jan-2022
DG9431 VISHAY-DG9431 Datasheet
72Kb / 7P
   Low-Voltage Single SPDT Analog Switch
Rev. B, 26-Jul-99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com