Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8ETU04PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 8ETU04PBF
Description  Ultrafast Rectifier, 8 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8ETU04PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  8ETU04PBF Datasheet HTML 1Page - Vishay Siliconix 8ETU04PBF Datasheet HTML 2Page - Vishay Siliconix 8ETU04PBF Datasheet HTML 3Page - Vishay Siliconix 8ETU04PBF Datasheet HTML 4Page - Vishay Siliconix 8ETU04PBF Datasheet HTML 5Page - Vishay Siliconix 8ETU04PBF Datasheet HTML 6Page - Vishay Siliconix 8ETU04PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94030
4
Revision: 08-Apr-08
8ETU04PbF
Vishay High Power Products
Ultrafast Rectifier,
8 A FRED PtTM
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 8 - Typical Stored Charge vs. dIF/dt
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR
0246
IF(AV) - Average Forward Current (A)
160
170
180
See note (1)
150
DC
140
130
8
10
12
Square wave (D = 0.50)
Rated V
R applied
02
6
10
12
IF(AV) - Average Forward Current (A)
0
2
D = 0.01
D = 0.02
D = 0.05
D = 0.10
D = 0.20
D = 0.50
DC
4
8
4
6
8
14
10
12
RMS limit
100
1000
dIF/dt (A/µs)
90
20
I
F = 16 A
I
F = 8 A
80
60
40
V
R = 200 V
T
J = 125 °C
T
J = 25 °C
30
50
70
100
1000
dIF/dt (A/µs)
500
0
I
F = 16 A
I
F = 8 A
400
200
100
V
R = 200 V
T
J = 125 °C
T
J = 25 °C
50
150
300
450
350
250


Similar Part No. - 8ETU04PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8ETU04PBF IRF-8ETU04PBF Datasheet
208Kb / 8P
   Ultrafast Rectifier
logo
Vishay Siliconix
8ETU04PBF VISHAY-8ETU04PBF Datasheet
151Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
8ETU04PBF VISHAY-8ETU04PBF_11 Datasheet
151Kb / 8P
   Ultrafast Rectifier, 8 A FRED Pt
Revision: 28-Apr-11
More results

Similar Description - 8ETU04PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MURB820PBF VISHAY-MURB820PBF Datasheet
122Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 05-Sep-08
8ETU04 VISHAY-8ETU04 Datasheet
104Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 23-Jun-08
MURB820 VISHAY-MURB820 Datasheet
116Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 24-Jun-08
MUR820 VISHAY-MUR820 Datasheet
108Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 24-Jun-08
MUR820PBF VISHAY-MUR820PBF Datasheet
107Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 09-Apr-08
8ETU04S VISHAY-8ETU04S Datasheet
123Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 08-Sep-08
8ETU04SPBF VISHAY-8ETU04SPBF Datasheet
125Kb / 7P
   Ultrafast Rectifier, 8 A FRED PtTM
Revision: 21-May-08
16CTU04PBF VISHAY-16CTU04PBF_08 Datasheet
119Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 21-Jul-08
16CTU04S VISHAY-16CTU04S_08 Datasheet
125Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 08-Sep-08
MUR1620CTPBF VISHAY-MUR1620CTPBF Datasheet
112Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED PtTM
Revision: 21-Jul-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com