Electronic Components Datasheet Search |
|
5KP90 Datasheet(PDF) 5 Page - Vishay Siliconix |
|
5KP90 Datasheet(HTML) 5 Page - Vishay Siliconix |
5 / 6 page 5KP5.0 thru 5KP188A Vishay General Semiconductor www.vishay.com For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com Document Number: 88308 Revision: 21-Oct-08 5 PACKAGE OUTLINE DIMENSIONS in inches (millimeters) APPLICATION NOTE The 5KP series of high power transient voltage suppressors were designed to be used on the output of switching power supplies. These devices may be used to replace crowbar circuits. Both the 5 % and 10 % voltage tolerances are referenced to the power supply output voltage level. They are able to withstand high levels of peak current while allowing a circuit breaker to trip or a fuse blow before shorting. This will enable the user to reset the breaker or replace the fuse and continue operation. For this type operation, it is recommended that a sufficient mounting surface be used for dissipating the heat generated by the Transient Voltage Suppressor during the transient or over-voltage condition. Figure 5. Power Derating Curve L = 0.375" (9.5 mm) Lead Lengths TL - Lead Temperature (°C) 60 Hz Resistive or Inductive Load 8 6 4 2 0 0 25 50 75 100 125 150 175 200 Figure 6. Maximum Non-repetitive Forward Surge Current 1 10 100 200 300 400 500 450 350 250 8.3 ms Single Half Sine-Wave Number of Cycles at 60 Hz 0.360 (9.1) 0.340 (8.6) 0.052 (1.32) 0.048 (1.22) DIA. 1.0 (25.4) MIN. 0.360 (9.1) 0.340 (8.6) 1.0 (25.4) MIN. Case Style P600 |
Similar Part No. - 5KP90 |
|
Similar Description - 5KP90 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |