Electronic Components Datasheet Search |
|
03028-BXXXXZGM Datasheet(PDF) 1 Page - Vishay Siliconix |
|
03028-BXXXXZGM Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 5 page www.vishay.com For technical questions, contact: mlcc.specials@vishay.com Document Number: 45043 142 Revision: 09-Jul-08 DSCC 03028 Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028 FEATURES • US defense supply center approved • Federal stock control number, CAGE CODE 95275 • Small case size (0603) • Stable BP, BR and BX dielectrics • Excellent aging characteristics • Lead (Pb)-free applied for “M” termination code • Tin/lead “Z” termination code is available • Surface-mount, precious metal technology, wet build process • Made with a combination of design, materials and tight process control to achieve very high field reliability ELECTRICAL SPECIFICATIONS Note: Electrical characteristics at + 25 °C unless otherwise specified Operating Temperature: BP, BR, BX: - 55 °C to + 125 °C Capacitance Range: BP: = 0.5 pF to 1000 pF BR: = 100 pF to 0.1 µF BX: = 100 pF to 0.1 µF Voltage Rating: 16 Vdc to 100 Vdc Temperature Coefficient of Capacitance (TCC): BP: = 0 ± 30 ppm/°C from - 55 °C to + 125 °C with zero (0) Vdc applied BP: = 0 ± 30 ppm/°C from - 55 °C to + 125 °C with 100 % rated Vdc applied BR: = ± 15 % from - 55 °C to + 125 °C with zero (0) Vdc applied BR: = + 15 %, - 40 % from - 55 °C to + 125 °C with 100 % rated Vdc applied BX: = ± 15 % from - 55 °C to + 125 °C with zero (0) Vdc applied BX: = + 15 %, - 25 % from - 55 °C to + 125 °C with 100 % rated Vdc applied Dissipation Factor (DF): BP: 0.15 % max. at 1.0 Vrms and 1 MHz for values ≤ 1000 pF 0.15 % max. at 1.0 Vrms and 1 kHz for values > 1000 pF BR and BX: ≤ 25 V ± 3.5 % max. at 1.0 V rms and 1 kHz ≥ 50 V ± 2.5 % max. at 1.0 Vrms and 1 kHz Aging Rate: BP: = 0 % maximum per decade BR, BX: = 1 % maximum per decade Insulation Resistance (IR): At + 25 °C and rated voltage 100 000 M Ω minimum or 1000 ΩF, whichever is less At + 125 °C and rated voltage 10 000 M Ω minimum or 100 ΩF, whichever is less Dielectric Withstanding Voltage (DWV): This is the maximum voltage the capacitors are tested for a 1 to 5 seconds period and the charge/discharge current does not exceed 50 mA ≤ 200 Vdc: DWV at 250 % of rated voltage * Pb containing terminations are not RoHS compliant, exemptions may apply Available RoHS* COMPLIANT |
Similar Part No. - 03028-BXXXXZGM |
|
Similar Description - 03028-BXXXXZGM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |