Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBC00GL322DA0W Datasheet(PDF) 5 Page - Vishay Siliconix

Part # EBC00GL322DA0W
Description  Aluminum Capacitors Axial Capacitor Style
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EBC00GL322DA0W Datasheet(HTML) 5 Page - Vishay Siliconix

  EBC00GL322DA0W Datasheet HTML 1Page - Vishay Siliconix EBC00GL322DA0W Datasheet HTML 2Page - Vishay Siliconix EBC00GL322DA0W Datasheet HTML 3Page - Vishay Siliconix EBC00GL322DA0W Datasheet HTML 4Page - Vishay Siliconix EBC00GL322DA0W Datasheet HTML 5Page - Vishay Siliconix EBC00GL322DA0W Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 25142
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 23-Jun-08
5
EBC
Aluminum Capacitors
Axial Capacitor Style
Vishay Roederstein
LIFETIME TABLE UR > 100 V
IR 100 Hz alternating current [A] at upper category temperature TUC taken from data sheet
I
User current [A]
Ta Ambient temperature of capacitor [°C]
L
Lifetime multiplier
Regard L as a function of ambient temperature (x-axis) and of current (y-axis); use the current-axis according to the frequency
INTERRELATION BETWEEN ALTERNATING CURRENT, AMBIENT TEMPERATURE AND LIFETIME
I/IR (FREQUENCY DEPENDENT)
LIFETIME MULTIPLIER L (depending on I/IR and Ta)
FREQUENCY [Hz]
AMBIENT TEMPERATURE Ta [°C]
50
100
250
500
1000 > 2500
10 K
40
45
50
55
60
65
70
75
80
85
90
95
100
105
0
0
0
0
0
0
0
200
127
81
53
35
23
16
11
7.4
5.1
3.6
2.6
1.84 1.33
0.17
0.20
0.23
0.25
0.26
0.27
0.28
194
123
79
52
34
23
15
10
7.2
5.0
3.5
2.5
1.81 1.31
0.34
0.40
0.46
0.50
0.52
0.54
0.56
178
114
74
48
32
21
14
9.9
6.9
4.8
3.4
2.4
1.73 1.26
0.51
0.60
0.70
0.74
0.78
0.80
0.84
158
102
66
44
29
20
13
9.1
6.3
4.5
3.2
2.3
1.63 1.19
0.68
0.80
0.93
0.99
1.04
1.07
1.12
133
87
57
38
26
17
12
8.3
5.8
4.1
2.9
2.1
1.51 1.10
0.85
1.00
1.16
1.24
1.30
1.34
1.40
110
73
49
33
22
15
11
7.3
5.1
3.6
2.6
1.9
1.37 1.00
1.02
1.20
1.39
1.49
1.56
1.61
1.68
88
59
40
27
19
13
9.0
6.3
4.5
3.2
2.3
1.7
1.21
1.19
1.40
1.62
1.74
1.82
1.88
1.96
69
47
32
22
15
11
7.6
5.4
3.8
2.7
2.00
1.4
1.06
1.36
1.60
1.86
1.98
2.08
2.14
2.24
53
37
26
18
12
8.8
6.2
4.5
3.2
2.3
1.7
1.2
1.53
1.80
2.09
2.23
2.34
2.41
2.52
40
28
20
14
9.9
7.1
5.1
3.7
2.7
1.9
1.4
1.0
1.70
2.00
2.32
2.48
2.60
2.68
2.80
30
21
15
11
7.8
5.6
4.1
3
2.2
1.6
1.2
1.87
2.20
2.55
2.73
2.86
2.95
3.08
22
16
11
8.3
6.0
4.4
3.2
2.4
1.7
1.3
2.04
2.40
2.78
2.98
3.12
3.22
3.36
16
12
8.5
6.2
4.6
3.4
2.5
1.9
1.4
1.0
2.21
2.60
3.02
3.22
3.38
3.48
3.64
11
8.4
6.2
4.6
3.5
2.6
1.9
1.4
1.1
2.38
2.80
3.25
3.47
3.64
3.75
3.92
8.0
6.0
4.5
3.4
2.6
1.9
1.5
1.1
2.55
3.00
3.48
3.72
3.90
4.02
4.20
5.6
4.3
3.3
2.5
1.9
1.4
1.1
combination
2.72
3.20
3.71
3.97
4.16
4.29
4.48
3.9
3.0
2.3
1.8
1.4
1.1
not
2.89
3.40
3.94
4.22
4.42
4.56
4.76
2.7
2.1
1.7
1.3
1.0
permitted
3.06
3.60
4.18
4.46
4.68
4.82
5.04
1.9
1.5
1.2
3.23
3.80
4.41
4.71
4.94
5.09
5.32
1.3
1.0
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN 130300
subclause 4.13
TA = 105 °C; UR applied
2000 h
- 15 %
≤ ΔC/C ≤ 15 %
tan
δ ≤ 1.3 x spec. limit
Z
≤ 2 x spec. limit
IL(300 s) ≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
TA = 105 °C; UR and IR applied
16 V
≤ U
R ≤ 100 V
Cases 6.5 x 8 to 10 x 25:
3000 h
160 V
≤ U
R ≤ 400 V
Cases 6.5 x 8 to 10 x 25:
3000 h
- 45 %
≤ ΔC/C ≤ 45 %
tan
δ ≤ 3 x spec. limit
Z
≤ 3 x spec. limit
IL(300s) ≤ spec. limit
No short or open circuit
Total failure percentage:
≤ 1 %
Shelf life
(storage at
high temperature)
IEC 60384-4/
EN130300
subclause 4.17
TA = 105 °C; no voltage applied
100 h
After test: UR to be applied for 30 minutes
24 to 48 h before measurement
- 15 %
≤ ΔC/C ≤ 15 %
tan
δ ≤ 1.3 x spec. limit
Z
≤ 2 x spec. limit
IL(300 s) ≤ 2 x spec. limit


Similar Part No. - EBC00GL322DA0W

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
EBC02A ADAM-TECH-EBC02A Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBC02B ADAM-TECH-EBC02B Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBC02H ADAM-TECH-EBC02H Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBC02J ADAM-TECH-EBC02J Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBC02K ADAM-TECH-EBC02K Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
More results

Similar Description - EBC00GL322DA0W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EBC VISHAY-EBC_13 Datasheet
91Kb / 6P
   Aluminum Capacitors Axial Capacitor Style
Revision: 22-Jan-13
EL000AN210BB0W VISHAY-EL000AN210BB0W Datasheet
96Kb / 7P
   Aluminum Capacitors Axial Capacitors Style
Revision: 13-Apr-12
ELM VISHAY-ELM Datasheet
87Kb / 6P
   Aluminum Capacitors Axial Capacitors Style
Revision: 12-Dec-12
EBUEBT VISHAY-EBUEBT Datasheet
97Kb / 7P
   Aluminum Capacitors Axial Non-Polar Capacitor Styles
Revision: 11-Jun-08
logo
jb Capacitors Company
JAC JBCAPACITORS-JAC Datasheet
203Kb / 1P
   Axial Aluminum Electrolytic Capacitor
JAA JBCAPACITORS-JAA Datasheet
210Kb / 2P
   Axial Aluminum Electrolytic Capacitor
JAB JBCAPACITORS-JAB Datasheet
200Kb / 2P
   Axial Aluminum Electrolytic Capacitor
JAD JBCAPACITORS-JAD Datasheet
200Kb / 1P
   Axial Aluminum Electrolytic Capacitor
JAE JBCAPACITORS-JAE Datasheet
201Kb / 1P
   Axial Aluminum Electrolytic Capacitor
JAF JBCAPACITORS-JAF Datasheet
203Kb / 1P
   Axial Aluminum Electrolytic Capacitor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com