Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B45196L5475+30 Datasheet(PDF) 9 Page - EPCOS

Part # B45196L5475+30
Description  Tantalum Chip Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45196L5475+30 Datasheet(HTML) 9 Page - EPCOS

Back Button B45196L5475+30 Datasheet HTML 5Page - EPCOS B45196L5475+30 Datasheet HTML 6Page - EPCOS B45196L5475+30 Datasheet HTML 7Page - EPCOS B45196L5475+30 Datasheet HTML 8Page - EPCOS B45196L5475+30 Datasheet HTML 9Page - EPCOS B45196L5475+30 Datasheet HTML 10Page - EPCOS B45196L5475+30 Datasheet HTML 11Page - EPCOS B45196L5475+30 Datasheet HTML 12Page - EPCOS B45196L5475+30 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CR
(20
°C, 120 Hz)
µF
Case size
DFmax
(20
°C, 120 Hz)
%
Ileak,max
(20
°C, V
R,
5 min)
µA
Zmax
(20
°C,
100 kHz)
Ordering code
* =
Code number for reel diameter
+ =
Capacitance tolerance
6 = 330-mm reel
9 = 180-mm reel
M =
±20%
K =
±10%
4.7
A
6
0.5
5.5
B45196L1475+10*
6.8
A
6
0.5
4.5
B45196L1685+10*
6.8
B
6
0.5
4.5
B45196L1685+20*
10
A
6
0.6
4.0
B45196L1106+10*
10
B
6
0.6
3.5
B45196L1106+20*
15
A
6
0.9
3.8
B45196L1156+10*
15
B
6
0.9
3.0
B45196L1156+20*
15
C
6
0.9
2.4
B45196L1156+30*
22
A
8
1.4
3.0
B45196L1226+10*
22
B
6
1.4
2.5
B45196L1226+20*
22
C
6
1.4
2.0
B45196L1226+30*
33
B
6
2.1
2.2
B45196L1336+20*
33
C
6
2.1
1.6
B45196L1336+30*
47
B
6
3.0
2.0
B45196L1476+20*
47
C
6
3.0
1.5
B45196L1476+30*
47
D
6
3.0
1.1
B45196L1476+40*
68
C
6
4.3
1.4
B45196L1686+30*
68
D
6
4.3
0.8
B45196L1686+40*
100
C
8
6.3
1.2
B45196L1107+30*
100
D
8
6.3
0.8
B45196L1107+40*
150
C
8
9.5
1.3
B45196L1157+30*
150
D
8
9.5
0.8
B45196L1157+40*
220
D
8
13.9
0.8
B45196L1227+40*
220
E
12
13.9
0.8
B45196L1227+50*
330
D
8
20.8
0.8
B45196L1337+40*
330
E
8
20.8
0.6
B45196L1337+50*
470
E
8
29.6
0.6
B45196L1477+50*
680
E
15
42.8
0.6
B45196L1687+50*
VR (up to 85
°C) = 10 VDC, V
R (up to 125
°C) = 6.3 VDC
1.5
A
6
0.5
10.0
B45196L2155+10*
2.2
A
6
0.5
7.0
B45196L2225+10*
3.3
A
6
0.5
5.5
B45196L2335+10*
4.7
A
6
0.5
4.5
B45196L2475+10*
4.7
B
6
0.5
4.5
B45196L2475+20*
Tantalum chip capacitors
B45196L, B45198L
Automotive
Page 9 of 16
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B45196L5475+30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B45196L5106+30 KEMET-B45196L5106+30 Datasheet
908Kb / 16P
   Tantalum Chip Capacitors
B45196L5106+40 KEMET-B45196L5106+40 Datasheet
908Kb / 16P
   Tantalum Chip Capacitors
B45196L5156+30 KEMET-B45196L5156+30 Datasheet
908Kb / 16P
   Tantalum Chip Capacitors
B45196L5156+40 KEMET-B45196L5156+40 Datasheet
908Kb / 16P
   Tantalum Chip Capacitors
B45196L5226+40 KEMET-B45196L5226+40 Datasheet
908Kb / 16P
   Tantalum Chip Capacitors
More results

Similar Description - B45196L5475+30

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com