Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBC00GD347DA0W Datasheet(PDF) 4 Page - Vishay Siliconix

Part # EBC00GD347DA0W
Description  Aluminum Capacitors Axial Capacitor Style
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EBC00GD347DA0W Datasheet(HTML) 4 Page - Vishay Siliconix

  EBC00GD347DA0W Datasheet HTML 1Page - Vishay Siliconix EBC00GD347DA0W Datasheet HTML 2Page - Vishay Siliconix EBC00GD347DA0W Datasheet HTML 3Page - Vishay Siliconix EBC00GD347DA0W Datasheet HTML 4Page - Vishay Siliconix EBC00GD347DA0W Datasheet HTML 5Page - Vishay Siliconix EBC00GD347DA0W Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EBC
Vishay Roederstein
Aluminum Capacitors
Axial Capacitor Style
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25142
4
Revision: 23-Jun-08
LOW TEMPERATURE BEHAVIOUR
Table for the calculation of the maximum 10 kHz impedance at low temperatures:
The lower limit of the series resistance and impedance is determined by the ohmic part of the contact points and the foil resistance values.
Therefore it will not always be possible to achieve calculated values below 0.05
Ω.
LIFETIME TABLE UR ≤ 100 V
IR 100 Hz alternating current [A] at upper category temperature TUC taken from data sheet
I
User current [A]
Ta Ambient temperature of capacitor [°C]
L
Lifetime multiplier
Regard L as a function of ambient temperature (x-axis) and of current (y-axis); use the current-axis according to the frequency
Z10 kHz
() Ω
[] Tabular value
CR µF
[]
----------------------------------------
=
Ta
(°C)
RATED VOLTAGE (V)
16
25
40
63
100
160
250
350
- 25
2250
1500
850
600
450
1000
940
860
- 40
5400
3600
2040
1440
1080
5000
4600
4200
INTERRELATION BETWEEN ALTERNATING CURRENT, AMBIENT TEMPERATURE AND LIFETIME
I/IR (FREQUENCY DEPENDENT)
LIFETIME MULTIPLIER L (depending on I/IR and Ta)
FREQUENCY [Hz]
AMBIENT TEMPERATURE Ta [°C]
50
100
250
500
1000 > 2500
10 K
40
45
50
55
60
65
70
75
80
85
90
95
100
105
0
0000
0
0
200
127
81
53
35
23
16
11
7.4
5.1
3.6
2.6
1.84 1.33
0.18
0.20
0.22
0.23
0.24
0.25
0.26
195
123
79
52
34
23
15
10
7.2
5.0
3.5
2.5
1.81 1.31
0.36
0.40
0.44
0.46
0.48
0.50
0.52
179
115
74
48
32
21
14
9.9
6.9
4.8
3.4
2.4
1.73 1.26
0.54
0.60
0.66
0.69
0.72
0.75
0.78
158
102
66
44
29
20
13
9.1
6.3
4.5
3.2
2.3
1.63 1.19
0.72
0.80
0.88
0.92
0.96
1.00
1.04
135
87
57
38
26
17
12
8.3
5.8
4.1
2.9
2.1
1.51 1.10
0.90
1.00
1.10
1.15
1.20
1.25
1.30
112
73
49
33
22
15
10
7.3
5.1
3.6
2.6
1.9
1.37 1.00
1.08
1.20
1.32
1.38
1.44
1.50
1.56
90
60
40
27
19
13
9.0
6.3
4.5
3.2
2.3
1.7
1.21
1.26
1.40
1.54
1.61
1.68
1.75
1.82
70
47
32
22
15
11
7.5
5.3
3.8
2.7
2.0
1.4
1.06
1.44
1.60
1.76
1.84
1.92
2.00
2.08
54
37
25
18
12
8.8
6.2
4.4
3.2
2.3
1.7
1.2
1.62
1.80
1.98
2.07
2.16
2.25
2.34
40
28
20
14
9.9
7.0
5.0
3.6
2.6
1.9
1.4
1.0
1.80
2.00
2.20
2.30
2.40
2.50
2.60
30
21
15
11
7.7
5.6
4.0
2.9
2.2
1.6
1.2
1.98
2.20
2.42
2.53
2.64
2.75
2.86
22
16
11
8.2
6.0
4.3
3.2
2.3
1.7
1.3
2.16
2.40
2.64
2.76
2.88
3.00
3.12
16
11
8.4
6.1
4.5
3.3
2.5
1.8
1.4
1.0
2.34
2.60
2.86
2.99
3.12
3.25
3.38
11
8.3
6.1
4.6
3.4
2.5
1.9
1.4
1.1
2.52
2.80
3.08
3.22
3.36
3.50
3.64
7.9
5.9
4.5
3.4
2.5
1.9
1.5
1.1
2.70
3.00
3.30
3.45
3.60
3.75
3.90
5.5
4.2
3.2
2.5
1.9
1.4
1.1
combination
2.88
3.20
3.52
3.68
3.84
4.00
4.16
3.9
3.0
2.3
1.8
1.4
1.1
not
3.06
3.40
3.74
3.91
4.08
4.25
4.42
2.7
2.1
1.6
1.3
1.0
permitted
3.24
3.60
3.96
4.14
4.32
4.50
4.68
1.8
1.5
1.2
3.42
3.80
4.18
4.37
4.56
4.75
4.94
1.3
1.0


Similar Part No. - EBC00GD347DA0W

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
EBC02A ADAM-TECH-EBC02A Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBC02B ADAM-TECH-EBC02B Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBC02H ADAM-TECH-EBC02H Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBC02J ADAM-TECH-EBC02J Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
EBC02K ADAM-TECH-EBC02K Datasheet
159Kb / 1P
   EURO BLOCKS TS & EB SERIES
More results

Similar Description - EBC00GD347DA0W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EBC VISHAY-EBC_13 Datasheet
91Kb / 6P
   Aluminum Capacitors Axial Capacitor Style
Revision: 22-Jan-13
EL000AN210BB0W VISHAY-EL000AN210BB0W Datasheet
96Kb / 7P
   Aluminum Capacitors Axial Capacitors Style
Revision: 13-Apr-12
ELM VISHAY-ELM Datasheet
87Kb / 6P
   Aluminum Capacitors Axial Capacitors Style
Revision: 12-Dec-12
EBUEBT VISHAY-EBUEBT Datasheet
97Kb / 7P
   Aluminum Capacitors Axial Non-Polar Capacitor Styles
Revision: 11-Jun-08
logo
jb Capacitors Company
JAC JBCAPACITORS-JAC Datasheet
203Kb / 1P
   Axial Aluminum Electrolytic Capacitor
JAA JBCAPACITORS-JAA Datasheet
210Kb / 2P
   Axial Aluminum Electrolytic Capacitor
JAB JBCAPACITORS-JAB Datasheet
200Kb / 2P
   Axial Aluminum Electrolytic Capacitor
JAD JBCAPACITORS-JAD Datasheet
200Kb / 1P
   Axial Aluminum Electrolytic Capacitor
JAE JBCAPACITORS-JAE Datasheet
201Kb / 1P
   Axial Aluminum Electrolytic Capacitor
JAF JBCAPACITORS-JAF Datasheet
203Kb / 1P
   Axial Aluminum Electrolytic Capacitor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com