Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15ETX06STRR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 15ETX06STRR
Description  Hyperfast Rectifier, 15 A FRED PtTM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

15ETX06STRR Datasheet(HTML) 3 Page - Vishay Siliconix

  15ETX06STRR Datasheet HTML 1Page - Vishay Siliconix 15ETX06STRR Datasheet HTML 2Page - Vishay Siliconix 15ETX06STRR Datasheet HTML 3Page - Vishay Siliconix 15ETX06STRR Datasheet HTML 4Page - Vishay Siliconix 15ETX06STRR Datasheet HTML 5Page - Vishay Siliconix 15ETX06STRR Datasheet HTML 6Page - Vishay Siliconix 15ETX06STRR Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93928
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 08-Sep-08
3
15ETX06S/15ETX06-1
Hyperfast Rectifier,
15 A FRED PtTM
Vishay High Power Products
Fig. 1 - Typical Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
1
10
T
J = 175 °C
T
J = 150 °C
T
J = 25 °C
100
0
0.5
2.5
1.5
1
3
3.5
4
2
VF - Forward Voltage Drop (V)
0.001
0.01
0.1
1
10
100
1000
0
100
200
300
400
500
600
0.0001
VR - Reverse Voltage (V)
T
J = 175 °C
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 25 °C
T
J = 25 °C
0
100
200
300
500
600
400
1000
100
10
1
VR - Reverse Voltage (V)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
t1 - Rectangular Pulse Duration (s)
Single pulse
(thermal resistance)
.
.
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01


Similar Part No. - 15ETX06STRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15ETX06STRRPBF VISHAY-15ETX06STRRPBF Datasheet
121Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 21-May-08
15ETX06STRRPBF VISHAY-15ETX06STRRPBF Datasheet
176Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-10
More results

Similar Description - 15ETX06STRR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15ETH03 VISHAY-15ETH03 Datasheet
114Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 20-Jun-08
30ETH06PBF VISHAY-30ETH06PBF Datasheet
108Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 07-Apr-08
15ETH03SPBF VISHAY-15ETH03SPBF Datasheet
117Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 21-May-08
15ETH06 VISHAY-15ETH06 Datasheet
130Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 01-Jul-08
15ETH06S VISHAY-15ETH06S Datasheet
130Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 05-Sep-08
15ETX06 VISHAY-15ETX06 Datasheet
118Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 20-Jun-08
15ETX06PBF VISHAY-15ETX06PBF Datasheet
121Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 04-Apr-08
15S2TH06FP VISHAY-15S2TH06FP Datasheet
127Kb / 5P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 07-Apr-08
15STH06FP VISHAY-15STH06FP Datasheet
121Kb / 5P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 07-Apr-08
15ETX06SPBF VISHAY-15ETX06SPBF Datasheet
121Kb / 7P
   Hyperfast Rectifier, 15 A FRED PtTM
Revision: 21-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com