Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD37N05TZT4 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STD37N05TZT4
Description  NPN power TRILINTON?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD37N05TZT4 Datasheet(HTML) 6 Page - STMicroelectronics

  STD37N05TZT4 Datasheet HTML 1Page - STMicroelectronics STD37N05TZT4 Datasheet HTML 2Page - STMicroelectronics STD37N05TZT4 Datasheet HTML 3Page - STMicroelectronics STD37N05TZT4 Datasheet HTML 4Page - STMicroelectronics STD37N05TZT4 Datasheet HTML 5Page - STMicroelectronics STD37N05TZT4 Datasheet HTML 6Page - STMicroelectronics STD37N05TZT4 Datasheet HTML 7Page - STMicroelectronics STD37N05TZT4 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package mechanical data
STD37N05TZ
6/8
DIM.
mm.
min.
typ
max.
A
2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
b
0.64
0.90
b45.20
5.40
c
0.45
0.60
c2
0.48
0.60
D
6.00
6.20
D1
5.10
E
6.40
6.60
E1
4.70
e2.28
e1
4.40
4.60
H9.3510.10
L1
L1
2.80
L2
0.80
L4
0.60
1
R0.20
V2
0 o
8 o
TO-252 (DPAK) mechanical data
0068772_G


Similar Part No. - STD37N05TZT4

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
STD370BLK VCC-STD370BLK Datasheet
67Kb / 1P
   STD
logo
STMicroelectronics
STD37P3H6AG STMICROELECTRONICS-STD37P3H6AG Datasheet
313Kb / 16P
   Automotive-grade P-channel -30 V, 11 m廓 typ., -49 A STripFET??H6 Power MOSFET in a DPAK package
August 2015 Rev 1
More results

Similar Description - STD37N05TZT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU900TP STMICROELECTRONICS-BU900TP Datasheet
114Kb / 8P
   NPN power TRILINTON
logo
Unisonic Technologies
BCP68 UTC-BCP68 Datasheet
91Kb / 2P
   NPN MEDIUM POWER POWER
logo
Fairchild Semiconductor
D44H8 FAIRCHILD-D44H8 Datasheet
153Kb / 4P
   NPN Power Amplifier
logo
NXP Semiconductors
BD131 PHILIPS-BD131 Datasheet
43Kb / 8P
   NPN power transistor
1999 Apr 12
BD825 PHILIPS-BD825 Datasheet
60Kb / 8P
   NPN power transistors
1998 May 29
BUJ303CD PHILIPS-BUJ303CD_15 Datasheet
205Kb / 13P
   NPN power transistor
8 November 2012
BUJ303AD PHILIPS-BUJ303AD_15 Datasheet
199Kb / 14P
   NPN power transistor
Rev. 1-2 September 2011
BUJ303A PHILIPS-BUJ303A_15 Datasheet
565Kb / 13P
   NPN power transistor
Rev. 6-8 February 2012
logo
Unisonic Technologies
2SD1782 UTC-2SD1782_15 Datasheet
125Kb / 3P
   POWER NPN TRANSISTOR
BD139 UTC-BD139 Datasheet
84Kb / 2P
   NPN POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com