Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15MQ040N Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 15MQ040N
Description  Schottky Rectifier, 3 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

15MQ040N Datasheet(HTML) 3 Page - Vishay Siliconix

  15MQ040N Datasheet HTML 1Page - Vishay Siliconix 15MQ040N Datasheet HTML 2Page - Vishay Siliconix 15MQ040N Datasheet HTML 3Page - Vishay Siliconix 15MQ040N Datasheet HTML 4Page - Vishay Siliconix 15MQ040N Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 94141
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 11-Jun-08
3
15MQ040NPbF
Schottky Rectifier, 3 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Peak Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Average Forward Current vs.
Allowable Lead Temperature
Fig. 5 - Maximum Average Forward Dissipation vs.
Average Forward Current
Fig. 6 - Maximum Peak Surge Forward Current vs.
Pulse Duration
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6); PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
0.1
10
VFM - Forward Voltage Drop (V)
0.3
0.5
0.7
0.9
1
0.8
0.6
0.4
0.2
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
VR - Reverse Voltage (V)
010
20
30
0.01
0.1
1
10
100
5
40
0.001
35
25
15
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
VR - Reverse Voltage (V)
020
30
40
45
100
1000
10
T
J = 25 °C
10
5
15
25
35
IF(AV) - Average Forward Current (A)
0
2.0
3.0
1.0
30
50
70
110
150
0.5
1.5
2.5
90
130
Square wave (D = 0.50)
80 % rated V
R applied
See note (1)
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
DC
140
120
100
80
60
40
0
0.4
1.0
1.6
IF(AV) - Average Forward Current (A)
0
2.0
3.0
1.4
0.6
0.2
1.5
1.0
0.5
2.5
0.8
RMS limit
DC
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
1.2
tp - Square Wave Pulse Duration (µs)
100
1000
10
100
1000
10 000
At any rated load condition
and with rated V
applied
following surge
RRM


Similar Part No. - 15MQ040N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
15MQ040N IRF-15MQ040N Datasheet
269Kb / 6P
   SCHOTTKY RECTIFIER
15MQ040N IRF-15MQ040N Datasheet
131Kb / 6P
   SCHOTTKY RECTIFIER
logo
Shenzhen Taychipst Elec...
15MQ040N TAYCHIPST-15MQ040N Datasheet
1Mb / 2P
   SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
15MQ040N SMC-15MQ040N Datasheet
171Kb / 6P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
15MQ040N SMCDIODE-15MQ040N Datasheet
263Kb / 4P
   15MQ040N SCHOTTKY RECTIFIER
Rev. B
More results

Similar Description - 15MQ040N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30BQ100PBF VISHAY-30BQ100PBF Datasheet
93Kb / 6P
   Schottky Rectifier, 3 A
Revision: 16-Apr-08
MBR350 VISHAY-MBR350_12 Datasheet
120Kb / 6P
   Schottky Rectifier, 3 A
Revision: 13-Oct-11
15MQ040NPBF VISHAY-15MQ040NPBF_10 Datasheet
111Kb / 6P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
MBR340 VISHAY-MBR340_12 Datasheet
119Kb / 6P
   Schottky Rectifier, 3 A
Revision: 19-Sep-11
VS-30BQ100PBF VISHAY-VS-30BQ100PBF_V01 Datasheet
111Kb / 7P
   Schottky Rectifier, 3 A
02-Oct-12
30BQ100PBF VISHAY-30BQ100PBF_13 Datasheet
111Kb / 7P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
VS-15MQ040NPBF VISHAY-VS-15MQ040NPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 3 A
Revision: 23-May-14
30BQ100PBF VISHAY-30BQ100PBF_10 Datasheet
112Kb / 7P
   Schottky Rectifier, 3 A
Revision: 04-Mar-10
30MQ040-M3 VISHAY-30MQ040-M3 Datasheet
117Kb / 6P
   Schottky Rectifier, 3 A
Revision: 10-Sep-10
VS-MBR350M3 VISHAY-VS-MBR350M3 Datasheet
113Kb / 6P
   Schottky Rectifier, 3 A
02-Oct-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com