Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBUEBT Datasheet(PDF) 5 Page - Vishay Siliconix

Part # EBUEBT
Description  Aluminum Capacitors Axial Non-Polar Capacitor Styles
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EBUEBT Datasheet(HTML) 5 Page - Vishay Siliconix

  EBUEBT Datasheet HTML 1Page - Vishay Siliconix EBUEBT Datasheet HTML 2Page - Vishay Siliconix EBUEBT Datasheet HTML 3Page - Vishay Siliconix EBUEBT Datasheet HTML 4Page - Vishay Siliconix EBUEBT Datasheet HTML 5Page - Vishay Siliconix EBUEBT Datasheet HTML 6Page - Vishay Siliconix EBUEBT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 25117
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 11-Jun-08
5
EBU/EBT
Aluminum Capacitors
Axial Non-Polar Capacitor Styles
Vishay Roederstein
MAXIMUM DISSIPATION FACTOR tan
δ VS. FREQUENCY f - EBT
UR
(V)
CR
1 kHz
(µF)
Ueff
(V)
FREQUENCY f (kHz)
0.05
0.1
0.2
0.5
1
2
5
10
20
2.2
15
0.070
0.080
0.085
0.090
0.095
0.14
0.27
0.40
0.72
3.3
15
0.070
0.080
0.085
0.090
0.095
0.14
0.27
0.40
0.72
40
4.7
15
0.070
0.080
0.085
0.090
0.095
0.14
0.27
0.40
0.72
6.8
15
0.070
0.080
0.085
0.090
0.095
0.14
0.27
0.40
0.72
10.0
15
0.070
0.080
0.085
0.090
0.095
0.14
0.27
0.40
0.72
15.0
15
0.050
0.060
0.065
0.070
0.080
0.13
0.24
0.40
0.72
2.2
23
0.065
0.075
0.080
0.085
0.090
0.13
0.24
0.35
0.64
3.3
23
0.065
0.075
0.080
0.085
0.090
0.13
0.24
0.35
0.64
63
4.7
23
0.065
0.075
0.080
0.085
0.090
0.13
0.24
0.35
0.64
6.8
23
0.065
0.075
0.080
0.085
0.090
0.13
0.24
0.35
0.64
10.0
23
0.065
0.075
0.080
0.085
0.090
0.13
0.24
0.35
0.64
2.2
35
0.060
0.070
0.075
0.080
0.085
0.12
0.23
0.32
0.56
100
3.3
35
0.060
0.070
0.075
0.080
0.085
0.12
0.23
0.32
0.56
4.7
35
0.060
0.070
0.075
0.080
0.085
0.12
0.23
0.32
0.56
MAXIMUM EQUIVALENT SERIES RESISTANCE RESR (Ω) VERSUS FREQUENCY f - EBT
UR
(V)
CR
1 kHz
(µF)
Ueff
(V)
FREQUENCY f (kHz)
0.05
0.1
0.2
0.5
1
2
5
10
20
2.2
15
101.0
58.00
31.00
13.00
6.90
5.00
4.10
3.20
2.70
3.3
15
68.0
38.00
21.00
8.80
4.60
3.30
2.70
2.10
1.80
40
4.7
15
47.0
27.00
15.00
6.20
3.20
2.30
1.90
1.50
1.30
6.8
15
33.0
19.00
10.00
4.30
2.20
1.60
1.30
1.00
0.90
10.0
15
22.0
13.00
6.80
2.90
1.50
1.10
0.90
0.70
0.60
15.0
15
10.6
6.40
3.50
1.50
0.85
0.67
0.53
0.47
0.40
2.2
23
94.0
54.00
29.00
12.00
6.40
4.50
3.60
2.70
2.30
3.3
23
63.0
36.00
19.00
8.20
4.20
3.00
2.40
1.80
1.50
63
4.7
23
44.0
25.00
14.00
5.70
3.00
2.10
1.70
1.30
1.10
6.8
23
30.0
18.00
9.40
4.00
2.10
1.50
1.20
0.88
0.73
10.0
23
21.0
12.00
6.40
2.70
1.40
1.00
0.80
0.60
0.50
2.2
35
87.0
50.00
27.00
12.00
6.40
4.50
3.60
2.70
2.30
100
3.3
35
58.0
34.00
18.00
7.90
4.20
3.00
2.40
1.80
1.50
4.7
35
41.0
24.00
13.00
5.50
3.00
2.10
1.70
1.30
1.10


Similar Part No. - EBUEBT

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
EBU-101G-LF BOTHHAND-EBU-101G-LF Datasheet
215Kb / 2P
   Ethernet Switches expand to Wireless Access Point
EBU-101GLF BOTHHAND-EBU-101GLF Datasheet
215Kb / 2P
   Gigabit & High Power Base Unit for PoE
logo
ETAL Group
EBU-TA1-003-AC230V-B-10A ETAL-EBU-TA1-003-AC230V-B-10A Datasheet
1Mb / 6P
   Electronic circuit breaker EBU
EBU-TA1-003-AC230V-B-16A ETAL-EBU-TA1-003-AC230V-B-16A Datasheet
1Mb / 6P
   Electronic circuit breaker EBU
EBU-TA1-003-AC230V-B-4A ETAL-EBU-TA1-003-AC230V-B-4A Datasheet
1Mb / 6P
   Electronic circuit breaker EBU
More results

Similar Description - EBUEBT

ManufacturerPart #DatasheetDescription
logo
RFE international
TN331M0JTR080160 RFE-TN331M0JTR080160 Datasheet
86Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR TN Series: Axial Non-Polar
logo
Illinois Capacitor, Inc...
474BPA050M ILLINOISCAPACITOR-474BPA050M Datasheet
96Kb / 2P
   85째C Non-Polar Axial Lead Aluminum Electrolytic Capacitors
474BPA050M ILLINOISCAPACITOR-474BPA050M_13 Datasheet
206Kb / 2P
   85C Non-polar Axial Lead Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN NIC-NRE-SN Datasheet
210Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRESN NIC-NRESN Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR_14 Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EKSU VISHAY-EKSU Datasheet
101Kb / 6P
   Aluminum Capacitors Radial Style Non-Polar
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com