Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA2222 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SA2222
Description  High-Current Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2222 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SA2222 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2222 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2222 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2222 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA2222
No. A1148-2/4
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=--40V, IE=0A
--10
μA
Emitter Cutoff Current
IEBO
VEB=--4V, IC=0A
--10
μA
DC Current Gain
hFE
VCE=--2V, IC=--270mA
150
450
Gain-Bandwidth Product
fT
VCE=--10V, IC=--1A
230
MHz
Output Capacitance
Cob
VCB=--10V, f=1MHz
115
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=--6A, IB=--300mA
--250
--500
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=--6A, IB=--300mA
--1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=--100μA, IE=0A
--50
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=--1mA, RBE=∞
--50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=--100μA, IC=0A
--6
V
Turn-ON Time
ton
See specified Test Circuit.
40
ns
Storage Time
tstg
See specified Test Circuit.
240
ns
Fall Time
tf
See specified Test Circuit.
22
ns
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7508-002
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
IT13441
0--5
--2
--3
--4
--1
0
--1
--7
--6
--5
--4
--3
--2
--8
--9
--10
IB=0mA
--10mA
--60mA
--80m
A
--90mA
--100mA
--20mA
--40mA
--50mA
--70mA
--30mA
--200
mA
IT13442
0
--2.0
--1.0
--1.5
--0.5
0
--0.5
--3.5
--3.0
--2.5
--2.0
--1.5
--1.0
--4.0
--4.5
--5.0
IB=0mA
--5mA
--30mA
--40m
A
--45m
A
--50mA
--10mA
--20mA
--25mA
--35m
A
--15mA
--60
mA
--80
mA
VR
RL
VCC= --20V
VBE=5V
IC=20IB1= --20IB2= --5A
+
+
50Ω
INPUT
OUTPUT
RB
100μF
470μF
PW=20μs
IB1
IB2
D.C.≤1%
10.0
3.2
4.5
2.8
1.6
1.2
0.7
0.75
2.55
2.55
12
3
1 : Base
2 : Collector
3 : Emitter
SANYO : TO-220ML


Similar Part No. - 2SA2222

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA2222SG SANYO-2SA2222SG Datasheet
303Kb / 4P
   PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
logo
ON Semiconductor
2SA2222SG ONSEMI-2SA2222SG Datasheet
245Kb / 7P
   Bipolar Transistor -50V, -10A, Low VCE(sat) PNP TO-220F-3FS
September, 2013
logo
Inchange Semiconductor ...
2SA2222SG ISC-2SA2222SG Datasheet
265Kb / 2P
   isc Silicon PNP Power Transistor
More results

Similar Description - 2SA2222

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com