Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDF1DM Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EDF1DM
Description  Miniature Glass Passivated Ultrafast Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EDF1DM Datasheet(HTML) 1 Page - Vishay Siliconix

  EDF1DM Datasheet HTML 1Page - Vishay Siliconix EDF1DM Datasheet HTML 2Page - Vishay Siliconix EDF1DM Datasheet HTML 3Page - Vishay Siliconix EDF1DM Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EDF1AM thru EDF1DM
Vishay General Semiconductor
Document Number: 88577
Revision: 14-Jan-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Miniature Glass Passivated Ultrafast Bridge Rectifier
FEATURES
• UL recognition, file number E54214
• Ideal for printed circuit boards
• Ultrafast reverse recovery time for high
frequency
• Applicable for automative insertion
• High surge current capability
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
General purpose use in ac-to-dc bridge full wave
rectification for SMPS, lighting ballaster, adapter,
battery charger, home appliances, office equipment,
and telecommunication applications.
MECHANICAL DATA
Case: DFM
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test
Polarity: As marked on body
PRIMARY CHARACTERISTICS
IF(AV)
1 A
VRRM
50 V to 200 V
IFSM
50 A
IR
5 µA
VF
1.05 V
trr
50 ns
TJ max.
150 °C
Case Style DFM
~
~
~
~
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
EDF1AM
EDF1BM
EDF1CM
EDF1DM
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
V
Maximum RMS voltage
VRMS
35
70
106
140
V
Maximum DC blocking voltage
VDC
50
100
150
200
V
Max. average forward output rectified current at TA = 40 °C
IF(AV)
1.0
A
Peak forward surge current single sine-wave
superimposed on rated load
IFSM
50
A
Rating for fusing (t < 8.3 ms)
I2t
10
A2s
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
EDF1AM
EDF1BM
EDF1CM
EDF1DM
UNIT
Maximum instantaneous
forward voltage drop per diode
1.0 A
VF
1.05
V
Maximum reverse
current at rated DC
blocking voltage per diode
TA = 25 °C
TA = 125 °C
IR
5.0
1.0
µA
mA
Maximum reverse
recovery time per diode
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
50
ns


Similar Part No. - EDF1DM

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
EDF1DM GE-EDF1DM Datasheet
36Kb / 2P
   MINIATURE GLASS PASSIVATED FAST EFFICIENT BRIDGE RECTIFIER
logo
Vishay Siliconix
EDF1DM VISHAY-EDF1DM Datasheet
89Kb / 5P
   Miniature Glass Passivated Ultrafast Bridge Rectifier
01-Jan-2022
EDF1DM-E3/45 VISHAY-EDF1DM-E3/45 Datasheet
79Kb / 5P
   Miniature Glass Passivated Ultrafast Bridge Rectifier
Revision: 16-Aug-13
More results

Similar Description - EDF1DM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EDF1AM VISHAY-EDF1AM_V01 Datasheet
89Kb / 5P
   Miniature Glass Passivated Ultrafast Bridge Rectifier
01-Jan-2022
EDF1AM VISHAY-EDF1AM_13 Datasheet
79Kb / 5P
   Miniature Glass Passivated Ultrafast Bridge Rectifier
Revision: 16-Aug-13
B40C800DM VISHAY-B40C800DM_08 Datasheet
97Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 29-May-08
800DM VISHAY-800DM Datasheet
89Kb / 5P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 03-Sep-2020
B40C800DM VISHAY-B40C800DM_11 Datasheet
80Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 19-Aug-11
B40C800DM VISHAY-B40C800DM Datasheet
87Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
09-Oct-06
B40C800DM VISHAY-B40C800DM_V01 Datasheet
90Kb / 5P
   Glass Passivated Ultrafast Bridge Rectifier
01-Jan-2022
B250C800DM-E345 VISHAY-B250C800DM-E345 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 16-Aug-13
EDF1ASE377 VISHAY-EDF1ASE377 Datasheet
85Kb / 4P
   Miniature Glass Passivated Ultrafast
Revision: 19-Aug-13
EDF1AS VISHAY-EDF1AS Datasheet
105Kb / 4P
   Miniature Glass Passivated Ultrafast Surface Mount Bridge Rectifiers
Revision: 30-Jan-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com