Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDF1DM Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EDF1DM
Description  Miniature Glass Passivated Ultrafast Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EDF1DM Datasheet(HTML) 2 Page - Vishay Siliconix

  EDF1DM Datasheet HTML 1Page - Vishay Siliconix EDF1DM Datasheet HTML 2Page - Vishay Siliconix EDF1DM Datasheet HTML 3Page - Vishay Siliconix EDF1DM Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EDF1AM thru EDF1DM
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88577
Revision: 14-Jan-08
2
Note:
(1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.5 x 0.5" (13 x 13 mm) copper pads
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
EDF1AM
EDF1BM
EDF1CM
EDF1DM
UNIT
Typical thermal resistance (1)
RθJA
RθJL
38
12
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
EDF1DM-E3/45
0.418
45
50
Tube
Figure 1. Derating Curves Output Rectified Current
Figure 2. Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
20
40
60
80
100
120
140
160
0
0.5
1.0
0.75
0.25
Capacitive
Loads
IPK/IAV = 5.0
IPK/IAV =10
IPK/IAV =20
60 Hz Resistive
or Inductive Load
P.C.B. Mounted on
0.51 x 0.51" (13 x 13 mm)
Copper Pads with 0.06"
(1.5 mm) Lead Length
Ambient Temperature (°C)
1
10
100
0
10
20
30
40
50
60
1.0 Cycle
T
J = 150 °C
Single Sine-Wave
Number of Cycles at 60 Hz
Figure 3. Typical Forward Characteristics Per Diode
Figure 4. Typical Reverse Leakage Characteristics Per Diode
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
10
Instantaneous Forward Voltage (V)
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
0
20
40
60
80
100
0.1
1
10
100
1000
T
J = 125 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)


Similar Part No. - EDF1DM

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
EDF1DM GE-EDF1DM Datasheet
36Kb / 2P
   MINIATURE GLASS PASSIVATED FAST EFFICIENT BRIDGE RECTIFIER
logo
Vishay Siliconix
EDF1DM VISHAY-EDF1DM Datasheet
89Kb / 5P
   Miniature Glass Passivated Ultrafast Bridge Rectifier
01-Jan-2022
EDF1DM-E3/45 VISHAY-EDF1DM-E3/45 Datasheet
79Kb / 5P
   Miniature Glass Passivated Ultrafast Bridge Rectifier
Revision: 16-Aug-13
More results

Similar Description - EDF1DM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EDF1AM VISHAY-EDF1AM_V01 Datasheet
89Kb / 5P
   Miniature Glass Passivated Ultrafast Bridge Rectifier
01-Jan-2022
EDF1AM VISHAY-EDF1AM_13 Datasheet
79Kb / 5P
   Miniature Glass Passivated Ultrafast Bridge Rectifier
Revision: 16-Aug-13
B40C800DM VISHAY-B40C800DM_08 Datasheet
97Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 29-May-08
800DM VISHAY-800DM Datasheet
89Kb / 5P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 03-Sep-2020
B40C800DM VISHAY-B40C800DM_11 Datasheet
80Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 19-Aug-11
B40C800DM VISHAY-B40C800DM Datasheet
87Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
09-Oct-06
B40C800DM VISHAY-B40C800DM_V01 Datasheet
90Kb / 5P
   Glass Passivated Ultrafast Bridge Rectifier
01-Jan-2022
B250C800DM-E345 VISHAY-B250C800DM-E345 Datasheet
79Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 16-Aug-13
EDF1ASE377 VISHAY-EDF1ASE377 Datasheet
85Kb / 4P
   Miniature Glass Passivated Ultrafast
Revision: 19-Aug-13
EDF1AS VISHAY-EDF1AS Datasheet
105Kb / 4P
   Miniature Glass Passivated Ultrafast Surface Mount Bridge Rectifiers
Revision: 30-Jan-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com