Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALREKL00AA268C00K Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MALREKL00AA268C00K
Description  Aluminum Capacitors Radial Style 125 °C
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKL00AA268C00K Datasheet(HTML) 4 Page - Vishay Siliconix

  MALREKL00AA268C00K Datasheet HTML 1Page - Vishay Siliconix MALREKL00AA268C00K Datasheet HTML 2Page - Vishay Siliconix MALREKL00AA268C00K Datasheet HTML 3Page - Vishay Siliconix MALREKL00AA268C00K Datasheet HTML 4Page - Vishay Siliconix MALREKL00AA268C00K Datasheet HTML 5Page - Vishay Siliconix MALREKL00AA268C00K Datasheet HTML 6Page - Vishay Siliconix MALREKL00AA268C00K Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Document Number: 25010
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 17-Jul-08
329
EKL
Aluminum Capacitors
Radial Style 125 °C
Vishay Roederstein
35
22
5 x 11
0.12
0.97
128
0.50
MALREKL00AA222F00K
47
6.3 x 11
0.12
0.44
216
0.70
MALREKL00BA247F00K
100
8 x 11.5
0.12
0.21
368
1.10
MALREKL00PB310F00K
150
10 x 12.5
0.12
0.16
500
1.60
MALREKL00DC315F00K
220
10 x 16
0.12
0.12
616
2.30
MALREKL00DD322F00K
330
10 x 20
0.12
0.078
848
2.50
MALREKL00DE333F00K
470
12.5 x 20
0.12
0.060
1121
3.80
MALREKL00FE347F00K
680
12.5 x 25
0.12
0.047
1328
4.50
MALREKL00FG368F00K
1000
16 x 20
0.12
0.044
1416
5.80
MALREKL00JE410F00K
1500
16 x 31.5
0.14
0.036
1908
9.00
MALREKL00JS415F00K
2200
16 x 35.5
0.16
0.026
2144
11.0
MALREKL00JL422F00K
3300
18 x 40
0.18
0.022
2432
16.0
MALREKL00KK433F00K
50
1.0
5 x 11
0.10
5.20
29
0.50
MALREKL00AA110H00K
1.5
5 x 11
0.10
4.90
36
0.50
MALREKL00AA115H00K
2.2
5 x 11
0.10
4.50
43
0.50
MALREKL00AA122H00K
3.3
5 x 11
0.10
3.90
53
0.50
MALREKL00AA133H00K
4.7
5 x 11
0.10
2.90
65
0.50
MALREKL00AA147H00K
6.8
5 x 11
0.10
2.30
73
0.50
MALREKL00AA168H00K
10
5 x 11
0.10
1.80
92
0.50
MALREKL00AA210H00K
15
5 x 11
0.10
1.20
116
0.50
MALREKL00AA215H00K
22
6.3 x 11
0.10
0.84
156
0.70
MALREKL00BA222H00K
33
6.3 x 11
0.10
0.56
192
0.70
MALREKL00BA233H00K
47
8 x 11.5
0.10
0.39
275
1.10
MALREKL00PB247H00K
68
8 x 11.5
0.10
0.26
328
1.10
MALREKL00PB268H00K
100
10 x 16
0.10
0.21
465
2.30
MALREKL00DD310H00K
150
10 x 20
0.10
0.13
656
2.50
MALREKL00DE315H00K
220
10 x 25
0.10
0.098
832
3.00
MALREKL00DG322H00K
330
12.5 x 20
0.10
0.072
1025
3.80
MALREKL00FE333H00K
470
12.5 x 25
0.10
0.057
1200
4.50
MALREKL00FG347H00K
680
16 x 20
0.10
0.052
1304
5.80
MALREKL00JE368H00K
1000
16 x 31.5
0.10
0.039
1696
9.00
MALREKL00JS410H00K
1500
16 x 40
0.12
0.034
1928
13.0
MALREKL00JK415H00K
2200
18 x 40
0.14
0.031
2048
16.0
MALREKL00KK422H00K
63
2.2
8 x 11.5
0.08
4.00
28
1.10
MALREKL00PB122J00K
3.3
8 x 11.5
0.08
3.50
34
1.10
MALREKL00PB133J00K
4.7
8 x 11.5
0.08
2.60
41
1.10
MALREKL00PB147J00K
10
8 x 11.5
0.08
2.20
60
1.10
MALREKL00PB210J00K
22
10 x 16
0.08
1.00
113
2.30
MALREKL00DD222J00K
33
10 x 20
0.08
0.70
151
2.50
MALREKL00DE233J00K
47
12.5 x 20
0.08
0.60
211
3.80
MALREKL00FE247J00K
100
12.5 x 25
0.08
0.20
336
4.50
MALREKL00FG310J00K
100
0.47
8 x 11.5
0.08
6.00
13
1.10
MALREKL00PB047L00K
1.0
8 x 11.5
0.08
5.00
19
1.10
MALREKL00PB110L00K
2.2
10 x 12.5
0.08
3.80
33
1.60
MALREKL00DC122L00K
3.3
10 x 16
0.08
3.30
44
2.30
MALREKL00DD133L00K
4.7
10 x 16
0.08
2.50
52
2.30
MALREKL00DD147L00K
10
10 x 20
0.08
2.00
83
2.50
MALREKL00DE210L00K
22
12.5 x 25
0.08
1.00
157
4.50
MALREKL00FG222L00K
33
16 x 25
0.08
0.70
214
7.50
MALREKL00JG233L00K
47
16 x 31.5
0.08
0.60
279
9.00
MALREKL00JS247L00K
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
DIMENSIONS
Ø D x L
(mm)
tan
δ
120 Hz
Z
100 kHz/
120 °C
(
Ω)
IR
100 kHz/
125 °C
(mA)
WEIGHT
(g)
CATALOG NUMBER
(Long Leads)


Similar Part No. - MALREKL00AA268C00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKA00AA110J00K VISHAY-MALREKA00AA110J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA110L00K VISHAY-MALREKA00AA110L00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA115J00K VISHAY-MALREKA00AA115J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA115L00K VISHAY-MALREKA00AA115L00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA122J00K VISHAY-MALREKA00AA122J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results

Similar Description - MALREKL00AA268C00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
510DX VISHAY-510DX Datasheet
90Kb / 5P
   Aluminum Capacitors 125 °C, Miniature, Radial Lead
Revision: 07-Jan-13
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com