Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALSECA00AF233JARK Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MALSECA00AF233JARK
Description  Aluminum Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALSECA00AF233JARK Datasheet(HTML) 3 Page - Vishay Siliconix

  MALSECA00AF233JARK Datasheet HTML 1Page - Vishay Siliconix MALSECA00AF233JARK Datasheet HTML 2Page - Vishay Siliconix MALSECA00AF233JARK Datasheet HTML 3Page - Vishay Siliconix MALSECA00AF233JARK Datasheet HTML 4Page - Vishay Siliconix MALSECA00AF233JARK Datasheet HTML 5Page - Vishay Siliconix MALSECA00AF233JARK Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25018
280
Revision: 05-Jun-08
ECA
Vishay Roederstein
Aluminum Capacitors
16
47
5 x 5.3
0.20
5.64
52
0.17
MALSECA00BC247DARK
100
6.3 x 5.3
0.20
2.65
88
0.27
MALSECA00BD310DARK
220
6.3 x 7.7
0.24
1.45
162
0.40
MALSECA00BM322DARK
330
8 x 10
0.24
0.96
270
1.00
MALSECA00AF333DARK
1500
12.5 x 13.5
0.24
0.21
870
2.50
MALSECA00AH415DARK
25
22
5 x 5.3
0.13
7.84
41
0.17
MALSECA00BC222EARK
33
5 x 5.3
0.13
5.22
50
0.17
MALSECA00BC233EARK
47
6.3 x 5.3
0.13
3.67
70
0.27
MALSECA00BD247EARK
100
8 x 6.2
0.16
2.12
145
0.55
MALSECA00AE310EARK
220
8 x 10
0.16
0.96
232
1.00
MALSECA00AF322EARK
470
10 x 10
0.16
0.45
400
1.25
MALSECA00AG347EARK
1000
12.5 x 13.5
0.16
0.21
820
2.50
MALSECA00AH410EARK
35
10
4 x 5.3
0.15
19.9
27
0.12
MALSECA00BB210FARK
33
6.3 x 5.3
0.15
6.03
65
0.27
MALSECA00BD233FARK
47
8 x 6.2
0.15
4.23
105
0.55
MALSECA00AE247FARK
100
8 x 10
0.15
1.99
175
1.00
MALSECA00AF310FARK
330
10 x 10
0.15
0.60
360
1.25
MALSECA00AG333FARK
470
12.5 x 13.5
0.15
0.42
600
2.50
MALSECA00AH347FARK
50
0.10
4 x 5.3
0.10
1326
3.2
0.12
MALSECA00BB010HARK
0.22
4 x 5.3
0.10
602.9
4.7
0.12
MALSECA00BB022HARK
0.33
4 x 5.3
0.10
401.9
5.7
0.12
MALSECA00BB033HARK
0.47
4 x 5.3
0.10
282.2
6.8
0.12
MALSECA00BB047HARK
1.0
4 x 5.3
0.10
132.6
10
0.12
MALSECA00BB110HARK
2.2
4 x 5.3
0.10
60.3
15
0.12
MALSECA00BB122HARK
3.3
4 x 5.3
0.10
40.2
18
0.12
MALSECA00BB133HARK
4.7
5 x 5.3
0.10
28.2
25
0.17
MALSECA00BC147HARK
10
5 x 5.3
0.10
13.2
41
0.17
MALSECA00BC210HARK
22
6.3 x 5.3
0.10
6.03
71
0.27
MALSECA00BD222HARK
33
6.3 x 7.7
0.12
4.82
94
0.40
MALSECA00BM233HARK
47
8 x 10
0.12
3.39
140
1.00
MALSECA00AF247HARK
100
10 x 10
0.12
1.59
195
1.25
MALSECA00AG310HARK
220
10 x 10
0.12
0.72
320
1.25
MALSECA00AG322HARK
330
12.5 x 13.5
0.12
0.48
600
2.50
MALSECA00AH333HARK
63
10
6.3 x 5.8
0.12
15.9
46
0.30
MALSECA00AD210JARK
22
8 x 6.2
0.12
7.23
96
0.55
MALSECA00AE222JARK
33
8 x 10
0.12
4.82
117
1.00
MALSECA00AF233JARK
220
12.5 x 13.5
0.12
0.72
550
2.50
MALSECA00AH322JARK
100
2.2
5 x 5.3
0.12
72.35
20
0.17
MALSECA00BC122LARK
3.3
6.3 x 5.8
0.12
48.2
29
0.30
MALSECA00AD133LARK
4.7
6.3 x 5.8
0.12
33.9
35
0.30
MALSECA00AD147LARK
10
8 x 10
0.12
15.9
77
1.00
MALSECA00AF210LARK
22
8 x 10
0.12
7.23
100
1.00
MALSECA00AF222LARK
33
10 x 10
0.12
4.82
130
1.25
MALSECA00AG233LARK
47
10 x 10
0.12
3.39
155
1.25
MALSECA00AG247LARK
68
12.5 x 13.5
0.12
2.34
350
2.50
MALSECA00AH268LARK
100
12.5 x 13.5
0.12
1.59
420
2.50
MALSECA00AH310LARK
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
DIMENSIONS
Dx L
(mm)
tan
δ
120 Hz
RESR
120 Hz
(
Ω)
IR
120 Hz/85 °C
(mA)
WEIGHT
(g)
CATALOG NUMBER


Similar Part No. - MALSECA00AF233JARK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALSECB00AD222HARK VISHAY-MALSECB00AD222HARK Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 05-Jun-08
MALSECB00AD233FARK VISHAY-MALSECB00AD233FARK Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 05-Jun-08
MALSECB00AD247FARK VISHAY-MALSECB00AD247FARK Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 05-Jun-08
MALSECB00AD310DARK VISHAY-MALSECB00AD310DARK Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 05-Jun-08
MALSECB00AF310FARK VISHAY-MALSECB00AF310FARK Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 05-Jun-08
More results

Similar Description - MALSECA00AF233JARK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
156PUM-SI VISHAY-156PUM-SI Datasheet
127Kb / 7P
   Aluminum Capacitors Aluminum Capacitors
Revision: 18-Aug-08
ECL VISHAY-ECL Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 17-Jul-08
ECL VISHAY-ECL_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
515D476M050AA6AE3 VISHAY-515D476M050AA6AE3 Datasheet
102Kb / 9P
   Aluminum Capacitors
Revision: 12-Jun-13
ECV VISHAY-ECV Datasheet
87Kb / 5P
   Aluminum Capacitors
Revision: 13-Nov-08
ECA VISHAY-ECA_12 Datasheet
92Kb / 6P
   Aluminum Capacitors
Revision: 18-Oct-12
ECV VISHAY-ECV_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
ECB VISHAY-ECB Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 05-Jun-08
logo
Nichicon corporation
UAS2D330MHD NICHICON-UAS2D330MHD Datasheet
65Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UBX1A330MHL NICHICON-UBX1A330MHL Datasheet
79Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com