Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKO00BA322C00 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EKO00BA322C00
Description  Aluminum Capacitors Radial Style
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EKO00BA322C00 Datasheet(HTML) 1 Page - Vishay Siliconix

  EKO00BA322C00 Datasheet HTML 1Page - Vishay Siliconix EKO00BA322C00 Datasheet HTML 2Page - Vishay Siliconix EKO00BA322C00 Datasheet HTML 3Page - Vishay Siliconix EKO00BA322C00 Datasheet HTML 4Page - Vishay Siliconix EKO00BA322C00 Datasheet HTML 5Page - Vishay Siliconix EKO00BA322C00 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.vishay.com
For technical questions contact: aluminumcaps3@vishay.com
Document Number: 25006
228
Revision: 30-Aug-05
EKO
Vishay Roederstein
Not for new Designs*
Aluminum Capacitors
Radial Style
FEATURES
• Polarized Aluminum electrolytic capacitor
• High C•U product
• Small dimensions
• Lead (Pb)-free / RoHS
APPLICATIONS
• General uses, industrial electronics, automotive
electronics, audio / video systems
• Smoothing, filtering, coupling, decoupling, timing elements
• Portable and mobile units
*Replacement Product is EKA, please visit www.vishay.com/doc?25014
Component outlines.
QUICK REFERENCE DATA
DESCRIPTION
UNIT
VALUE
Nominal case size (ØD
× L)
mm
5 x 11 to 18 x 40
Rated capacitance range CR
µF
0.47 to 10000
Capacitance tolerance
%
± 20
Rated voltage range
V
10 to 350
400, 450
Category temperature range
°C
- 40 to + 85
- 25 to + 85
Endurance test at upper category temp.
h
2000
Useful life at 85°C and IR applied
h
3000
Useful life at 40°C and IR applied
h
70000
Failure rate
10-9/h
≤ 90
Based on sectional specification
IEC 60384-4/EN 130 300
Climatic category
IEC 60068
40/085/56
25/085/56
special values/dimensions on request
± 10% capacitance tolerance on request
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (ØD x L in mm)
CR
(
μF)
RATED VOLTAGE [V]
10
16
25
35
50
63
100
160
250
350
400
450
0.47
-
-
-
-
5 x 11
-
5 x 11
-
-
-
-
-
1.0
-
-
-
-
5 x 11
-
5 x 11
6.3 x 11
-
-
-
8 x 11.5
2.2
-
-
-
-
5 x 11
-
5 x 11
6.3 x 11
8 x 11.5 10 x 12.5 10 x 12.5
10 x 12.5
3.3
-
-
-
-
5 x 11
-
5 x 11
8 x 11.5
10 x 12.5 10 x 12.5 10 x 12.5
10 x 16
4.7
-
-
-
-
5 x 11
5 x 11
5 x 11
8 x 11.5
10 x 12.5 10 x 12.5
10 x 16
10 x 20
10
-
-
-
-
5 x 11
5 x 11
6.3 x 11
10 x 12.5
10 x 16
10 x 20 12.5 x 20
12.5 x 20
22
-
-
-
-
5 x 11
6.3 x 11
8 x 11.5
10 x 20
12.5 x 20
12.5 x 25 12.5 x 25
16 x 25
33
-
-
-
5 x 11
6.3 x 11
6.3 x 11 10 x 12.5
12.5 x 20
12.5 x 25
12.5 x 25
16 x 25
16 x 13.5
47
-
-
5 x 11
6.3 x 11
6.3 x 11
8 x 11.5
10 x 16
12.5 x 20
12.5 x 25
16 x 25 16 x 35.5
16 x 35.5
100
5 x 11
6.3 x 11
6.3 x 11
8 x 11.5
8 x 11.5
10 x 12.5
10 x 20
16 x 25
16 x 31.5
18 x 40
-
-
220
6.3 x 11
8 x 11.5
8 x 11.5
10 x 12.5
10 x 16
10 x 20 12.5 x 25
18 x 35.5
-
-
-
-
330
8 x 11.5
8 x 11.5
10 x 12.5
10 x 16
10 x 20
12.5 x 20
16 x 25
-
-
-
-
-
470
8 x 11.5
10 x 12.5
10 x 16
10 x 20
12.5 x 20
12.5 x 25 16 x 31.5
-
-
-
-
-
1000
10 x 16
10 x 20
12.5 x 20
12.5 x 25
16 x 25
16 x 31.5
-
-
-
-
-
-
2200
12.5 x 20
12.5 x 25
16 x 25
16 x 31.5
18 x 35.5
-
-
-
-
-
-
-
3300
12.5 x 25
16 x 25
16 x 31.5
18 x 35.5
-
-
-
-
-
-
-
-
4700
16 x 25
16 x 31.5
18 x 35.5
-
-
-
-
-
-
-
-
-
6800
16 x 31.5
-
-
-
-
-
-
-
-
-
-
-
10000
18 x 35.5
-
-
-
-
-
-
-
-
-
-
-
RoHS
COMPLIANT


Similar Description - EKO00BA322C00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com