Electronic Components Datasheet Search |
|
1N6296A Datasheet(PDF) 6 Page - Vishay Siliconix |
|
1N6296A Datasheet(HTML) 6 Page - Vishay Siliconix |
6 / 7 page 1.5KE6.8 thru 1.5KE540A, 1N6267 thru 1N6303 Vishay General Semiconductor www.vishay.com For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com Document Number: 88301 Revision: 22-Oct-08 6 PACKAGE OUTLINE DIMENSIONS in inches (millimeters) APPLICATION NOTES • This series of Silicon Transient Suppressors is used in applications where large voltage transients can permanently damage voltage-sensitive components. • The TVS diode can be used in applications where induced lightning on rural or remote transmission lines presents a hazard to electronic circuitry (ref: R.E.A. specification P.E. 60). • This Transient Voltage Suppressor diode has a pulse power rating of 1500 W for 1 ms. The response time of TVS diode clamping action is effectively instantaneous (1 x 10-9 s bi-directional); therefore, they can protect integrated circuits, MOS devices, hybrids, and other voltage sensitive semiconductors and components. TVS diodes can also be used in series or parallel to increase the peak power ratings. Figure 11. Instantaneous Forward Voltage Characteristics Curve 0 0.4 0.8 1.2 1.6 2.0 0.1 1 10 100 Instantaneous Forward Voltage (V) T J = 25 °C Pulse Width = 300 µs 1 % Duty Cycle Figure 12. Typical Transient Thermal Impedance 10 100 1 0.1 0.001 0.01 0.1 1 10 100 1000 tp - Pulse Duration (s) 1.0 (25.4) MIN. 1.0 (25.4) MIN. 0.375 (9.5) 0.285 (7.2) 0.210 (5.3) 0.190 (4.8) DIA. 0.042 (1.07) 0.038 (0.96) DIA. Case Style 1.5KE |
Similar Part No. - 1N6296A |
|
Similar Description - 1N6296A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |