Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1675A Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA1675A
Description  VERTICAL DEFLECTION CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1675A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA1675A Datasheet HTML 3Page - STMicroelectronics TDA1675A Datasheet HTML 4Page - STMicroelectronics TDA1675A Datasheet HTML 5Page - STMicroelectronics TDA1675A Datasheet HTML 6Page - STMicroelectronics TDA1675A Datasheet HTML 7Page - STMicroelectronics TDA1675A Datasheet HTML 8Page - STMicroelectronics TDA1675A Datasheet HTML 9Page - STMicroelectronics TDA1675A Datasheet HTML 10Page - STMicroelectronics TDA1675A Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TYPICAL PERFORMANCE
Symbol
Parameter
Value
Unit
VS
Minimum supply voltage
24
V
IS
Supply current
285
mA
tFLY
Flyback time
0.6
ms
tBLKG
Banking time
1.4
ms
fO
Free running frequency
43.5
Hz
* PTOT
Power dissipation
4.3
W
* RTH(heatsink)
Thermal resistance of the heatsink
for Tamb = 60
oC and Tj max = 110oC
for Tamb = 60
oC and Tj max = 120oC
6.5
8.5
oC/W
oC/W
* Worst case condition.
R9
2.2
C7
0.22µF
R11
330
YOKE
R8
120
C8
47µF
10V
C9
2200µF
16V
R10
2%
R12
0.82
5%
*
R1
4.7k
1
2
13
14
15
12
7
8
9
10
11
100k
56k
R6
R5
560k
*
*
*
R4
180k
RT1
HEIGHT
220k
4
6
3
S1
SERVICE
SWITCH
R2
15k
5
0.1µF
C1
BLANKING
OUT
SYNC.
PULSE
IN
C2
35V
1000µF
C3
0.1µF
R3
10k
1N4001
D1
220µF - 25V
C4
TDA 1675A
2.4k
R7
1k
2%
LINEARITY
RT2
C5 0.1µF
C
o
7.5k
1%
R o
330nF
5%
C6
0.1µF
0.1µF
+V S
* The value depends on the characteristics of the CRT. The value shown is indicative only.
Figure 5 : Application Circuit for 110
o CTV Set (Ry = 5.9
Ω ; Ly = 10 mH ; Iy = 1.95 APP)
TDA1675A
7/11


Similar Part No. - TDA1675A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA1670A STMICROELECTRONICS-TDA1670A Datasheet
604Kb / 15P
   VERTICAL DEFLECTION CIRCUIT
More results

Similar Description - TDA1675A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA1770A STMICROELECTRONICS-TDA1770A Datasheet
592Kb / 13P
   VERTICAL DEFLECTION CIRCUIT
TDA8174A STMICROELECTRONICS-TDA8174A_03 Datasheet
119Kb / 7P
   VERTICAL DEFLECTION CIRCUIT
TDA1670A STMICROELECTRONICS-TDA1670A Datasheet
604Kb / 15P
   VERTICAL DEFLECTION CIRCUIT
logo
NXP Semiconductors
TDA2653A PHILIPS-TDA2653A Datasheet
127Kb / 11P
   Vertical deflection circuit
January 1991
TDA2655B PHILIPS-TDA2655B Datasheet
284Kb / 7P
   VERTICAL DEFLECTION CIRCUIT
December 1982
logo
STMicroelectronics
TDA8174 STMICROELECTRONICS-TDA8174 Datasheet
61Kb / 5P
   VERTICAL DEFLECTION CIRCUIT
TDA8174A STMICROELECTRONICS-TDA8174A Datasheet
61Kb / 5P
   VERTICAL DEFLECTION CIRCUIT
TDA1771 STMICROELECTRONICS-TDA1771_03 Datasheet
57Kb / 5P
   VERTICAL DEFLECTION CIRCUIT
logo
NXP Semiconductors
TDA3651 PHILIPS-TDA3651 Datasheet
349Kb / 8P
   VERTICAL DEFLECTION CIRCUIT
February 1987
logo
STMicroelectronics
TDA1771 STMICROELECTRONICS-TDA1771 Datasheet
75Kb / 4P
   VERTICAL DEFLECTION CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com