Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKO00DE410D00 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EKO00DE410D00
Description  Aluminum Capacitors Radial Style
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EKO00DE410D00 Datasheet(HTML) 3 Page - Vishay Siliconix

  EKO00DE410D00 Datasheet HTML 1Page - Vishay Siliconix EKO00DE410D00 Datasheet HTML 2Page - Vishay Siliconix EKO00DE410D00 Datasheet HTML 3Page - Vishay Siliconix EKO00DE410D00 Datasheet HTML 4Page - Vishay Siliconix EKO00DE410D00 Datasheet HTML 5Page - Vishay Siliconix EKO00DE410D00 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.vishay.com
For technical questions contact: aluminumcaps3@vishay.com
Document Number: 25006
230
Revision: 30-Aug-05
EKO
Vishay Roederstein
Aluminum Capacitors
Radial Style
Note
1. Unless otherwise specified, all electrical values at Ta =20°C,
P = 80 to 120 kPa, RH = 45 to 75%.
ORDERING EXAMPLE
EKO 2200
μF / 25 V, ± 20 %, size: 16mm x 25mm
Leads: Long - Ordering code: EKO 00JG422E00
Leads: Short - Ordering code: EKO 05...
Leads: Bent open, shortened - Ordering code: EKO 09....
Leads: Bent open, shortened and formed - Ordering code:
EKO 06...
The 14th place ( ), not indicated in the following table, is an
inter-company code and is not relevant to your order.
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 120 Hz
UR
rated voltage
tan
δ
max. dissipation factor at 120 Hz
RESR
max. equivalent series resistance at 120 Hz
IR
rated alternating current (rms) at 120 Hz and upper
category temperature
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V)
CR
120 Hz
(
μF)
NOMINAL
CASE SIZE
∅DxL
(mm)
Tan
δ
120 Hz
RESR
120 Hz
(
Ω)
IR
120 Hz/85 °C
(mA)
WEIGHT
(g)
CATALOG
NUMBER
10
100
5 x 11
0.20
3.18
157
0.5
EKO00AA310C00
220
6.3 x 11
0.20
1.45
267
0.8
EKO00BA322C00
330
8 x 11.5
0.20
0.97
386
1.1
EKO00PB333C00
470
8 x 11.5
0.20
0.68
460
1.1
EKO00PB347C00
1000
10 x 16
0.20
0.32
854
2.0
EKO00DD410C00
2200
12.5 x 20
0.22
0.16
1492
3.8
EKO00GE422C00
3300
12.5 x 25
0.24
0.12
1831
4.5
EKO00GG433C00
4700
16 x 25
0.26
0.09
2317
7.0
EKO00JG447C00
6800
16 x 31.5
0.30
0.07
2814
9.0
EKO00JS468C00
10000
18 x 35.5
0.36
0.06
3475
13.0
EKO00KL510C00
16
100
6.3 x 11
0.16
2.55
201
0.8
EKO00BA310D00
220
8 x 11.5
0.16
1.16
352
1.1
EKO00PB322D00
330
8 x 11.5
0.16
0.77
431
1.1
EKO00PB333D00
470
10 x 12.5
0.16
0.54
598
1.5
EKO00DC347D00
1000
10 x 20
0.16
0.25
1042
2.5
EKO00DE410D00
2200
12.5 x 25
0.18
0.13
1713
4.5
EKO00GG422D00
3300
16 x 25
0.20
0.10
2194
7.0
EKO00JG433D00
4700
16 x 31.5
0.22
0.07
2718
9.0
EKO00JS447D00
6800
18 x 35.5
0.26
0.06
3360
13.0
EKO00KL468D00
25
47
5 x 11
0.14
4.74
131
0.5
EKO00AA247E00
100
6.3 x 11
0.14
2.23
220
0.8
EKO00BA310E00
220
8 x 11.5
0.14
1.01
386
1.1
EKO00PB322E00
330
10 x 12.5
0.14
0.68
549
1.5
EKO00DC333E00
470
10 x 16
0.14
0.47
717
2.0
EKO00DD347E00
1000
12.5 x 20
0.14
0.22
1340
3.8
EKO00GE410E00
2200
16 x 25
0.16
0.12
2032
7.0
EKO00JG422E00
3300
16 x 31.5
0.18
0.09
2546
9.0
EKO00JS433E00
4700
18 x 35.5
0.20
0.07
3225
13.0
EKO00KL447E00
35
33
5 x 11
0.12
5.79
123
0.5
EKO00AA233F00
47
6.3 x 11
0.12
4.07
169
0.8
EKO00BA247F00
100
8 x 11.5
0.12
1.91
291
1.1
EKO00PB310F00
220
10 x 12.5
0.12
0.87
501
1.5
EKO00DC322F00
330
10 x 16
0.12
0.58
672
2.0
EKO00DC333F00
470
10 x 20
0.12
0.41
875
2.5
EKO00DE347F00
1000
12.5 x 25
0.12
0.19
1633
4.5
EKO00GG410F00
2200
16 x 31.5
0.14
0.10
2401
9.0
EKO00JS422F00
3300
18 x 35.5
0.16
0.08
3065
13.0
EKO00KL433F00


Similar Description - EKO00DE410D00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com