Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALREKF00PP247F00K Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MALREKF00PP247F00K
Description  Aluminum Capacitors Radial Style
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKF00PP247F00K Datasheet(HTML) 1 Page - Vishay Siliconix

  MALREKF00PP247F00K Datasheet HTML 1Page - Vishay Siliconix MALREKF00PP247F00K Datasheet HTML 2Page - Vishay Siliconix MALREKF00PP247F00K Datasheet HTML 3Page - Vishay Siliconix MALREKF00PP247F00K Datasheet HTML 4Page - Vishay Siliconix MALREKF00PP247F00K Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 25004
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 13-Jun-08
1
Aluminum Capacitors
Radial Style
EKF
Vishay Roederstein
FEATURES
• Polarized aluminum electrolytic capacitor
• High CU product with miniature dimensions
• Temperature range 85 °C
APPLICATIONS
• General
uses,
audio/video
systems,
automotive
electronics
• Filtering, smoothing, coupling, decoupling
• Small space requirement, high component density
• Portable and mobile units
Component outlines
RoHS
COMPLIANT
QUICK REFERENCE DATA
DESCRIPTION
UNIT
VALUE
Nominal case size (Ø D x L)
mm
4 x 5 to 8 x 5
Rated capacitance range CR
µF
0.10 to 220
Capacitance tolerance
%
± 20
Rated voltage range
V
6.3 to 63
Category temperature range
°C
- 40 to 85
Load life
h
2000
Based on sectional specification
IEC 60384-4/EN 130 300
Climatic category IEC 60068
40/85/56
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZE (Ø D x L in mm)
CR
(µF)
RATED VOLTAGE (V)
6.3
10
1625
355063
0.10
→→→→
4 x 5
0.15
→→→→
4 x 5
0.22
→→→→
4 x 5
0.33
→→→→
4 x 5
0.47
→→→→
4 x 5
0.68
→→→→
4 x 5
1.0
→→→→
4 x 5
1.5
→→→→
4 x 5
2.2
→→→→
4 x 5
3.3
→→→→
4 x 5
5 x 5
4.7
→→→
4 x 5
5 x 5
6.8
→→
4 x 5
5 x 5
6.3 x 5
10
→→
4 x 5
5 x 5
6.3 x 5
15
4 x 5
5 x 5
6.3 x 5
8 x 5
22
4 x 5
5 x 5
6.3 x 5
8 x 5
33
5 x 5
6.3 x 5
8 x 5
-
47
5 x 5
6.3 x 5
8 x 5
-
-
68
→→
6.3 x 5
8 x 5
-
-
-
100
6.3 x 5
→→
8 x 5
---
150
→→
8 x 5
----
220
8 x 5
-----


Similar Part No. - MALREKF00PP247F00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKA00AA110J00K VISHAY-MALREKA00AA110J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA110L00K VISHAY-MALREKA00AA110L00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA115J00K VISHAY-MALREKA00AA115J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA115L00K VISHAY-MALREKA00AA115L00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA122J00K VISHAY-MALREKA00AA122J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results

Similar Description - MALREKF00PP247F00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com