Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPICXXXGW Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EPICXXXGW
Description  Electro-Pyrotechnic Initiator Chip Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EPICXXXGW Datasheet(HTML) 2 Page - Vishay Siliconix

  EPICXXXGW Datasheet HTML 1Page - Vishay Siliconix EPICXXXGW Datasheet HTML 2Page - Vishay Siliconix EPICXXXGW Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EPIC
Electro-Pyrotechnic Initiator Chip Resistor
Vishay Sfernice
Document Number: 53041
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 03-Nov-08
75
EXAMPLE OF APPLICATION
Chip: 0603
R: 2R ± 0R2
Energy: Around 1.5 mJ
Response time: 0.2 ms
Mounting Recommendations
EPIC can be mounted either on a PCB or on a squib. Please refer to Application Note (http://www.vishay.com//doc?53044) to
see Vishay/Sfernice recommendations.
AIRBAGS INITIATORS
A prerequisite to valid reliability estimation of an electro-explosive device (EED) is a sensitivity test program carefully chosen and
properly perform. The Bruceton Method (or up and down method) of sensitivity testing was developed specifically for ordinance
testing. Here under is an example of Bruceton’s test results.
2 customers: Customer A and customer B have equipped squibs of their own with 3 variants (Variant 1, 2 and 3) . Bruceton’s test
results of Vishay heating elements are shown in Table 1
CONCLUSION
Bruceton test results are self explanatory. They show that the electro-thermal behavior of EPIC is predictable, precise and
reproducible.
For more information please read the Application Note (http://www.vishay.com/doc?53044).
HOW TO GET THE RIGHT EPIC
Each EPIC will have to be adapted to customer pyrotechnic element. To reach the right product, Vishay/Sfernice works by
“iteration”. Upon receipt of the EPIC Design Guide (http://www.vishay.com/doc?53045) duly filled, an initial sampling lot is given
to customer (along with an EPIC reference) so he can provide Vishay/Sfernice with “no firing”/“all firing” conditions.
Then Vishay/Sfernice will be able to provide a new set of samples (eventually tooling charges will be necessary). Ohmic value of
samples will remain the same, but there will be a new compromise between the length, the width and the thickness of the filament
so as to increase the sensitivity of the EPIC and adapt the firing conditions to the pyrotechnic element of the customer.
When the right parameters are reached Vishay/Sfernice will design a final set of mask (with the participation of the customer).
Notes
(1) Tin/lead: Please consult
• EPIC being a semi-custom product, please fill EPIC Design Guide (http://www.vishay.com/doc?53045) and send to
sfer@vishay.com to get appropriate part number.
• Per Vishay policy all the components designed for automotive applications should be tested in accordance to AEC Q200
specification. As the EPIC is just part of an ignitor which is designed and qualified by each customer Vishay is not proceeding
to any AEC Q200 test.
HEATING ELEMENT
CUSTOMER A
CUSTOMER B
NF (in mA)
AF (in mA)
NF (in mA)
AF (in mA)
Variant 1
546
766
538
776
Variant 2
571
839
577
859
Variant 3
619
891
612
875
ORDERING PROCEDURE
New Global Part Numbering: EPICxxxxNT
MODEL
xxxx
TERMINATION (1)
PACKAGING
EPIC
Will be determined
at time of design
N: Tin/silver
B: Tin/lead
G: Gold
W = Waffle pack
T = Tape and reel
PI
C
x
x
x
x
N
T
E


Similar Part No. - EPICXXXGW

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EPIC-5536 AAEON-EPIC-5536 Datasheet
404Kb / 2P
   EPIC Board with Onboard AMD Geode LX800 (500 MHz) Processor
EPIC-5537 AAEON-EPIC-5537 Datasheet
349Kb / 1P
   Onboard AMD Geode??LX 800 Processor
EPIC-5537W1 AAEON-EPIC-5537W1 Datasheet
315Kb / 1P
   Onboard AMD Geode??LX 800 Processor 500 MHz
EPIC-8526 AAEON-EPIC-8526 Datasheet
225Kb / 1P
   Intel짰 Embedded Pentium짰 M/ Celeron짰 M Processors
EPIC-9456 AAEON-EPIC-9456 Datasheet
338Kb / 2P
   EPIC Board with Socket-478M Intel Core 2 Duo/ Core Duo/ Celeron M (65nm) Processor
More results

Similar Description - EPICXXXGW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MEPIC VISHAY-MEPIC Datasheet
93Kb / 4P
   Massive Electro-Pyrotechnic Initiator Chip Resistor
01-Jan-2022
MEPIA VISHAY-MEPIA Datasheet
115Kb / 4P
   Massive Electro-Pyrotechnic Initiator AEC-Q200 Qualified Resistor ChipS
01-Jan-2022
logo
Pepperl+Fuchs Inc.
1-1350 PF-1-1350 Datasheet
245Kb / 1P
   Initiator tester
logo
Xilinx, Inc
DS208 XILINX-DS208 Datasheet
318Kb / 13P
   LogiCORE IP Initiator/Target
logo
ams AG
AS3911B AMSCO-AS3911B Datasheet
1Mb / 155P
   NFC Initiator / HF Reader IC
AS3911 AMSCO-AS3911 Datasheet
1Mb / 149P
   NFC Initiator / HF Reader IC
logo
Bourns Electronic Solut...
CR0201 BOURNS-CR0201 Datasheet
206Kb / 2P
   Chip Resistor
CRL2512 BOURNS-CRL2512 Datasheet
123Kb / 1P
   Chip resistor
CRL1206 BOURNS-CRL1206 Datasheet
124Kb / 1P
   Chip Resistor
CR0402-LF BOURNS-CR0402-LF Datasheet
292Kb / 2P
   Chip Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com