Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALREKI00AA047H00K Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MALREKI00AA047H00K
Description  Aluminum Capacitors Low Leakage Current Radial Style
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKI00AA047H00K Datasheet(HTML) 3 Page - Vishay Siliconix

  MALREKI00AA047H00K Datasheet HTML 1Page - Vishay Siliconix MALREKI00AA047H00K Datasheet HTML 2Page - Vishay Siliconix MALREKI00AA047H00K Datasheet HTML 3Page - Vishay Siliconix MALREKI00AA047H00K Datasheet HTML 4Page - Vishay Siliconix MALREKI00AA047H00K Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25005
308
Revision: 24-Jun-08
EKI
Vishay Roederstein
Aluminum Capacitors
Low Leakage Current Radial Style
Note
Unless
otherwise
specified,
all
electrical
values
apply
at
Ta = 20 °C, P = 80 to 120 kPa, RH = 45 to 75 %
ORDERING EXAMPLE
EKI 220 µF/16 V, ± 20 %, size: 10 x 12.5 mm
Leads: Long
Ordering code: MALREKI00DC322D00K
Leads: Short
Ordering code: MALREKI05...
For 5
≤ Ø D ≤ 8 mm
Leads: Bent open, shortened and formed
Ordering code: MALREKI09...
For 10
≤ Ø D ≤ 18 mm
Leads: Shortened and formed
Ordering code: MALREKI06 ...
ELECTRICAL DATA
SYMBOL
DESCRIPTION
UR
rated voltage
CR
rated capacitance at 120 Hz
tan
δ
max. dissipation factor at 120 Hz
RESR
max. equivalent series resistance at 120 Hz
IL2
max. leakage current for acceptance test after
2 minutes at UR
IR
rated alternating current (rms) at 120 Hz and upper
category temperature
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
DIMENSIONS
Ø D x L
(mm)
tan
δ
120 Hz
RESR
120 Hz
(
Ω)
IL2
(µA)
IR
120 Hz/105 °C
(mA)
WEIGHT
(g)
ORDERING
NUMBER
(Long Leads)
10
47
5 x 11
0.15
4.23
0.94
70
0.4
MALREKI00AA247C00K
100
6.3 x 11
0.15
1.99
2.00
117
0.7
MALREKI00BA310C00K
220
8 x 11.5
0.15
0.90
4.40
205
1.0
MALREKI00PB322C00K
330
10 x 12.5
0.15
0.60
6.60
291
1.8
MALREKI00DC333C00K
16
33
5 x 11
0.12
4.82
1.06
65
0.4
MALREKI00AA233D00K
68
6.3 x 11
0.12
2.34
2.18
108
0.7
MALREKI00BA268D00K
150
8 x 11.5
0.12
1.06
4.80
189
1.0
MALREKI00PB315D00K
220
10 x 12.5
0.12
0.72
7.04
266
1.8
MALREKI00DC322D00K
25
22
5 x 11
0.08
4.82
1.10
65
0.4
MALREKI00AA222E00K
47
6.3 x 11
0.08
2.26
2.35
110
0.7
MALREKI00BA247E00K
100
8 x 11.5
0.08
1.06
5.00
189
1.0
MALREKI00PB310E00K
150
10 x 12.5
0.08
0.71
7.50
269
1.8
MALREKI00DC315E00K
35
15
5 x 11
0.08
7.07
1.05
54
0.4
MALREKI00AA215F00K
33
6.3 x 11
0.08
3.22
2.31
92
0.7
MALREKI00BA233F00K
68
8 x 11.5
0.08
1.56
4.76
156
1.0
MALREKI00PB268F00K
100
10 x 12.5
0.08
1.06
7.00
219
1.8
MALREKI00DC310F00K
50
0.10
5 x 11
0.08
1061
0.40
4.4
0.4
MALREKI00AA010H00K
0.15
5 x 11
0.08
707
0.40
5.4
0.4
MALREKI00AA015H00K
0.22
5 x 11
0.08
482
0.40
6.5
0.4
MALREKI00AA022H00K
0.33
5 x 11
0.08
322
0.40
8.0
0.4
MALREKI00AA033H00K
0.47
5 x 11
0.08
226
0.40
9.6
0.4
MALREKI00AA047H00K
0.68
5 x 11
0.08
156
0.40
11
0.4
MALREKI00AA068H00K
1.0
5 x 11
0.08
106
0.40
14
0.4
MALREKI00AA110H00K
1.5
5 x 11
0.08
70.7
0.40
17
0.4
MALREKI00AA115H00K
2.2
5 x 11
0.08
48.2
0.40
21
0.4
MALREKI00AA122H00K
3.3
5 x 11
0.08
32.2
0.40
25
0.4
MALREKI00AA133H00K
4.7
5 x 11
0.08
22.6
0.47
30
0.4
MALREKI00AA147H00K
6.8
5 x 11
0.08
15.6
0.68
36
0.4
MALREKI00AA168H00K
10
5 x 11
0.08
10.6
1.00
44
0.4
MALREKI00AA210H00K
15
6.3 x 11
0.08
7.07
1.50
62
0.7
MALREKI00BA215H00K
22
6.3 x 11
0.08
4.82
2.20
75
0.7
MALREKI00BA222H00K
33
8 x 11.5
0.08
3.22
3.30
109
1.0
MALREKI00PB233H00K
47
8 x 11.5
0.08
2.26
4.70
129
1.0
MALREKI00PB247H00K
68
10 x 12.5
0.08
1.56
6.80
181
1.8
MALREKI00DC268H00K


Similar Part No. - MALREKI00AA047H00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKA00AA110J00K VISHAY-MALREKA00AA110J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA110L00K VISHAY-MALREKA00AA110L00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA115J00K VISHAY-MALREKA00AA115J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA115L00K VISHAY-MALREKA00AA115L00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA122J00K VISHAY-MALREKA00AA122J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results

Similar Description - MALREKI00AA047H00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
013RLC VISHAY-013RLC Datasheet
99Kb / 7P
   Aluminum Capacitors Radial Low Leakage Current
Revision: 20-Jun-08
013RLC VISHAY-013RLC_V01 Datasheet
90Kb / 7P
   Aluminum Electrolytic Capacitors Radial Low Leakage Current
01-Jan-2023
013RLC VISHAY-013RLC_16 Datasheet
108Kb / 7P
   Aluminum Electrolytic Capacitors Radial Low Leakage Current
Revision: 15-Jul-16
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com