Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18TQ040S Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 18TQ040S
Description  Schottky Rectifier, 18 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

18TQ040S Datasheet(HTML) 4 Page - Vishay Siliconix

  18TQ040S Datasheet HTML 1Page - Vishay Siliconix 18TQ040S Datasheet HTML 2Page - Vishay Siliconix 18TQ040S Datasheet HTML 3Page - Vishay Siliconix 18TQ040S Datasheet HTML 4Page - Vishay Siliconix 18TQ040S Datasheet HTML 5Page - Vishay Siliconix 18TQ040S Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93950
4
Revision: 25-Jun-08
18TQ...S
Vishay High Power Products
Schottky Rectifier, 18 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Fig. 8 - Unclamped Inductive Test Circuit
IF(AV) - Average Forward Current (A)
028
12
150
155
160
170
180
416
20
165
175
18TQ
R
thJC (DC) = 1.50 °C/W
DC
824
0
15
IF(AV) - Average Forward Current (A)
0
828
4
10
12
16
24
20
RMS limit
DC
D = 0.08
D = 0.17
D = 0.25
D = 0.33
D = 0.50
5
tp - Square Wave Pulse Duration (µs)
100
1000
10
100
1000
10 000
At any rated load condition
and with rated V
applied
following surge
RRM
10 000
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02


Similar Part No. - 18TQ040S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
18TQ040S IRF-18TQ040S Datasheet
205Kb / 8P
   SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
18TQ040S ISC-18TQ040S Datasheet
283Kb / 2P
   Schottky Rectifier
logo
Vishay Siliconix
18TQ040SPBF VISHAY-18TQ040SPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 18 A
Revision: 26-May-08
18TQ040SPBF VISHAY-18TQ040SPBF Datasheet
159Kb / 8P
   Schottky Rectifier, 18 A
Revision: 12-Mar-10
18TQ040STRLPBF VISHAY-18TQ040STRLPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 18 A
Revision: 26-May-08
More results

Similar Description - 18TQ040S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
18TQPBF VISHAY-18TQPBF Datasheet
120Kb / 6P
   Schottky Rectifier, 18 A
Revision: 16-Apr-08
18TQ VISHAY-18TQ Datasheet
109Kb / 6P
   Schottky Rectifier, 18 A
Revision: 25-Jun-08
18TQ050PBF VISHAY-18TQ050PBF Datasheet
164Kb / 7P
   Schottky Rectifier, 18 A
Revision: 10-Nov-09
VS-18TQ0PBF VISHAY-VS-18TQ0PBF Datasheet
179Kb / 7P
   Schottky Rectifier, 18 A
Revision: 11-Oct-12
18TQSPBF VISHAY-18TQSPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 18 A
Revision: 26-May-08
18TQ035SPBF VISHAY-18TQ035SPBF_10 Datasheet
159Kb / 8P
   Schottky Rectifier, 18 A
Revision: 12-Mar-10
VS-18TQ035SPBF VISHAY-VS-18TQ035SPBF Datasheet
158Kb / 8P
   Schottky Rectifier, 18 A
Revision: 12-Mar-10
VS-18TQ035-M3 VISHAY-VS-18TQ035-M3 Datasheet
165Kb / 7P
   High Performance Schottky Rectifier, 18 A
Revision: 23-Nov-17
VS-18TQ0HN3 VISHAY-VS-18TQ0HN3 Datasheet
161Kb / 7P
   High Performance Schottky Rectifier, 18 A
Revision: 05-Mar-14
VS-18TQ035S-M3 VISHAY-VS-18TQ035S-M3 Datasheet
192Kb / 8P
   High Performance Schottky Rectifier, 18 A
Revision: 25-Feb-14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com