Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALREKA00DD368E00K Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MALREKA00DD368E00K
Description  Aluminum Capacitors Radial Style
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKA00DD368E00K Datasheet(HTML) 5 Page - Vishay Siliconix

  MALREKA00DD368E00K Datasheet HTML 1Page - Vishay Siliconix MALREKA00DD368E00K Datasheet HTML 2Page - Vishay Siliconix MALREKA00DD368E00K Datasheet HTML 3Page - Vishay Siliconix MALREKA00DD368E00K Datasheet HTML 4Page - Vishay Siliconix MALREKA00DD368E00K Datasheet HTML 5Page - Vishay Siliconix MALREKA00DD368E00K Datasheet HTML 6Page - Vishay Siliconix MALREKA00DD368E00K Datasheet HTML 7Page - Vishay Siliconix MALREKA00DD368E00K Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 25014
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 24-Jun-08
295
EKA
Aluminum Capacitors
Radial Style
Vishay Roederstein
50
470
10 x 20
0.12
0.34
875
2.80
MALREKA00DE347H00K
680
12.5 x 20
0.12
0.23
1235
4.10
MALREKA00FE368H00K
1000
12.5 x 25
0.12
0.16
1633
5.60
MALREKA00FG410H00K
2200
16 x 31.5
0.16
0.10
2220
9.50
MALREKA00JS422H00K
3300
18 x 31.5
0.18
0.07
2765
12.0
MALREKA00KS433H00K
4700
18 x 40
0.20
0.06
3272
16.0
MALREKA00KK447H00K
63
1.0
5 x 11
0.10
133
23
0.45
MALREKA00AA110J00K
1.5
5 x 11
0.10
88.5
28
0.45
MALREKA00AA115J00K
2.2
5 x 11
0.10
60.3
34
0.45
MALREKA00AA122J00K
3.3
5 x 11
0.10
40.2
42
0.45
MALREKA00AA133J00K
4.7
5 x 11
0.10
28.2
50
0.45
MALREKA00AA147J00K
6.8
5 x 11
0.10
19.5
60
0.45
MALREKA00AA168J00K
10
5 x 11
0.10
13.3
72
0.45
MALREKA00AA210J00K
15
5 x 11
0.10
8.85
89
0.45
MALREKA00AA215J00K
22
5 x 11
0.10
6.03
108
0.45
MALREKA00AA222J00K
33
6.3 x 11
0.10
4.02
151
0.48
MALREKA00BA233J00K
47
6.3 x 11
0.10
2.82
181
0.48
MALREKA00BA247J00K
68
8 x 11.5
0.10
1.95
256
1.20
MALREKA00PB268J00K
100
8 x 11.5
0.10
1.33
311
1.20
MALREKA00PB310J00K
150
10 x 12.5
0.10
0.88
422
1.85
MALREKA00DC315J00K
220
10 x 16
0.10
0.60
586
2.30
MALREKA00DD322J00K
330
10 x 20
0.10
0.40
784
2.80
MALREKA00DE333J00K
470
12.5 x 20
0.10
0.28
1098
4.10
MALREKA00FE347J00K
680
12.5 x 25
0.10
0.20
1440
5.60
MALREKA00FG368J00K
1000
16 x 25
0.10
0.13
1937
7.50
MALREKA00JG410J00K
2200
18 x 31.5
0.14
0.08
2445
12.0
MALREKA00KS422J00K
3300
18 x 40
0.16
0.06
2987
16.0
MALREKA00KK433J00K
100
1.0
5 x 11
0.08
106
23
0.45
MALREKA00AA110L00K
1.5
5 x 11
0.08
70.8
28
0.45
MALREKA00AA115L00K
2.2
5 x 11
0.08
48.3
34
0.45
MALREKA00AA122L00K
3.3
5 x 11
0.08
32.2
42
0.45
MALREKA00AA133L00K
4.7
‘5 x 11
0.08
22.6
50
0.45
MALREKA00AA147L00K
6.8
5 x 11
0.08
15.6
60
0.45
MALREKA00AA168L00K
10
5 x 11
0.08
10.6
76
0.45
MALREKA00AA210L00K
15
6.3 x 11
0.08
7.08
89
0.48
MALREKA00BA215L00K
22
6.3 x 11
0.08
4.83
124
0.48
MALREKA00BA222L00K
33
8 x 11.5
0.08
3.22
178
1.20
MALREKA00PB233L00K
47
8 x 11.5
0.08
2.26
222
1.20
MALREKA00PB247L00K
68
10 x 12.5
0.08
1.56
293
1.85
MALREKA00DC268L00K
100
10 x 16
0.08
1.06
388
2.30
MALREKA00DD310L00K
150
10 x 20
0.08
0.71
528
2.80
MALREKA00DE315L00K
220
12.5 x 20
0.08
0.48
737
4.10
MALREKA00FE322L00K
330
12.5 x 25
0.08
0.32
1002
5.60
MALREKA00FG333L00K
470
16 x 25
0.08
0.23
1328
7.50
MALREKA00JG347L00K
680
16 x 31.5
0.08
0.16
1643
9.50
MALREKA00JS368L00K
1000
18 x 31.5
0.08
0.11
1965
12.0
MALREKA00KS410L00K
160
3.3
6.3 x 11
0.15
60.3
45
0.48
MALREKA00BA133M00K
4.7
6.3 x 11
0.15
42.3
53
0.48
MALREKA00BA147M00K
6.8
8 x 11.5
0.15
29.3
76
1.20
MALREKA00PB168M00K
15
10 x 12.5
0.15
13.3
131
1.85
MALREKA00DC215M00K
22
10 x 12.5
0.15
9.05
156
1.85
MALREKA00DC222M00K
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
tan
δ
120 Hz
RESR
120 Hz
(
Ω)
IR
120 Hz/85 °C
(mA)
WEIGHT
(g)
CATALOG
NUMBER
(LONG LEADS)


Similar Part No. - MALREKA00DD368E00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKA00DD422C00K VISHAY-MALREKA00DD422C00K Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
More results

Similar Description - MALREKA00DD368E00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com