Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALREKI00AA147H00K Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MALREKI00AA147H00K
Description  Aluminum Capacitors Low Leakage Current Radial Style
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKI00AA147H00K Datasheet(HTML) 4 Page - Vishay Siliconix

  MALREKI00AA147H00K Datasheet HTML 1Page - Vishay Siliconix MALREKI00AA147H00K Datasheet HTML 2Page - Vishay Siliconix MALREKI00AA147H00K Datasheet HTML 3Page - Vishay Siliconix MALREKI00AA147H00K Datasheet HTML 4Page - Vishay Siliconix MALREKI00AA147H00K Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 25005
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 24-Jun-08
309
EKI
Aluminum Capacitors
Low Leakage Current Radial Style
Vishay Roederstein
LOW TEMPERATURE BEHAVIOUR (at 120 Hz)
IMPEDANCE RATIO
Z(T2)/Z(T1)
RATED VOLTAGE (V)
T2/T1
1016
2535
50
- 25 °C/+ 20 °C
2
2
1.5
1.5
1.5
- 40 °C/+ 20 °C
4
3
2
2
2
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Current
Leakage current
(Test conditions: UR, 20 °C)
After 2 minutes at UR
IL2 ≤ 0.002 x CR x UR
or 4 µA
for UR ≤ 100 V (whichever is greater)
Resistance
Equivalent series resistance (ESR) Calculated from tan
δ
max.
ESR = tan
δ/2 π f C
R
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER FOR UR ≤ 100 V
CR ≤ 47 µF
CR = 68 to 680 µF
CR ≥ 1000 µF
50
0.75
0.80
0.85
120
1.00
1.00
1.00
300
1.35
1.25
1.10
1000
1.55
1.35
1.15
≥ 10 000
2.00
1.50
1.15
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER FOR UR 160 V to ≤ 450 V
CR = 47 to 220 µF
CR ≥ 330 µF
50
0.80
0.90
120
1.00
1.00
300
1.25
1.10
1000
1.40
1.13
≥ 10 000
1.60
1.15
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(QUICK REFERENCE)
REQUIREMENTS
Load life
Tamb = 105 °C
UR and IR applied
After 1000 hours
Δ C/C: ± 15 % of initial value
IL ≤ spec. limit
tan
δ ≤ 1.5 x spec. limit
Shelf life
No voltage applied
After 1000 hours
After test: UR to be applied for 30 minutes
24 to 48 hours before measurement
Δ C/C: ± 15 % of initial value
IL ≤ spec.limit
tan
δ ≤ 1.5 x spec. limit


Similar Part No. - MALREKI00AA147H00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKA00AA110J00K VISHAY-MALREKA00AA110J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA110L00K VISHAY-MALREKA00AA110L00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA115J00K VISHAY-MALREKA00AA115J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA115L00K VISHAY-MALREKA00AA115L00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
MALREKA00AA122J00K VISHAY-MALREKA00AA122J00K Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results

Similar Description - MALREKI00AA147H00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
013RLC VISHAY-013RLC Datasheet
99Kb / 7P
   Aluminum Capacitors Radial Low Leakage Current
Revision: 20-Jun-08
013RLC VISHAY-013RLC_V01 Datasheet
90Kb / 7P
   Aluminum Electrolytic Capacitors Radial Low Leakage Current
01-Jan-2023
013RLC VISHAY-013RLC_16 Datasheet
108Kb / 7P
   Aluminum Electrolytic Capacitors Radial Low Leakage Current
Revision: 15-Jul-16
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com