Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALREKV00DC122X00K Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MALREKV00DC122X00K
Description  Aluminum Capacitors Radial Style
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKV00DC122X00K Datasheet(HTML) 1 Page - Vishay Siliconix

  MALREKV00DC122X00K Datasheet HTML 1Page - Vishay Siliconix MALREKV00DC122X00K Datasheet HTML 2Page - Vishay Siliconix MALREKV00DC122X00K Datasheet HTML 3Page - Vishay Siliconix MALREKV00DC122X00K Datasheet HTML 4Page - Vishay Siliconix MALREKV00DC122X00K Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EKV
Vishay Roederstein
Aluminum Capacitors
Radial Style
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25145
322
Revision: 24-Jun-08
FEATURES
• Polarized aluminum electrolytic capacitor
• High ripple current
• High reliability
• High load life up to 10 000 h
APPLICATIONS
• For electronic lighting ballast
Power supply
Component outlines
RoHS
COMPLIANT
QUICK REFERENCE DATA
DESCRIPTION
UNIT
VALUE
Nominal case size (Ø D x L)
mm
10 x 12.5 to 18 x 31.5
Rated capacitance range CR
µF
1.0 to 150
Capacitance tolerance
%± 20
Rated voltage range
V
200 to 450
Category temperature range
°C
- 25 to 105
Load life
h
10 000
Based on sectional specification
IEC 60384-4/EN130300
Climatic category IEC 60 068
25/105/56
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(µF)
RATED VOLTAGE (V)
200
250
350
400
450
1.0
→→→
10 x 12.5
-
2.2
→→→
10 x 12.5
10 x 16
3.3
→→
10 x 12.5
10 x 16
4.7
→→→
10 x 16
10 x 20
6.8
10 x 12.5
10 x 16
10 x 20
10
10 x 16
→→
10 x 20
12.5 x 20
22
10 x 20
12.5 x 20
12.5 x 25
16 x 25
33
12.5 x 20
16 x 20
16 x 25
18 x 25
47
12.5 x 20
12.5 x 25
16 x 25
18 x 25
18 x 31.5
68
12.5 x 25
16 x 25
18 x 25
-
-
100
16 x 25
18 x 25
-
-
-
150
18 x 25
-
-
-
-


Similar Part No. - MALREKV00DC122X00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKV00DC168N00K VISHAY-MALREKV00DC168N00K Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
More results

Similar Description - MALREKV00DC122X00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com