Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20CJQ060 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 20CJQ060
Description  Schottky Rectifier, 2 x 1 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20CJQ060 Datasheet(HTML) 5 Page - Vishay Siliconix

  20CJQ060 Datasheet HTML 1Page - Vishay Siliconix 20CJQ060 Datasheet HTML 2Page - Vishay Siliconix 20CJQ060 Datasheet HTML 3Page - Vishay Siliconix 20CJQ060 Datasheet HTML 4Page - Vishay Siliconix 20CJQ060 Datasheet HTML 5Page - Vishay Siliconix 20CJQ060 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 93273
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 22-Aug-08
5
20CJQ060
Schottky Rectifier, 2 x 1 A Vishay High Power Products
ORDERING INFORMATION TABLE
2
-
Schottky rectifier series
3
-
Circuit configuration:
C = Common cathode
4
-
Package:
J = SOT-223
5
-
Schottky “Q” series
6
-
Voltage rating (060 = 60 V)
7
-
None = Standard production
PbF = Lead (Pb)-free
1
-
Current rating (2 = 2 A)
Device code
5
13
24
67
2
0
C
J
Q
060
-
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95022
Part marking information
http://www.vishay.com/doc?95031
Packaging information
http://www.vishay.com/doc?95035


Similar Part No. - 20CJQ060

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20CJQ060 IRF-20CJQ060 Datasheet
177Kb / 4P
   SCHOTTKY RECTIFIER, 2 Amp
logo
Sangdest Microelectroni...
20CJQ060 SMC-20CJQ060 Datasheet
212Kb / 6P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
20CJQ060 SMCDIODE-20CJQ060 Datasheet
520Kb / 4P
   20CJQ060 SCHOTTKY RECTIFIER
Rev. A
logo
Vishay Siliconix
20CJQ060PBF VISHAY-20CJQ060PBF Datasheet
94Kb / 6P
   Schottky Rectifier, 2 x 1 A
Revision: 21-Aug-08
More results

Similar Description - 20CJQ060

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20CJQ030 VISHAY-20CJQ030 Datasheet
125Kb / 6P
   Schottky Rectifier, 2 x 1 A
Revision: 22-Aug-08
20CJQ030PBF VISHAY-20CJQ030PBF Datasheet
93Kb / 6P
   Schottky Rectifier, 2 x 1 A
Revision: 21-Aug-08
20CJQ060PBF VISHAY-20CJQ060PBF Datasheet
94Kb / 6P
   Schottky Rectifier, 2 x 1 A
Revision: 21-Aug-08
20CJQ100PBF VISHAY-20CJQ100PBF Datasheet
95Kb / 6P
   Schottky Rectifier, 2 x 1 A
Revision: 21-Aug-08
20CJQ100 VISHAY-20CJQ100 Datasheet
98Kb / 6P
   Schottky Rectifier, 2 x 1 A
Revision: 22-Aug-08
20CJQ045PBF VISHAY-20CJQ045PBF Datasheet
108Kb / 6P
   Schottky Rectifier, 2 x 1 A
Revision: 21-Aug-08
20CJQ045 VISHAY-20CJQ045 Datasheet
102Kb / 6P
   Schottky Rectifier, 2 x 1 A
Revision: 22-Aug-08
80CPQ150PBF VISHAY-80CPQ150PBF Datasheet
155Kb / 7P
   Schottky Rectifier, 2 x 40 A
Revision: 13-Aug-08
25CTQ035SPBF VISHAY-25CTQ035SPBF_10 Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 12-Mar-10
30L30CT-1PBF VISHAY-30L30CT-1PBF_10 Datasheet
127Kb / 7P
   Schottky Rectifier, 2 x 15 A
Revision: 05-Oct-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com