Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALREKB00BA268F00K Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MALREKB00BA268F00K
Description  Aluminum Capacitors Radial Style
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKB00BA268F00K Datasheet(HTML) 8 Page - Vishay Siliconix

  MALREKB00BA268F00K Datasheet HTML 1Page - Vishay Siliconix MALREKB00BA268F00K Datasheet HTML 2Page - Vishay Siliconix MALREKB00BA268F00K Datasheet HTML 3Page - Vishay Siliconix MALREKB00BA268F00K Datasheet HTML 4Page - Vishay Siliconix MALREKB00BA268F00K Datasheet HTML 5Page - Vishay Siliconix MALREKB00BA268F00K Datasheet HTML 6Page - Vishay Siliconix MALREKB00BA268F00K Datasheet HTML 7Page - Vishay Siliconix MALREKB00BA268F00K Datasheet HTML 8Page - Vishay Siliconix MALREKB00BA268F00K Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Document Number: 25013
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 24-Jun-08
305
EKB
Aluminum Capacitors
Radial Style
Vishay Roederstein
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER FOR UR ≤ 100 V
CR ≤ 47 µF
CR = 68 to 680 µF
CR ≥ 1000 µF
50
0.75
0.80
0.85
120
1.00
1.00
1.00
300
1.35
1.25
1.10
1000
1.55
1.35
1.15
≥ 10 000
2.00
1.50
1.15
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER FOR UR 160 V to ≤ 450 V
CR = 47 to 220 µF
CR ≥ 330 µF
50
0.80
0.90
120
1.00
1.00
300
1.25
1.10
1000
1.40
1.13
≥ 10 000
1.60
1.15
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(QUICK REFERENCE)
REQUIREMENTS
Load life
Tamb = 105 °C
UR and IR applied
After 1000 hours Ø 5, Ø 6.3, Ø 8 mm
After 2000 hours
≥ Ø 10 mm
Δ C/C: ± 20 % of initial value
IL ≤ spec. limit
tan
δ ≤ 2 x spec. limit
Shelf life
Tamb = 105 °C
No voltage applied
After 1000 hours
After test: UR to be applied for 30 minutes
24 to 48 hours before measurement
Δ C/C: ± 20 % of initial value
IL ≤ spec.limit
tan
δ ≤ 2 x spec. limit


Similar Part No. - MALREKB00BA268F00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKB00AA315C00K VISHAY-MALREKB00AA315C00K Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
MALREKB00AA322C00K VISHAY-MALREKB00AA322C00K Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
MALREKB00FD433B00K VISHAY-MALREKB00FD433B00K Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
MALREKB00FE447B00K VISHAY-MALREKB00FE447B00K Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
MALREKB00FG468B00K VISHAY-MALREKB00FG468B00K Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
More results

Similar Description - MALREKB00BA268F00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com