Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALREKB00DC333F00K Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MALREKB00DC333F00K
Description  Aluminum Capacitors Radial Style
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKB00DC333F00K Datasheet(HTML) 3 Page - Vishay Siliconix

  MALREKB00DC333F00K Datasheet HTML 1Page - Vishay Siliconix MALREKB00DC333F00K Datasheet HTML 2Page - Vishay Siliconix MALREKB00DC333F00K Datasheet HTML 3Page - Vishay Siliconix MALREKB00DC333F00K Datasheet HTML 4Page - Vishay Siliconix MALREKB00DC333F00K Datasheet HTML 5Page - Vishay Siliconix MALREKB00DC333F00K Datasheet HTML 6Page - Vishay Siliconix MALREKB00DC333F00K Datasheet HTML 7Page - Vishay Siliconix MALREKB00DC333F00K Datasheet HTML 8Page - Vishay Siliconix MALREKB00DC333F00K Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25013
300
Revision: 24-Jun-08
EKB
Vishay Roederstein
Aluminum Capacitors
Radial Style
GENERAL NOTE
• For Standard Packaging Quantity (SPQ) and Minimum Order Quantity (MOQ) please refer to our price list or contact customer service
• For other packaging forms please refer to Vishay Roederstein General Information
Note
Unless
otherwise
specified,
all
electrical
values
apply
at
Ta = 20 °C , P = 80 to 120 kPa, RH = 45 to 75 %.
ORDERING EXAMPLE
EKB 3300 µF/25 V, ± 20 %, size: 16 x 25 mm
Leads: Long
Ordering code: MALREKB00JG433E00K
Leads: Short
Ordering code: MALREKB05...
For 5
≤ Ø D ≤ 8 mm
Leads: Bent open, shortened and formed
Ordering code: MALREKB09...
For 10
≤ Ø D ≤ 18 mm
Leads: Shortened and formed
Ordering code: MALREKB06 ...
DIMENSIONS in millimeters AND AVAILABLE FORMS
Casing Insulation
L
max.
15 min.
4 min.
Ø D
≤ 18 long leads MALREKB00...
L
max.
4.5 ± 0.5
S ± 0.5
Ø D
≤ 18 shortened leads MALREKB05...
(S = 2/2.5/3.5/5/7.5 mm)
4.5 ± 0.5
2 ± 0.2
2 max.
1.1 ± 0.1
S ± 0.5
4.5 ± 0.5
1.10 ± 0.1
2 max.
S ± 0.5
Ø D
≤ 8 leads shortened and formed MALREKB09...
(S = 2.0/2.5/3.5 mm)
10
≤ Ø D ≤ 18 leads shortened and formed MALREKB06...
(S = 5/7.5 mm)
ELECTRICAL DATA
SYMBOL
DESCRIPTION
UR
rated voltage
rated voltage
CR
rated capacitance at 120 Hz
tan
δ
max. dissipation factor at 120 Hz
RESR
calculated equivalent series resistance at 120 Hz
IR
rated ripple current (rms) at 120 Hz and upper
category temperature


Similar Part No. - MALREKB00DC333F00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKB00AA315C00K VISHAY-MALREKB00AA315C00K Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
MALREKB00AA322C00K VISHAY-MALREKB00AA322C00K Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
MALREKB00FD433B00K VISHAY-MALREKB00FD433B00K Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
MALREKB00FE447B00K VISHAY-MALREKB00FE447B00K Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
MALREKB00FG468B00K VISHAY-MALREKB00FG468B00K Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
More results

Similar Description - MALREKB00DC333F00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com