Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE100A Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 1.5KE100A
Description  TRANSZORB® Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1.5KE100A Datasheet(HTML) 6 Page - Vishay Siliconix

  1.5KE100A Datasheet HTML 1Page - Vishay Siliconix 1.5KE100A Datasheet HTML 2Page - Vishay Siliconix 1.5KE100A Datasheet HTML 3Page - Vishay Siliconix 1.5KE100A Datasheet HTML 4Page - Vishay Siliconix 1.5KE100A Datasheet HTML 5Page - Vishay Siliconix 1.5KE100A Datasheet HTML 6Page - Vishay Siliconix 1.5KE100A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
1.5KE6.8 thru 1.5KE540A, 1N6267 thru 1N6303
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88301
Revision: 22-Oct-08
6
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
APPLICATION NOTES
• This series of Silicon Transient Suppressors is
used in applications where large voltage transients
can
permanently
damage
voltage-sensitive
components.
• The TVS diode can be used in applications where
induced lightning on rural or remote transmission
lines presents a hazard to electronic circuitry (ref:
R.E.A. specification P.E. 60).
• This Transient Voltage Suppressor diode has
a pulse power rating of 1500 W for 1 ms. The
response time of TVS diode clamping action
is
effectively
instantaneous
(1
x
10-9
s
bi-directional);
therefore,
they
can
protect
integrated circuits, MOS devices, hybrids, and
other
voltage
sensitive
semiconductors
and
components. TVS diodes can also be used in
series or parallel to increase the peak power
ratings.
Figure 11. Instantaneous Forward Voltage Characteristics Curve
0
0.4
0.8
1.2
1.6
2.0
0.1
1
10
100
Instantaneous Forward Voltage (V)
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
Figure 12. Typical Transient Thermal Impedance
10
100
1
0.1
0.001
0.01
0.1
1
10
100
1000
tp - Pulse Duration (s)
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
0.375 (9.5)
0.285 (7.2)
0.210 (5.3)
0.190 (4.8)
DIA.
0.042 (1.07)
0.038 (0.96)
DIA.
Case Style 1.5KE


Similar Part No. - 1.5KE100A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE100A TRSYS-1.5KE100A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
1.5KE100A DIGITRON-1.5KE100A Datasheet
526Kb / 5P
   1500W UNIDIRECTIONAL AND BIDIRECTIONAL
logo
Pan Jit International I...
1.5KE100A PANJIT-1.5KE100A Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
1.5KE100A LEIDITECH-1.5KE100A Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE100A DIODES-1.5KE100A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
More results

Similar Description - 1.5KE100A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P4KE6.8 VISHAY-P4KE6.8 Datasheet
107Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
1.5KE12A-E3-73 VISHAY-1.5KE12A-E3-73 Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
5KP30A-E3-54 VISHAY-5KP30A-E3-54 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 20-Nov-12
1N6386 VISHAY-1N6386 Datasheet
98Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P6KE400CA-E354 VISHAY-P6KE400CA-E354 Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
ICTE8-E354 VISHAY-ICTE8-E354 Datasheet
89Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
5KP188A VISHAY-5KP188A Datasheet
104Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
SA170CA VISHAY-SA170CA Datasheet
117Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
5KP188A VISHAY-5KP188A_V02 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
09-Jul-2021
5KP188A VISHAY-5KP188A_V03 Datasheet
82Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
BZW04P-5V8 VISHAY-BZW04P-5V8 Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com