Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MALREKB00DC322H00K Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MALREKB00DC322H00K
Description  Aluminum Capacitors Radial Style
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MALREKB00DC322H00K Datasheet(HTML) 7 Page - Vishay Siliconix

  MALREKB00DC322H00K Datasheet HTML 1Page - Vishay Siliconix MALREKB00DC322H00K Datasheet HTML 2Page - Vishay Siliconix MALREKB00DC322H00K Datasheet HTML 3Page - Vishay Siliconix MALREKB00DC322H00K Datasheet HTML 4Page - Vishay Siliconix MALREKB00DC322H00K Datasheet HTML 5Page - Vishay Siliconix MALREKB00DC322H00K Datasheet HTML 6Page - Vishay Siliconix MALREKB00DC322H00K Datasheet HTML 7Page - Vishay Siliconix MALREKB00DC322H00K Datasheet HTML 8Page - Vishay Siliconix MALREKB00DC322H00K Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 25013
304
Revision: 24-Jun-08
EKB
Vishay Roederstein
Aluminum Capacitors
Radial Style
350
3.3
8 x 11.5
0.20
80.38
34
1.10
MALREKB00PB133O00K
10
10 x 16
0.20
26.53
75
2.20
MALREKB00DD210O00K
15
10 x 20
0.20
17.68
100
3.10
MALREKB00DE215O00K
22
12.5 x 20
0.20
12.06
143
4.00
MALREKB00FE222O00K
33
12.5 x 25
0.20
8.04
190
5.00
MALREKB00FG233O00K
47
16 x 25
0.20
5.64
252
8.50
MALREKB00JG247O00K
68
16 x 31.5
0.20
3.90
332
10.0
MALREKB00JS268O00K
100
18 x 35.5
0.20
2.65
407
14.0
MALREKB00KL310O00K
150
18 x 40
0.20
1.77
523
14.6
MALREKB00KK315O00K
400
2.2
8 x 11.5
0.20
120.6
28
1.10
MALREKB00PB122X00K
3.3
10 x 12.5
0.20
80.38
39
2.05
MALREKB00DC133X00K
4.7
10 x 12.5
0.20
56.44
47
2.05
MALREKB00DC147X00K
6.8
10 x 16
0.20
39.01
62
2.20
MALREKB00DD168X00K
10
10 x 20
0.20
26.53
82
3.10
MALREKB00DE210X00K
15
12.5 x 20
0.20
17.68
118
4.00
MALREKB00FE215X00K
22
12.5 x 25
0.20
12.06
155
5.00
MALREKB00FG222X00K
33
16 x 25
0.20
8.04
211
8.50
MALREKB00JG233X00K
47
16 x 31.5
0.20
5.64
276
10.0
MALREKB00JS247X00K
68
18 x 35.5
0.20
3.90
373
14.0
MALREKB00KL268X00K
100
18 x 40
0.20
2.65
427
14.6
MALREKB00KK310X00K
450
2.2
10 x 12.5
0.20
120.6
27
2.05
MALREKB00DC122P00K
3.3
10 x 16
0.20
80.38
36
2.20
MALREKB00DD133P00K
4.7
10 x 16
0.20
56.44
43
2.20
MALREKB00DD147P00K
6.8
10 x 20
0.20
39.01
56
3.10
MALREKB00DE168P00K
10
12.5 x 20
0.20
26.53
80
4.00
MALREKB00FE210P00K
15
12.5 x 25
0.20
17.68
107
5.00
MALREKB00FG215P00K
22
16 x 25
0.20
12.06
144
8.50
MALREKB00JG222P00K
33
16 x 31.5
0.20
8.04
193
10.0
MALREKB00JS233P00K
47
16 x 35.5
0.20
5.64
242
11.0
MALREKB00JL247P00K
68
18 x 40
0.20
3.90
352
14.6
MALREKB00KK268P00K
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V)
CR
120 Hz
(µF)
DIMENSIONS
Dx L
(mm)
tan
δ
120 Hz
RESR
120 Hz
(
Ω)
IR
120 Hz/105 °C
(mA)
WEIGHT
(g)
CATALOG
NUMBER
(Long Leads)
LOW TEMPERATURE BEHAVIOR
IMPEDANCE RATIO
Z(T2)/Z(T1)
RATED VOLTAGE
(V)
T2/T1
6.3
10
16
25
35
50 ~ 100
160
200 ~ 350
400
450
- 25/+ 20 °C
5
4
3
2
2
2346
10
- 40/+ 20 °C
10
8
6
4
3
3
4
8
-
-
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Current
Leakage current
(Test conditions: UR, 20 °C)
After 1 minute at UR
IL1 ≤ 0.03 x CR x UR
or 4 µA
for UR ≤ 100 V (whichever is greater)
After 2 minutes at UR
IL2 ≤ 0.01 x CR x UR
or 3 µA
for UR ≤ 100 V (whichever is greater)
After 5 minutes at UR
IL5 ≤ 0.02 x CR x UR
+ 15 µA
for UR > 100 V (whichever is greater)
Resistance
Equivalent series resistance
(ESR)
Calculated from tan
δ
max.
and CR
ESR = tan
δ/2 π f C
R


Similar Part No. - MALREKB00DC322H00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MALREKB00AA315C00K VISHAY-MALREKB00AA315C00K Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
MALREKB00AA322C00K VISHAY-MALREKB00AA322C00K Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
MALREKB00FD433B00K VISHAY-MALREKB00FD433B00K Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
MALREKB00FE447B00K VISHAY-MALREKB00FE447B00K Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
MALREKB00FG468B00K VISHAY-MALREKB00FG468B00K Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
More results

Similar Description - MALREKB00DC322H00K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com