Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP03200BZ Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXTP03200BZ
Description  200V PNP Low VCE(sat) transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTP03200BZ Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXTP03200BZ Datasheet HTML 1Page - Zetex Semiconductors ZXTP03200BZ Datasheet HTML 2Page - Zetex Semiconductors ZXTP03200BZ Datasheet HTML 3Page - Zetex Semiconductors ZXTP03200BZ Datasheet HTML 4Page - Zetex Semiconductors ZXTP03200BZ Datasheet HTML 5Page - Zetex Semiconductors ZXTP03200BZ Datasheet HTML 6Page - Zetex Semiconductors ZXTP03200BZ Datasheet HTML 7Page - Zetex Semiconductors ZXTP03200BZ Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ZXTP03200BZ
Typical Characteristics
1m
10m
100m
1
10m
100m
1
10m
100m
1
0.0
0.1
0.2
0.3
0.4
1m
10m
100m
1
0
50
100
150
200
250
300
350
1m
10m
100m
1
0.2
0.4
0.6
0.8
1.0
1m
10m
100m
1
0.2
0.4
0.6
0.8
1.0
10m
100m
1
10
100
0
100
200
300
400
500
600
700
V
CE(sat)
v I
C
Tamb=25°C
I
C
/I
B
=20
I
C
/I
B
=5
I
C
/I
B
=10
- I
C
Collector Current (A)
100°C
V
BE(sat)
v I
C
I
C
/I
B
=10
150°C
25°C
-55°C
- I
C
Collector Current (A)
150°C
h
FE
v I
C
V
CE
=5V
-55°C
25°C
100°C
- I
C
Collector Current (A)
150°C
25°C
V
CE(sat)
v I
C
I
C
/I
B
=5
100°C
-55°C
- I
C
Collector Current (A)
150°C
V
BE(on)
v I
C
V
CE
=5V
100°C
25°C
-55°C
- I
C
Collector Current (A)
Capacitance v Voltage
f = 1MHz
Cobo
Cibo
- Voltage(V)
Issue 1 - August 2008
5
© Diodes Incorporated 2008
www.zetex.com
www.diodes.com


Similar Part No. - ZXTP03200BZ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP03200BZ DIODES-ZXTP03200BZ Datasheet
305Kb / 7P
   200V PNP LOW VCE(sat ) TRANSISTOR IN SOT-89
ZXTP03200BZTA DIODES-ZXTP03200BZTA Datasheet
305Kb / 7P
   200V PNP LOW VCE(sat ) TRANSISTOR IN SOT-89
ZXTP03200BZ DIODES-ZXTP03200BZ_15 Datasheet
305Kb / 7P
   200V PNP LOW VCE(sat ) TRANSISTOR IN SOT-89
More results

Similar Description - ZXTP03200BZ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP03200BG ZETEX-ZXTP03200BG Datasheet
185Kb / 8P
   200V PNP Low VCE(sat) transistor
logo
Diodes Incorporated
ZXTP03200BG DIODES-ZXTP03200BG Datasheet
192Kb / 8P
   200V PNP Low VCE(sat) transistor in SOT223
ZXTP03200BG DIODES-ZXTP03200BG_15 Datasheet
192Kb / 8P
   200V PNP Low VCE(sat) transistor in SOT223
ZXTP03200BZ DIODES-ZXTP03200BZ Datasheet
305Kb / 7P
   200V PNP LOW VCE(sat ) TRANSISTOR IN SOT-89
ZXTP03200BZ DIODES-ZXTP03200BZ_15 Datasheet
305Kb / 7P
   200V PNP LOW VCE(sat ) TRANSISTOR IN SOT-89
logo
Taiwan Semiconductor Co...
TSB1184 TSC-TSB1184 Datasheet
45Kb / 3P
   Low Vce(sat) PNP Transistor
logo
Pan Jit International I...
PBHV9110DW PANJIT-PBHV9110DW Datasheet
408Kb / 6P
   PNP Low Vce(sat) Transistor
January 18,2019-REV.00
2SB1429 PANJIT-2SB1429 Datasheet
313Kb / 5P
   PNP Low Vce(sat) Transistor
November 4,2016-REV.00
PBHV9110DW-AU PANJIT-PBHV9110DW-AU Datasheet
408Kb / 6P
   PNP Low Vce(sat) Transistor
January 18,2019-REV.00
logo
Taiwan Semiconductor Co...
TSB1424A TSC-TSB1424A Datasheet
71Kb / 3P
   Low Vce(sat) PNP Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com