Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP5401GTC Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXTP5401GTC
Description  150V, SOT223, PNP High voltage transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTP5401GTC Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXTP5401GTC Datasheet HTML 1Page - Zetex Semiconductors ZXTP5401GTC Datasheet HTML 2Page - Zetex Semiconductors ZXTP5401GTC Datasheet HTML 3Page - Zetex Semiconductors ZXTP5401GTC Datasheet HTML 4Page - Zetex Semiconductors ZXTP5401GTC Datasheet HTML 5Page - Zetex Semiconductors ZXTP5401GTC Datasheet HTML 6Page - Zetex Semiconductors ZXTP5401GTC Datasheet HTML 7Page - Zetex Semiconductors ZXTP5401GTC Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXTP5401G
Issue 1 - August 2007
4
www.zetex.com
© Zetex Semiconductors plc 2007
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit Conditions
Collector-base breakdown
voltage
BVCBO
-160
-270
V
IC = -100 A,
Collector-emitter breakdown
voltage (base open)
BVCEO
-150
-240
V
IC = -1mA *
Emitter-base breakdown
voltage
BVEBO
-5
-8.1
V
IE = -10 A
Collector cut-off current
ICBO
<-1
-50
nA
VCB = -120V
-50
AVCB = -120V, Tamb= 100°C
Collector-emitter saturation
voltage
VCE(sat)
-50
-200
mV
IC = -10mA, IB = -1mA *
-70
-500
mV
IC = -50mA, IB = -5mA *
Base-emitter saturation
voltage
VBE(sat)
-700
-1000
mV
IC = -10mA, IB = -1mA *
-750
-1000
mV
IC = -50mA, IB = -5mA *
Static forward current transfer
ratio
hFE
50
135
IC = -1mA, VCE = -5V *
60
135
240
IC = -10mA, VCE = -5V *
50
130
IC = -50mA, VCE = -5V *
Transition frequency
fT
100
MHz IC = -10mA, VCE = -10V
f = 100MHz
Output capacitance
COBO
6pF
VCB = -10V, f = 1MHz *
Delay time
t(d)
386
ns
VCC = -50V. IC = -100mA,
IB1 = IB2= -10mA.
Rise time
t(r)
202
ns
Storage time
t(s)
1720
ns
Fall time
t(f)
275
ns


Similar Part No. - ZXTP5401GTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP5401GTC DIODES-ZXTP5401GTC Datasheet
250Kb / 8P
   150V, SOT223, PNP High voltage transistor
More results

Similar Description - ZXTP5401GTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP5401G DIODES-ZXTP5401G Datasheet
250Kb / 8P
   150V, SOT223, PNP High voltage transistor
FZT755 DIODES-FZT755_15 Datasheet
620Kb / 7P
   150V PNP MEDIUM POWER TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTP5401FL ZETEX-ZXTP5401FL Datasheet
156Kb / 8P
   150V, SOT23, PNP High voltage transistor
logo
Diodes Incorporated
ZXTP5401FL DIODES-ZXTP5401FL Datasheet
168Kb / 8P
   150V, SOT23, PNP High voltage transistor
logo
Zetex Semiconductors
ZXTP5401Z ZETEX-ZXTP5401Z Datasheet
241Kb / 8P
   150V, SOT89, PNP High voltage transistor
logo
Diodes Incorporated
ZXTP5401Z DIODES-ZXTP5401Z Datasheet
253Kb / 8P
   150V, SOT89, PNP High voltage transistor
FZT757 DIODES-FZT757_15 Datasheet
472Kb / 7P
   300V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
logo
Zetex Semiconductors
BFN39 ZETEX-BFN39 Datasheet
46Kb / 1P
   SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BSP15 ZETEX-BSP15 Datasheet
45Kb / 1P
   SOT223 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FZT758 DIODES-FZT758_15 Datasheet
525Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com