Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB83BE18SGXA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EB83BE18SGXA
Description  Edgeboard Connectors, Dual Readout
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB83BE18SGXA Datasheet(HTML) 1 Page - Vishay Siliconix

  EB83BE18SGXA Datasheet HTML 1Page - Vishay Siliconix EB83BE18SGXA Datasheet HTML 2Page - Vishay Siliconix EB83BE18SGXA Datasheet HTML 3Page - Vishay Siliconix EB83BE18SGXA Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.vishay.com
14
EB8
Vishay Dale
Document Number 36005
Revision 14-Aug-02
For technical questions, contact Connectors@vishay.com
Edgeboard Connectors, Dual Readout
FEATURES
• 0.156" C-C x 0.200" grid [3.96mm x 5.08mm].
• Greater design latitude.
3 body materials: Diallyl phthalate, phenolic and glass-
filled polyester.
6 contact termination styles.
8 body sizes.
7 mounting styles.
• Bifurcated bellows contacts provide 2 flexing contact
surfaces to assure positive contact.
• Accepts PC board thickness of 0.054" - 0.071"
[1.37mm -1.80mm].
• Polarization between contact positions in all sizes.
• Selective gold plating.
• Recognized under the Component Program of
Underwriters Laboratories, Inc. Listed under File
E65524, Project 77CH3889.
ELECTRICAL SPECIFICATIONS
Current Rating: 5 amps.
Test Voltage Between Contacts:
At sea level: 1800VRMS.
At 70,000 feet [21,336 meters]: 450VRMS.
Insulation Resistance: 5000 Megohm minimum at
500VDC potential.
Contact Resistance: 30 millivolts maximum at rated
current (with gold plating).
Operating Temperature: - 55
°C to + 125°C.
Humidity: 96 hours at 90% relative humidity at + 40
°C,
dried at room temperature for 3 hours minimum, insulation
resistance 5000 Megohm.
Durability: (With gold plating.) After 500 cycles of insertion
and withdrawal of 0.070" [1.78mm] thick steel test gauge,
contact resistance less than 0.030V at 5 amps and individual
contact retention force when measured with a 0.054" [1.37mm]
thick steel test pin greater than 1/2 ounce.
Shock: Three 50g shocks in each of 3 mutually perpendicular
planes with no loss of continuity.
Vibration: 2 hours in each of 3 mutually perpendicular planes,
frequency sweep 10 to 55cps at 0.06 double amplitude with
no loss of continuity.
APPLICATIONS
For use with 0.062" [1.57mm] printed circuit boards requiring
an edgeboard type connector on .156" [3.96mm] centers.
PHYSICAL SPECIFICATIONS
Contact Type: Bifurcated bellows.
Number of Contacts: 6, 10, 12, 15, 18, 22, 24, 25 per side.
Contact Spacing: 0.156" [3.96mm] center to center.
Card Thickness: 0.054" to 0.071" [1.37mm to 1.80mm].
Card Slot Depth: 0.330" [8.38mm], dual readout.
MATERIAL SPECIFICATIONS
Body:
“1” glass-filled diallyl phthalate per MIL-M-14, Type SDG-F
green, flame retardant (UL 94V-0).
“2” glass-filled phenolic per MIL-M-14, Type MFH dark green,
flame retardant (UL 94V-0).
“3” thermoplastic polyester, glass-filled, black, flame
retardant (UL 94V-0).
“5” thermoplastic polyphenylene sulfied, glass-filled, brown,
flame retardant (UL 94V-0).
Contacts: Phosphor bronze.
Polarizing Key: Glass reinforced nylon, flame retardant
(UL 94V-O).
Contact Plating: Gold (See Ordering Information).
NOTE: High temperature burn-in, edgeboard connectors,
0.156" [3.96mm] center to center are on page 20 of this catalog.
SG = Selective Gold Plating
(0.00003" [0.000762mm]
minimum thick) on contact
area with Gold Flash on
terminal.
SGF = Selective Gold Plating
(0.00001" [0.000254mm]
minimum thick) on contact
area with Gold Flash on
terminal.
All Gold Plating over 0.00005"
[0.00127mm] minimum Nickel
Underplate.
Contact factory for additional
plating options.
Key(s)
are
located
to
right
of
position(s)
designated.
Required
only
when
polarizing
keys are to
be
factory
installed.
ORDERING INFORMATION
EB8
MODEL
1
BODY
MATERIAL
Optional Body
Material
1 = Diallyl
Phthalate
2 = Phenolic
3 = Glass-filled
Polyester
5 = Glass-filled
Polyphenylene
Sulfied
B
OPTIONAL
CONTACTS
A, C, D,
K, L or E
A
STANDARD
TERMINAL
VARIATIONS
22
CONTACTS
6, 10, 12,
15, 18, 22,
24 or 25
SG
CONTACT
PLATING
X
MOUNTING
VARIATIONS
A
POLARIZING
KEY
POSITIONS
Beryllium Copper
contacts optional.
Available in “A” and
“E” contact styles
only.
(Omit
for
standard.)


Similar Part No. - EB83BE18SGXA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB83BE18SGXA VISHAY-EB83BE18SGXA Datasheet
124Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
More results

Similar Description - EB83BE18SGXA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EB8 VISHAY-EB8_09 Datasheet
124Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7D VISHAY-EB7D Datasheet
178Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision 14-Aug-02
EB7D VISHAY-EB7D_09 Datasheet
138Kb / 4P
   Edgeboard Connectors, Dual Readout
Revision: 16-Feb-09
EB7S VISHAY-EB7S Datasheet
145Kb / 3P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_08 Datasheet
162Kb / 4P
   Edgeboard Connectors, Single Readout
Revision 14-Aug-02
EB7S VISHAY-EB7S_09 Datasheet
127Kb / 4P
   Edgeboard Connectors, Single Readout
Revision: 16-Feb-09
EB4678 VISHAY-EB4678 Datasheet
202Kb / 8P
   Edgeboard Connectors 200°C Burn-In Connectors, Dual Readout
Revision 14-Aug-02
EB6 VISHAY-EB6_V01 Datasheet
194Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" (3.17 mm) C-C, Standard and Right Angle Terminals
01-Jan-2022
EB6 VISHAY-EB6 Datasheet
148Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.125" [3.17mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
EB4 VISHAY-EB4 Datasheet
158Kb / 4P
   Edgeboard Connectors, Dual Readout, 0.100" [2.54mm] C-C, Standard and Right Angle Terminals
Revision 14-Aug-02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com