Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK30NHS3LL Datasheet(PDF) 3 Page - STMicroelectronics

Part # STK30NHS3LL
Description  N-channel 30 V - 0.0028 廓 - 30 A - PolarPAK짰 STripFET??Power MOSFET plus monolithic Schottky
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK30NHS3LL Datasheet(HTML) 3 Page - STMicroelectronics

  STK30NHS3LL Datasheet HTML 1Page - STMicroelectronics STK30NHS3LL Datasheet HTML 2Page - STMicroelectronics STK30NHS3LL Datasheet HTML 3Page - STMicroelectronics STK30NHS3LL Datasheet HTML 4Page - STMicroelectronics STK30NHS3LL Datasheet HTML 5Page - STMicroelectronics STK30NHS3LL Datasheet HTML 6Page - STMicroelectronics STK30NHS3LL Datasheet HTML 7Page - STMicroelectronics STK30NHS3LL Datasheet HTML 8Page - STMicroelectronics STK30NHS3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STK30NHS3LL
Electrical ratings
3/13
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
30
V
VGS
(1)
1.
Continuous mode
Gate-source voltage
± 16
V
VGS
(2)
2.
Guaranteed for test time < 15ms
Gate-source voltage
± 18
V
ID
(4)
Drain current (continuous) at TC = 25°C
30
A
ID
Drain current (continuous) at TC = 100°C
18.75
A
IDM
(3)
3.
Pulse width limited by package
Drain current (pulsed)
120
A
PTOT
(4)
4.
When mounted on FR-4 board of 1inch2, 2 oz. Cu. and
≤10sec
Total dissipation at TC = 25°C
5.2
W
Derating factor
0.0416
W/°C
EAS
(5)
5.
Starting TJ = 25°C, ID = 15A, VDD = 25V
Single pulse avalanche energy
TBD
J
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Typ.
Max.
Unit
Rthj-amb(1)
1.
When mounted on FR-4 board of 1inch2, 2 oz. Cu. and
≤10sec
Thermal resistance junction-amb
20
24
°C/W
Rthj-c(2)
2.
Steady state
Thermal resistance junction-case (top drain)
0.8
1
°C/W
Rthj-c(3)
3.
Measured at Source pin when the device is mounted on FR-4 board in steady state
Thermal resistance junction-case (source)
2.2
2.7
°C/W


Similar Part No. - STK30NHS3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STK30N2LLH5 STMICROELECTRONICS-STK30N2LLH5 Datasheet
334Kb / 13P
   N-channel 25 V, 0.0024 廓, 30 A, PolarPAK짰 STripFET?줧 Power MOSFET
More results

Similar Description - STK30NHS3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STK30N2LLH5 STMICROELECTRONICS-STK30N2LLH5 Datasheet
334Kb / 13P
   N-channel 25 V, 0.0024 廓, 30 A, PolarPAK짰 STripFET?줧 Power MOSFET
STK20N3LLH5 STMICROELECTRONICS-STK20N3LLH5 Datasheet
334Kb / 13P
   N-channel 30 V, 0.006 廓, 20 A, PolarPAK짰 STripFET?줧 Power MOSFET
STK28N3LLH5 STMICROELECTRONICS-STK28N3LLH5 Datasheet
336Kb / 13P
   N-channel 30 V, 0.0035 廓, 28 A, PolarPAK짰 STripFET?줧 Power MOSFET
STK38N3LLH5 STMICROELECTRONICS-STK38N3LLH5 Datasheet
323Kb / 13P
   N-channel 30 V, 0.0014廓, 38 A, PolarPAK짰 STripFET?줧 Power MOSFET
logo
List of Unclassifed Man...
STS20NHS3LL ETC1-STS20NHS3LL Datasheet
428Kb / 9P
   N-CHANNEL 30 V - 0.0032 廓 - 20 A SO-8 STripFET?줚II MOSFET PLUS MONOLITHIC SCHOTTKY
logo
STMicroelectronics
STL105NS3LLH7 STMICROELECTRONICS-STL105NS3LLH7 Datasheet
1Mb / 16P
   N-channel 30 V, 0.0033 廓 typ., 27 A STripFET??H7 Power MOSFET plus monolithic Schottky in a PowerFLAT??5x6
April 2015 Rev 4
STK32N4LLH5 STMICROELECTRONICS-STK32N4LLH5 Datasheet
321Kb / 13P
   N-channel 40 V, 0.0017 廓, 32 A, PolarPAK짰 STripFET??V Power MOSFET
STK820 STMICROELECTRONICS-STK820 Datasheet
305Kb / 14P
   N-channel 25 V - 0.0058 廓 - 21 A - PolarPAK짰 STripFET??Power MOSFET
STK820 STMICROELECTRONICS-STK820_08 Datasheet
468Kb / 15P
   N-channel 25 V - 0.0058 廓 - 21 A - PolarPAK짰 STripFET??Power MOSFET
STK822 STMICROELECTRONICS-STK822 Datasheet
462Kb / 15P
   N-channel 25 V - 0.00175 廓 - 38 A - PolarPAK짰 STripFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com