Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK32N4LLH5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STK32N4LLH5
Description  N-channel 40 V, 0.0017 廓, 32 A, PolarPAK짰 STripFET??V Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK32N4LLH5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STK32N4LLH5 Datasheet HTML 2Page - STMicroelectronics STK32N4LLH5 Datasheet HTML 3Page - STMicroelectronics STK32N4LLH5 Datasheet HTML 4Page - STMicroelectronics STK32N4LLH5 Datasheet HTML 5Page - STMicroelectronics STK32N4LLH5 Datasheet HTML 6Page - STMicroelectronics STK32N4LLH5 Datasheet HTML 7Page - STMicroelectronics STK32N4LLH5 Datasheet HTML 8Page - STMicroelectronics STK32N4LLH5 Datasheet HTML 9Page - STMicroelectronics STK32N4LLH5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Test circuits
STK32N4LLH5
6/13
3
Test circuits
Figure 2.
Switching times test circuit for
resistive load
Figure 3.
Gate charge test circuit
Figure 4.
Test circuit for inductive load
switching and diode recovery times
Figure 5.
Unclamped inductive load test
circuit
Figure 6.
Unclamped inductive waveform
Figure 7.
Switching time waveform


Similar Part No. - STK32N4LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STK32N4LLF5 STMICROELECTRONICS-STK32N4LLF5 Datasheet
238Kb / 12P
   N-channel 40 V, 0.0017 Ω, 32 A, PolarPAK® STripFET™ V Power MOSFET
January 2009
More results

Similar Description - STK32N4LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STK40N2LLH5 STMICROELECTRONICS-STK40N2LLH5 Datasheet
320Kb / 13P
   N-channel 25 V, 0.0014 廓, 40 A, PolarPAK짰 STripFET??V Power MOSFET
STK24N4LLH5 STMICROELECTRONICS-STK24N4LLH5 Datasheet
335Kb / 13P
   N-channel 40 V, 0.0046 廓, 24 A, PolarPAK짰 STripFET?줧 Power MOSFET
STK32N4LLF5 STMICROELECTRONICS-STK32N4LLF5 Datasheet
238Kb / 12P
   N-channel 40 V, 0.0017 Ω, 32 A, PolarPAK® STripFET™ V Power MOSFET
January 2009
STK820 STMICROELECTRONICS-STK820 Datasheet
305Kb / 14P
   N-channel 25 V - 0.0058 廓 - 21 A - PolarPAK짰 STripFET??Power MOSFET
STK820 STMICROELECTRONICS-STK820_08 Datasheet
468Kb / 15P
   N-channel 25 V - 0.0058 廓 - 21 A - PolarPAK짰 STripFET??Power MOSFET
STK822 STMICROELECTRONICS-STK822 Datasheet
462Kb / 15P
   N-channel 25 V - 0.00175 廓 - 38 A - PolarPAK짰 STripFET??Power MOSFET
STK30N2LLH5 STMICROELECTRONICS-STK30N2LLH5 Datasheet
334Kb / 13P
   N-channel 25 V, 0.0024 廓, 30 A, PolarPAK짰 STripFET?줧 Power MOSFET
STL140N4LLF5 STMICROELECTRONICS-STL140N4LLF5 Datasheet
245Kb / 10P
   N-channel 40 V, 0.00275 廓, 32 A, PowerFLAT??(5x6) STripFET??V Power MOSFET
STK20N3LLH5 STMICROELECTRONICS-STK20N3LLH5 Datasheet
334Kb / 13P
   N-channel 30 V, 0.006 廓, 20 A, PolarPAK짰 STripFET?줧 Power MOSFET
STK28N3LLH5 STMICROELECTRONICS-STK28N3LLH5 Datasheet
336Kb / 13P
   N-channel 30 V, 0.0035 廓, 28 A, PolarPAK짰 STripFET?줧 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com