Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKS00JG333L00 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # EKS00JG333L00
Description  Aluminum Capacitors Radial Style
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EKS00JG333L00 Datasheet(HTML) 2 Page - Vishay Siliconix

  EKS00JG333L00 Datasheet HTML 1Page - Vishay Siliconix EKS00JG333L00 Datasheet HTML 2Page - Vishay Siliconix EKS00JG333L00 Datasheet HTML 3Page - Vishay Siliconix EKS00JG333L00 Datasheet HTML 4Page - Vishay Siliconix EKS00JG333L00 Datasheet HTML 5Page - Vishay Siliconix EKS00JG333L00 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number: 25007
For technical questions contact: aluminumcaps3@vishay.com
www.vishay.com
Revision: 18-Aug-04
243
EKS
Aluminum Capacitors
Radial Style
Vishay Roederstein
DIMENSIONS in millimeters AND AVAILABLE FORMS
Lmax
15 min
Casing Insulation
4 min
5
≤ ØD ≤ 18 Long leads EKS 00...
Lmax
4.5 ± 0.5
5
≤ ØD ≤ 18 Shortened leads EKS 05...
(S = 2 / 2.5 / 3.5 / 5 / 7.5 mm)
4.5 ± 0.5
2 ± 0.2
10
≤ ØD ≤ 18 Leads shortened and formed EKS 06...
(S = 5 / 7.5 mm)
2 max
4.5 ± 0.5
5
≤ ØD ≤ 8 Leads bent open, shortened EKS 09...
(S = 5 mm)
2 max
2 max
4.5±0.5
5
≤ ØD ≤ 8 Leads bent open, shortened and formed EKS 09...
(S = 5 mm)
RADIAL STYLE: DIMENSIONS in millimeters
NOMINAL CASE SIZE
∅D x L
MAXIMUM SIZE
DMAX. x LMAX.
LEAD
∅d ± 0.05
LEAD SPACING
S ± 0.5
5 x 11
5.5 x 12.0
0.5
2.0
6.3 x 11
6.8 x 12.0
0.5
2.5
8 x 11.5
8.5 x 12.5
0.6
3.5
10 x 12.5
10.5 x 14.5
0.6
5.0
10 x 16
10.5 x 18.0
0.6
5.0
10 x 20
10.5 x 22.0
0.6
5.0
13 x 16
13.5 x 18.0
0.6
5.0
13 x 20
13.5 x 22.0
0.6
5.0
13 x 25
13.5 x 27.0
0.6
5.0
16 x 25
16.5 x 27.0
0.8
7.5
16 x 31.5
16.5 x 33.5
0.8
7.5
18 x 35.5
16.5 x 37.5
0.8
7.5
16 x 40
16.5 x 42.0
0.8
7.5
18 x 35.5
18.5 x 37.5
0.8
7.5
18 x 40
18.5 x 42.0
0.8
7.5


Similar Part No. - EKS00JG333L00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
EKS-LM3S6965 TI-EKS-LM3S6965 Datasheet
82Kb / 2P
[Old version datasheet]   Stellaris LM3S6965 Ethernet Evaluation Kit
logo
SICK AG
EKS36-0JF0A018A SICK-EKS36-0JF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKS36-0JF0A020A SICK-EKS36-0JF0A020A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKS36-0KF0A018A SICK-EKS36-0KF0A018A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
EKS36-0KF0A020A SICK-EKS36-0KF0A020A Datasheet
936Kb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
More results

Similar Description - EKS00JG333L00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKE VISHAY-EKE Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 15-Jul-08
EKB VISHAY-EKB Datasheet
113Kb / 9P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com